công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8582AN bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD8582AN
Giải thích chi tiết về linh kiện  5 Volt, Parallel Input Complete Dual 12-Bit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8582AN bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD8582AN Datasheet HTML 1Page - Analog Devices AD8582AN Datasheet HTML 2Page - Analog Devices AD8582AN Datasheet HTML 3Page - Analog Devices AD8582AN Datasheet HTML 4Page - Analog Devices AD8582AN Datasheet HTML 5Page - Analog Devices AD8582AN Datasheet HTML 6Page - Analog Devices AD8582AN Datasheet HTML 7Page - Analog Devices AD8582AN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AD8582
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
a
FUNCTIONAL BLOCK DIAGRAM
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
The high speed parallel data interface connects to the fastest
processors without wait states. The double-buffered input struc-
ture allows the user to load the input registers one at a time,
then a single load strobe tied to both LDA + LDB inputs will
update both DAC outputs simultaneously. LDA and LDB can
also be activated independently to immediately update their re-
spective DAC registers. An address input decodes DAC A or
DAC B when the chip select CS input is strobed. An asynchro-
nous reset input sets the output to zero scale. The MSB bit can
be used to establish a preset to midscale when the reset input is
strobed.
The AD8582 is available in the 24-pin plastic DIP and the sur-
face mount SOIC-24. Each part is fully specified for operation
over –40
°C to +85°C, and the full +5 V ± 5% power supply
range.
FEATURES
Complete Dual 12-Bit DAC
No External Components
Single +5 Volt Operation
1 mV/Bit with 4.095 V Full Scale
True Voltage Output,
±5 mA Drive
Very Low Power: 5 mW
APPLICATIONS
Digitally Controlled Calibration
Portable Equipment
Servo Controls
Process Control Equipment
PC Peripherals
+5 Volt, Parallel Input
Complete Dual 12-Bit DAC
GENERAL DESCRIPTION
The AD8582 is a complete, parallel input, dual 12-bit, voltage
output DAC designed to operate from a single +5 volt supply.
Built using a CBCMOS process, this monolithic DAC offers the
user low cost, and ease-of-use in +5 volt only systems.
Included on the chip, in addition to the DACs, are a rail-to-rail
amplifier, latch and reference. The reference (VREF) is trimmed
to 2.5 volts output, and the on-chip amplifier gains up the DAC
output to 4.095 volts full scale. The user needs only supply a +5
volt supply.
The AD8582 is coded natural binary. The op amp output
swings from 0 volt to +4.095 volts for a one-millivolt-per-bit
resolution, and is capable of driving
±5 mA. Operation down to
4.3 V is possible with output load currents less than 1 mA.
DATA
REFERENCE
12-BIT
DAC A
DAC A
REGISTER
INPUT A
REGISTER
12-BIT
DAC B
DAC B
REGISTER
INPUT B
REGISTER
12
12
2
12
VDD
VOUTA
VOUTB
VREF
AGND
DGND
MSB
RST
LDA
CS
A/B
LDB
AD8582
OUTPUT LOAD CURRENT – mA
5.0
4.4
4.0
0.01
0.1
100
10
1.0
4.2
4.6
4.8
∆VFS
1 LSB
DATA = FFFH
TA = +25°C
PROPER OPERATION
WHEN VDD SUPPLY
VOLTAGE ABOVE
CURVE
Figure 1. Minimum Supply Voltage vs. Load
2.0
–2.0
4096
–1.0
–1.5
0
0.0
–0.5
0.5
1.0
1.5
3072
2048
1024
DIGITAL INPUT CODE – Decimal
V
DD
= +5V
T
A
= –55°C, +25°C, +85°C
= +25°C & +85°C
= –55°C
Figure 2. Linearity Error vs. Digital Code and Temperature


Số phần tương tự - AD8582AN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8582AN AD-AD8582AN Datasheet
309Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582AN AD-AD8582AN Datasheet
192Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582ANZ AD-AD8582ANZ Datasheet
192Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
More results

Mô tả tương tự - AD8582AN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8582ANZ AD-AD8582ANZ Datasheet
192Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582 AD-AD8582_15 Datasheet
312Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582 AD-AD8582 Datasheet
309Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
DAC8562 AD-DAC8562 Datasheet
636Kb / 16P
   5 Volt, Parallel Input Complete 12-Bit DAC
REV. A
DAC8562FSZ AD-DAC8562FSZ Datasheet
639Kb / 16P
   5 Volt, Parallel Input Complete 12-Bit DAC
REV. A
DAC8562 AD-DAC8562_15 Datasheet
639Kb / 16P
   5 Volt, Parallel Input Complete 12-Bit DAC
AD8522ARZ AD-AD8522ARZ Datasheet
244Kb / 8P
   5 Volt, Serial Input, Dual 12-Bit DAC
REV. A
AD8522 AD-AD8522 Datasheet
240Kb / 8P
   5 Volt, Serial Input, Dual 12-Bit DAC
REV. A
AD8300 AD-AD8300 Datasheet
245Kb / 8P
   3 Volt, Serial Input Complete 12-Bit DAC
REV. A
AD8300 AD-AD8300_15 Datasheet
244Kb / 8P
   3 Volt, Serial Input Complete 12-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com