công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7888ARUZ bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện AD7888ARUZ
Giải thích chi tiết về linh kiện  2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7888ARUZ bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button AD7888ARUZ Datasheet HTML 7Page - Analog Devices AD7888ARUZ Datasheet HTML 8Page - Analog Devices AD7888ARUZ Datasheet HTML 9Page - Analog Devices AD7888ARUZ Datasheet HTML 10Page - Analog Devices AD7888ARUZ Datasheet HTML 11Page - Analog Devices AD7888ARUZ Datasheet HTML 12Page - Analog Devices AD7888ARUZ Datasheet HTML 13Page - Analog Devices AD7888ARUZ Datasheet HTML 14Page - Analog Devices AD7888ARUZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AD7888
–11–
MODES OF OPERATION
The AD7888 has a number of different modes of operation.
These are designed to provide flexible power management
options. These options can be chosen to optimize the power
dissipation/throughput rate ratio for differing application require-
ments. The modes of operation are controlled by the PM1 and
PM0 bits of the Control Register as outlined previously.
Normal Mode (PM1 = 0, PM0 = 0)
This mode is intended for fastest throughput rate performance
as the user does not have to worry about any power-up times
with the AD7888 remaining fully powered all the time. Figure
13 shows the general diagram of the operation of the AD7888 in
this mode.
The data presented to the AD7888 on the DIN line during the
first eight clock cycles of the data transfer are loaded to the
Control Register. The part will remain powered up at the end of
the conversion as long as PM1 and PM0 were set to zero in the
write during that conversion. To continue to operate in this
mode, the user must ensure that PM1 and PM0 are both loaded
with 0 on every data transfer.
The falling edge of
CS initiates the sequence and the input
signal is sampled on the second rising edge of the SCLK input.
Sixteen serial clock cycles are required to complete the conver-
sion and access the conversion result. Once a data transfer is
complete (
CS has returned high), another conversion can be
initiated immediately by bringing
CS low again.
Full Shutdown (PM1 = 0, PM0 = 1)
In this mode, all internal circuitry on the AD7888, including the
on-chip reference, is powered-down. The part retains the infor-
mation in the Control Register during full shutdown. The part
remains in full shutdown until the power management bits are
changed. If the power management bits are changed to PM1 = 1
and PM0 = 0, i.e., the autoshutdown mode, the part will remain
in shutdown (now in autoshutdown) but will power up once a
conversion is initiated after that (see Power-Up Times section).
The part changes mode as soon as the control register has been
updated, so if the part is in full shutdown mode and the power
management bits are changed to PM1 = PM0 = 0, i.e., normal
mode, then the part will power up on the 16th SCLK rising edge.
Autoshutdown (PM1 = 1, PM0 = 0)
In this mode, the AD7888 automatically enters its power-down
mode at the end of every conversion. Figure 14a shows the
general diagram of the operation of the AD7888 in this mode.
When
CS goes from high to low, all on-chip circuitry will start
to power up on the next falling edge of SCLK. On the sixteenth
SCLK rising edge the part will power down again. It takes
approximately 5
µs for the AD7888 internal circuitry to be fully
powered up. As a result, a conversion (or sample-and-hold
acquisition) should not be initiated during this 5
µs. The input
signal is sampled on the second rising edge of SCLK following
the
CS falling edge. The user should ensure that 5
µs elapse
between the first falling edge of SCLK after the falling edge of
SCLK
4 LEADING ZEROES + CONVERSION RESULT
CS
DOUT
DATA IN
DIN
THE PART REMAINS POWERED UP
AT ALL TIMES AS PM1 AND PM0 = 0
1
16
CONTROL REGISTER DATA IS LOADED ON THE
FIRST 8 CLOCKS. PM1 AND PM0 = 0 TO KEEP
THE PART IN THIS MODE
Figure 13. Normal-Mode Operation
SCLK
4 LEADING ZEROES + CONVERSION RESULT
CS
DOUT
DATA IN
DIN
THE PART POWERS UP FROM
SHUTDOWN ON SCLK FALLING EDGE AS
PM1 = 1 AND PM0 = 0
1
16
4 LEADING ZEROES + CONVERSION RESULT
DATA IN
1
16
2
t10 = 5 s
THE PART ENTERS
SHUTDOWN AT THE END OF
CONVERSION AS PM1 = 1 AND PM0 = 0
CONTROL REGISTER DATA IS LOADED ON THE
FIRST 8 CLOCKS. PM1 = 1 AND PM0 = 0
PM1 = 1 AND PM0 = 0 TO KEEP THE
PART IN THIS MODE
Figure 14a. Autoshutdown Operation
REV. C


Số phần tương tự - AD7888ARUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7888ARUZ AD-AD7888ARUZ Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARUZ AD-AD7888ARUZ Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7888ARUZ-REEL AD-AD7888ARUZ-REEL Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
More results

Mô tả tương tự - AD7888ARUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7888 AD-AD7888_10 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888 AD-AD7888 Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
AD7887 AD-AD7887_09 Datasheet
444Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
AD7887 AD-AD7887_15 Datasheet
392Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Rev. E
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com