công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD5444YRMZ-REEL7 bảng dữ liệu(PDF) 6 Page - Analog Devices |
|
AD5444YRMZ-REEL7 bảng dữ liệu(HTML) 6 Page - Analog Devices |
6 / 28 page AD5444/AD5446 Data Sheet Rev. E | Page 6 of 28 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Transient currents of up to 100 mA do not cause SCR latch-up. Table 3. Parameter Rating VDD to GND −0.3 V to +7 V VREF, RFB to GND −12 V to +12 V IOUT1, IOUT2 to GND −0.3 V to +7 V Logic Inputs and Outputs1 −0.3 V to VDD + 0.3 V Input Current (All Pins Except Supplies) ±10 mA Operating Temperature Range −40°C to +125°C Extended (Y Version) Storage Temperature Range −65°C to +150°C Junction Temperature 150°C 10-lead MSOP θJA Thermal Impedance 206°C/W Lead Temperature, Soldering (10 sec) 300°C IR Reflow, Peak Temperature (<20 sec) 235°C 1 Overvoltages at SCLK, SYNC, and SDIN are clamped by internal diodes. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Only one absolute maximum rating can be applied at any one time. IOL 200µA TO OUTPUT PIN 200µA IOH CL 20pF VOH (MIN) +VOL (MAX) 2 Figure 4. Load Circuit for SDO Timing Specifications ESD CAUTION |
Số phần tương tự - AD5444YRMZ-REEL7 |
|
Mô tả tương tự - AD5444YRMZ-REEL7 |