công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD2S44-UM18B bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD2S44-UM18B
Giải thích chi tiết về linh kiện  Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD2S44-UM18B bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD2S44-UM18B Datasheet HTML 4Page - Analog Devices AD2S44-UM18B Datasheet HTML 5Page - Analog Devices AD2S44-UM18B Datasheet HTML 6Page - Analog Devices AD2S44-UM18B Datasheet HTML 7Page - Analog Devices AD2S44-UM18B Datasheet HTML 8Page - Analog Devices AD2S44-UM18B Datasheet HTML 9Page - Analog Devices AD2S44-UM18B Datasheet HTML 10Page - Analog Devices AD2S44-UM18B Datasheet HTML 11Page - Analog Devices AD2S44-UM18B Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD2S44
Data Sheet
Rev. B | Page 10 of 12
Ka does not define maximum acceleration; it defines only the
error due to acceleration. The maximum acceleration of which
the AD2S44 keeps track is approximate to 5 × Ka = 310,000°/sec2
or about 800 revolutions/sec2.
Ka can be used to predict the output position error due to input
acceleration. For example, an acceleration of 50 revolutions/sec2
with Ka = 62,000 is calculated using the following equation:
[
]
=
=
−2
2
sec
sec
a
K
LSB
on
Accelerati
Input
LSBs
in
Errors
[
]
LSBs
rev
LSB
rev
2
.
13
sec
000
,
62
2
sec
50
2
14
2
=
×
RELIABILITY
The reliability of these products is very high due to the extensive
use of custom chip circuits that decrease the active component
count. Calculations of the MTBF figure under various environ-
mental conditions are available upon request from Analog
Devices.
Figure 9 shows the MTBF in years vs. case temperature for
Naval Sheltered conditions calculated in accordance with the
Mil-Hdbk-217E.
TEMPERATURE (°C)
100
10
1
25
65
45
85
105
125
Figure 9. MTBF vs. Temperature
PROCESSING FOR HIGH RELIABILITY (B SUFFIX)
As a part of the high reliability manufacturing procedure, all
converters receive the processing shown in Table 6.
Table 6.
Process1
Conditions
Precap Visual Inspection
MIL-STD-883, Method 2017
Temperature Cycling
10 cycles, –65°C to +150°C
Constant Acceleration
5000 Gs, Y1 plane
Interim Electrical Tests
@ 25°C
Operating Burn In
160 hours @ 125°C
Seal Test, Fine and Gross
MIL-STD-883, Method 1014
Final Electrical Test
Performed at TMIN, TAMB, TMAX
External Visual Inspection
MIL-STD-883, Method 2009
1
Test and screening data supplied by request.
OTHER PRODUCTS
Analog Devices manufactures many other products concerned
with the conversion of synchro/resolver data, such as the
SDC/RDC1740 series and the AD2S80A series.
Hybrid
The SDC/RDC1740 is a hybrid synchro/resolver-to-digital
converter with internal isolating micro transformers.
Monolithic
The AD2S80A series are ICs performing resolver-to-digital
conversion with accuracies up to ±2 arc minutes and 16-bit
resolution.


Số phần tương tự - AD2S44-UM18B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD2S44-UM18B AD-AD2S44-UM18B Datasheet
338Kb / 13P
   Dual Channel Synchro/Resolver-to-Digital Converter
More results

Mô tả tương tự - AD2S44-UM18B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD2S44 AD-AD2S44 Datasheet
389Kb / 8P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
AD2S44 AD-AD2S44_15 Datasheet
310Kb / 12P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
REV. B
AD2S46 AD-AD2S46_15 Datasheet
2Mb / 8P
   LOW COST 16 BIT SYNCHRO RESOLVER TO DIGITAL CONVERTER
REV. 0
AD2S44 AD-AD2S44_17 Datasheet
338Kb / 13P
   Dual Channel Synchro/Resolver-to-Digital Converter
SDC-RDC1700 AD-SDC-RDC1700_15 Datasheet
2Mb / 6P
   LOW PROFILE SYNCHRO RESOLVER TO DIGITAL CONVERTER
SDC1768 AD-SDC1768 Datasheet
711Kb / 6P
   12- AND 14- BIT HYBRID SYNCHRO / RESOLVER TO DIGITAL CONVERTERS
SDC174A411 AD-SDC174A411 Datasheet
3Mb / 8P
   12-and 14-bit hybrid Synchro/Resolver-to Digital Converters
SDC1768 AD-SDC1768_15 Datasheet
2Mb / 6P
   12 AND 14 BIT HYBRID SYNCHRO RESOLVER TO DIGITAL CONVERTERS
SDC1740 AD-SDC1740 Datasheet
363Kb / 8P
   12- and 14-Bit Hybrid Synchro/ Resolver-to-Digital Converters
REV. A
RDC1740-418B AD-RDC1740-418B Datasheet
3Mb / 8P
   12-and 14-Bit Hybrid Synchro/Resolver-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com