công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD573JN bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện AD573JN
Giải thích chi tiết về linh kiện  10-Bit A/D Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD573JN bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button AD573JN Datasheet HTML 2Page - Analog Devices AD573JN Datasheet HTML 3Page - Analog Devices AD573JN Datasheet HTML 4Page - Analog Devices AD573JN Datasheet HTML 5Page - Analog Devices AD573JN Datasheet HTML 6Page - Analog Devices AD573JN Datasheet HTML 7Page - Analog Devices AD573JN Datasheet HTML 8Page - Analog Devices AD573JN Datasheet HTML 9Page - Analog Devices AD573JN Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AD573
–8–
It is also possible to write a faster-executing assembly-language
routine to control the AD573. Such a routine will require a de-
lay between starting and reading the converter. This can be eas-
ily implemented by calling the Apple’s WAIT subroutine (which
resides at location $FCA8) after loading the accumulator with a
number greater than or equal to two.
8085-Series Microprocessor Interface
The AD573 can also be used with 8085-series microprocessors.
These processors use separate control signals for RD and WR,
as opposed to the single R/W control signal used in the 6800/
6500 series processors.
There are two constraints related to operation of the AD573
with 8085-series processors. The first problem is the width of
the CONVERT pulse. The circuit shown in Figure 17 (essen-
tially the same as that shown in Figure 13) will produce a wide
enough CONVERT pulse when the 8085 is running at 5 MHz.
For 8085 systems running at slower clock rates (3 MHz), the
flip-flop-based circuit can be eliminated since the WR pulse will
be approximately 500 ns wide.
The other consideration is the access time of the AD573’s three-
state output data buffers, which is 250 ns maximum. It may be
necessary to insert wait states during RD operations from the
AD573. This will not be a problem in systems using memories
with comparable access times, since wait states will have already
been provided in the basic system design.
Figure 17. AD573–8085A Interface Connections
The following assembly-language subroutine can be used to
control an AD573 residing at memory locations 3000H and
3001H. The 10 bits of data are returned (left-justified) in the
DE register pair.
ADC:
LXI H, 3000 ; LOAD HL WITH AD573 ADDRESS
MOV M, A
; START CONVERSION
MVI B, 06
; LOAD DELAY PERIOD
LOOP: DCR B
; DELAY LOOP
JNZ LOOP
;
MOV A, M
; READ LOW BYTE
ANI C0
; MASK LOWER 6 BITS
MOV E, A
; STORE CLEAN LOW BYTE IN E
INR L
; LOAD HIGH BYTE ADDRESS
MOV D, M
; MOVE HIGH BYTE TO D
RET
; EXIT
REV. B


Số phần tương tự - AD573JN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD573JN AD-AD573JN Datasheet
327Kb / 8P
   10-Bit A/D Converter
REV. A
AD573JN AD-AD573JN Datasheet
517Kb / 11P
   10-Bit A/D Converter
AD573JNZ AD-AD573JNZ Datasheet
517Kb / 11P
   10-Bit A/D Converter
More results

Mô tả tương tự - AD573JN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD571 AD-AD571 Datasheet
295Kb / 8P
   10-Bit A/D Converter
REV. A
logo
NEC
UPC667 NEC-UPC667 Datasheet
73Kb / 12P
   10-BIT D/A CONVERTER
logo
Toshiba Semiconductor
TC35083P TOSHIBA-TC35083P Datasheet
305Kb / 11P
   10-BIT A-D CONVERTER
logo
Analog Devices
AD571 AD-AD571_17 Datasheet
563Kb / 9P
   10-Bit A/D Converter
AD573 AD-AD573 Datasheet
327Kb / 8P
   10-Bit A/D Converter
REV. A
AD573 AD-AD573_17 Datasheet
517Kb / 11P
   10-Bit A/D Converter
logo
Sony Corporation
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
logo
Fujitsu Component Limit...
MB40760 FUJITSU-MB40760 Datasheet
129Kb / 17P
   1CHANNEL 10-BIT D/A CONVERTER
logo
Intersil Corporation
ISLA110P50IRZ INTERSIL-ISLA110P50IRZ Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
July 25, 2011
KAD5510P-50 INTERSIL-KAD5510P-50 Datasheet
430Kb / 26P
   10-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com