công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

744383340056 bảng dữ liệu(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 744383340056
Giải thích chi tiết về linh kiện  WE-MAPI SMD Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744383340056 bảng dữ liệu(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744383340056 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744383340056 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744383340056 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744383340056 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744383340056 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744383340056 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1.0
REV
2013-07-31
DATE
SSt
BY
DDe
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-MAPI SMD Power Inductor
Order.- No.
744383340056
SIZE
A4
Size: 3012
General:
All recommendations according to the general technical specifications of the data-sheet have to be complied with.
The disposal and operation of the product within ambient conditions which probably alloy or harm the wire isolation has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. Accordingly to this the product
is exposed to the pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and
so the electrical as well as the mechanical characteristics are endanger to be affected. After the potting material is cured, the core, wire and
termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply for customer specific products.
Cleaning agents that are used to clean application might damage or change the characteristics of the component, body, pins or termination.
Direct mechanical impact to the product shall be prevented as the iron powder material of the core could flake or in the worst case it could
break.
Product specific:
Follow all instructions mentioned in the datasheet, especially:
•The solder profile has to be complied with according to the technical reflow soldering specification, otherwise no warranty will be sustai-
ned.
•All products shall be used before the end of the period of 12 months based on the product date-code, if not a 100% solderability can´t be
warranted.
•Violation of the technical product specifications such as exceeding the nominal rated current will result in the loss of warranty.
I Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-MAPI
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Số phần tương tự - 744383340056

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
744383340033 WURTH-744383340033 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
744383340047 WURTH-744383340047 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
744383340068 WURTH-744383340068 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
More results

Mô tả tương tự - 744383340056

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
74438321010 WURTH-74438321010 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438335010 WURTH-74438335010 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438335068 WURTH-74438335068 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438323033 WURTH-74438323033 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
744383220047 WURTH-744383220047 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
744383340033 WURTH-744383340033 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438323015 WURTH-74438323015 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438323022 WURTH-74438323022 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438334012 WURTH-74438334012 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438334068 WURTH-74438334068 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438322022 WURTH-74438322022 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com