công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A3157DCKRE4 bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS5A3157DCKRE4
Giải thích chi tiết về linh kiện  10OHM SPDT ANALOG SWITCH
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3157DCKRE4 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button TS5A3157DCKRE4 Datasheet HTML 6Page - Texas Instruments TS5A3157DCKRE4 Datasheet HTML 7Page - Texas Instruments TS5A3157DCKRE4 Datasheet HTML 8Page - Texas Instruments TS5A3157DCKRE4 Datasheet HTML 9Page - Texas Instruments TS5A3157DCKRE4 Datasheet HTML 10Page - Texas Instruments TS5A3157DCKRE4 Datasheet HTML 11Page - Texas Instruments TS5A3157DCKRE4 Datasheet HTML 12Page - Texas Instruments TS5A3157DCKRE4 Datasheet HTML 13Page - Texas Instruments TS5A3157DCKRE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
www.ti.com
Electrical Characteristics for 1.8-V Supply
(1)(Continued)
TS5A3157
10-
Ω SPDT ANALOG SWITCH
SCDS219A – NOVEMBER 2005 – REVISED OCTOBER 2007
V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25
°C
1.8 V
5
15
23
VCOM = 1.3 V,
CL = 35 pF,
Turn-on time
tON
ns
1.65 V to
RL = 300 Ω,
See Figure 17
Full
7
24
1.95 V
25
°C
1.8 V
1
3.5
6.5
VCOM = 1.3 V,
CL = 35 pF,
Turn-off time
tOFF
ns
1.65 V to
RL = 300 Ω,
See Figure 17
Full
1
7.5
1.95 V
25
°C
1.8 V
5.5
7.5
9
Break-before-
VNC = VNO = V+/2,
CL = 35 pF,
tBBM
ns
1.65 V to
make time
RL = 50 Ω,
See Figure 18
Full
5.2
12
1.95 V
VGEN = 0,
CL = 0.1 nF,
Charge injection
QC
25
°C
1.8 V
1
pC
RGEN = 0,
See Figure 22
NO, NC
CNO(OFF),
VNO or VNC = V+ or GND,
OFF
See Figure 16
25
°C
1.8 V
5.5
pF
CNC(OFF)
Switch OFF,
capacitance
NO, NC
CNO(ON),
VNO or VNC = V+ or GND,
See Figure 16
25
°C
1.8 V
17.5
pF
ON capacitance
CNC(ON)
Switch ON,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 16
25
°C
1.8 V
17.5
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 16
25
°C
1.8 V
2.8
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 19
25
°C
1.8 V
300
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25
°C
1.8 V
–65
dB
f = 10 MHz,
See Figure 20
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25
°C
1.8 V
–66
dB
f = 10 MHz,
See Figure 21
Total harmonic
RL = 10 kΩ,
f = 20 Hz to 20 kHz,
THD
25
°C
1.8 V
0.015
%
distortion
CL = 50 pF,
See Figure 23
Supply
25
°C
2.5
5
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
1.95 V
μA
current
Full
10
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
10
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): TS5A3157


Số phần tương tự - TS5A3157DCKRE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A3157DCKRE4 TI-TS5A3157DCKRE4 Datasheet
396Kb / 26P
[Old version datasheet]   10-ohm SPDT ANALOG SWITCH
More results

Mô tả tương tự - TS5A3157DCKRE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
SGM5018 SGMICRO-SGM5018_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
logo
Protek Devices
PAM22LOPR2268 PROTEC-PAM22LOPR2268_15 Datasheet
331Kb / 11P
   SPDT ANALOG SWITCH
logo
Texas Instruments
TS5A23157 TI-TS5A23157 Datasheet
220Kb / 16P
[Old version datasheet]   SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM44603 SGMICRO-SGM44603 Datasheet
357Kb / 12P
   SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157_15 Datasheet
198Kb / 7P
   SPDT Analog Switch
logo
Texas Instruments
TS5A3160 TI1-TS5A3160_15 Datasheet
1Mb / 31P
[Old version datasheet]   SPDT Analog Switch
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com