công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS5A3157DCKRG4 bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
TS5A3157DCKRG4 bảng dữ liệu(HTML) 4 Page - Texas Instruments |
4 / 28 page www.ti.com Electrical Characteristics for 5-V Supply (1) (Continued) TS5A3157 10- Ω SPDT ANALOG SWITCH SCDS219A – NOVEMBER 2005 – REVISED OCTOBER 2007 V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Dynamic 25 °C 5 V 1 6 8.5 VCOM = 3 V, CL = 35 pF, Turn-on time tON ns 4.5 V to RL = 300 Ω, See Figure 17 Full 1 9.5 5.5 V 25 °C 5 V 1 3.5 6.5 VCOM = 3 V, CL = 35 pF, Turn-off time tOFF ns 4.5 V to RL = 300 Ω, See Figure 17 Full 1 7.5 5.5 V 25 °C 5 V 1.8 2 3 Break-before- VNC = VNO = V+/2, CL = 35 pF, tBBM ns 4.5 V to make time RL = 50 Ω, See Figure 18 Full 1.8 3.5 5.5 V VGEN = 0, CL = 0.1 nF, Charge injection QC 25 °C 5 V 7 pC RGEN = 0, See Figure 22 NO, NC CNO(OFF), VNO or VNC = V+ or GND, See Figure 16 25 °C 5 V 5.5 pF OFF capacitance CNC(OFF) Switch OFF, NO, NC CNO(ON), VNO or VNC = V+ or GND, See Figure 16 25 °C 5 V 17.5 pF ON capacitance CNC(ON) Switch ON, COM VCOM = V+ or GND, CCOM(ON) See Figure 16 25 °C 5 V 17.5 pF ON capacitance Switch ON, Digital input CI VI = V+ or GND, See Figure 16 25 °C 5 V 2.8 pF capacitance RL = 50 Ω, Bandwidth BW See Figure 19 25 °C 5 V 300 MHz Switch ON, RL = 50 Ω, Switch OFF, OFF isolation OISO 25 °C 5 V –65 dB f = 10 MHz, See Figure 20 RL = 50 Ω, Switch ON, Crosstalk XTALK 25 °C 5 V –66 dB f = 10 MHz, See Figure 21 Total harmonic RL = 600 Ω, f = 20 Hz to 20 kHz, THD 25 °C 5 V 0.01 % distortion CL = 50 pF, See Figure 23 Supply 25 °C 2.5 5 Positive supply I+ VI = V+ or GND, Switch ON or OFF 5.5 V μA current Full 10 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum. 4 Submit Documentation Feedback Copyright © 2005–2007, Texas Instruments Incorporated Product Folder Link(s): TS5A3157 |
Số phần tương tự - TS5A3157DCKRG4 |
|
Mô tả tương tự - TS5A3157DCKRG4 |