công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74438334047 bảng dữ liệu(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 74438334047
Giải thích chi tiết về linh kiện  WE-MAPI SMD Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74438334047 bảng dữ liệu(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74438334047 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438334047 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438334047 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438334047 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438334047 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438334047 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1.0
REV
2013-07-31
DATE
SSt
BY
DDe
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-MAPI SMD Power Inductor
Order.- No.
74438334047
SIZE
A4
Size: 3012
H1: Classification Reflow Profile for SMT components:
H2: Classification Reflow Profiles
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Ramp-up rate (TL to TP)
Liquidous temperature (TL)
Time (tL) maintained above TL
Peak package body temperature (Tp)
Time within 5°C of actual peak temperature (tp)
Ramp-down rate (TP to TL)
Time 25°C to peak temperature
Pb-Free Assembly
150°C
200°C
60-120 seconds
3°C/ second max.
217°C
60-150 seconds
See Table H3
20-30 seconds
6°C/ second max.
8 minutes max.
refer to IPC/JEDEC J-STD-020D
H3: Package Classification Reflow Temperature
PB-Free Assembly
PB-Free Assembly
PB-Free Assembly
Package Thickness
< 1.6 mm
1.6 - 2.5 mm
≥ 2.5 mm
Volume mm³
<350
260°C
260°C
250°C
Volume mm³
350 - 2000
260°C
250°C
245°C
Volume mm³
>2000
260°C
245°C
245°C
refer to IPC/JEDEC J-STD-020D
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Số phần tương tự - 74438334047

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
744383340033 WURTH-744383340033 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
744383340047 WURTH-744383340047 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
744383340056 WURTH-744383340056 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
744383340068 WURTH-744383340068 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438334010 WURTH-74438334010 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
More results

Mô tả tương tự - 74438334047

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
74438321010 WURTH-74438321010 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438335010 WURTH-74438335010 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438335068 WURTH-74438335068 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438323033 WURTH-74438323033 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
744383220047 WURTH-744383220047 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
744383340033 WURTH-744383340033 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438323015 WURTH-74438323015 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438323022 WURTH-74438323022 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438334012 WURTH-74438334012 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438334068 WURTH-74438334068 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438322022 WURTH-74438322022 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com