công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74FCT2543ATSOCTE4 bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện 74FCT2543ATSOCTE4
Giải thích chi tiết về linh kiện  8-BIT LATCHED TRANSCEIVER WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

74FCT2543ATSOCTE4 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  74FCT2543ATSOCTE4 Datasheet HTML 1Page - Texas Instruments 74FCT2543ATSOCTE4 Datasheet HTML 2Page - Texas Instruments 74FCT2543ATSOCTE4 Datasheet HTML 3Page - Texas Instruments 74FCT2543ATSOCTE4 Datasheet HTML 4Page - Texas Instruments 74FCT2543ATSOCTE4 Datasheet HTML 5Page - Texas Instruments 74FCT2543ATSOCTE4 Datasheet HTML 6Page - Texas Instruments 74FCT2543ATSOCTE4 Datasheet HTML 7Page - Texas Instruments 74FCT2543ATSOCTE4 Datasheet HTML 8Page - Texas Instruments 74FCT2543ATSOCTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CY74FCT2543T
8-BIT LATCHED TRANSCEIVER
WITH 3-STATE OUTPUTS
SCCS042C – SEPTEMBER 1994 – REVISED NOVEMBER 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PIN DESCRIPTION
NAME
DESCRIPTION
OEAB
A-to-B output-enable input (active low)
OEBA
B-to-A output-enable input (active low)
CEAB
A-to-B enable input (active low)
CEBA
B-to-A enable input (active low)
LEAB
A-to-B latch-enable input (active low)
LEBA
B-to-A latch-enable input (active low)
A
A-to-B data inputs or B-to-A 3-state outputs
B
B-to-A data inputs or A-to-B 3-state outputs
ORDERING INFORMATION
TA
PACKAGE†
SPEED
(ns)
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QSOP – Q
Tape and reel
5.3
CY74FCT2543CTQCT
FCT2543C
SOIC
SO
Tube
5.3
CY74FCT2543CTSOC
FCT2543C
SOIC – SO
Tape and reel
5.3
CY74FCT2543CTSOCT
FCT2543C
–40
°C to 85°C
QSOP – Q
Tape and reel
6.5
CY74FCT2543ATQCT
FCT2543A
SOIC
SO
Tube
6.5
CY74FCT2543ATSOC
FCT2543A
SOIC – SO
Tape and reel
6.5
CY74FCT2543ATSOCT
FCT2543A
QSOP – Q
Tape and reel
8.5
CY74FCT2543TQCT
FCT2543
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
LATCH
OUTPUT
CEAB
LEAB
OEAB
A-TO-B‡
B
H
X
X
Storing
Z
X
H
X
Storing
X
X
XH
X
Z
L
L
L
Transparent
Current A inputs
L
H
L
Storing
Previous A inputs
‡ Before LEAB low-to-high transition
H = High logic level, L = Low logic level, X = Don’t care,
Z = High-impedance state
A-to-B data flow shown; B-to-A is the same, except using CEBA, LEBA,
and OEBA.


Số phần tương tự - 74FCT2543ATSOCTE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Synaptics Incorporated.
74FCT2574ATQCTE4 CONEXANT-74FCT2574ATQCTE4 Datasheet
317Kb / 15P
   8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Texas Instruments
74FCT2574ATQCTE4 TI1-74FCT2574ATQCTE4 Datasheet
653Kb / 15P
[Old version datasheet]   8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Synaptics Incorporated.
74FCT2574ATSOCTE4 CONEXANT-74FCT2574ATSOCTE4 Datasheet
317Kb / 15P
   8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Texas Instruments
74FCT2574ATSOCTE4 TI1-74FCT2574ATSOCTE4 Datasheet
653Kb / 15P
[Old version datasheet]   8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Synaptics Incorporated.
74FCT2574ATSOCTG4 CONEXANT-74FCT2574ATSOCTG4 Datasheet
317Kb / 15P
   8-BIT REGISTER WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - 74FCT2543ATSOCTE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74FR543 FAIRCHILD-74FR543 Datasheet
48Kb / 6P
   Octal Latched Transceiver with 3-STATE Outputs
logo
Texas Instruments
CY54FCT543T TI-CY54FCT543T Datasheet
316Kb / 12P
[Old version datasheet]   8-BIT LATCHED REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY74FCT2245T TI1-CY74FCT2245T_16 Datasheet
1,016Kb / 18P
[Old version datasheet]   8-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
CY74FCT652T TI1-CY74FCT652T_14 Datasheet
624Kb / 16P
[Old version datasheet]   8-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
M66312P RENESAS-M66312P Datasheet
140Kb / 9P
   8-Bit LED Driver with Shift Register and Latched 3-State Outputs
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16863 TI-SN74ALVCH16863 Datasheet
115Kb / 8P
[Old version datasheet]   18-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com