công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD4511BNSR bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
|
CD4511BNSR bảng dữ liệu(HTML) 1 Page - Texas Instruments |
1 / 15 page Data sheet acquired from Harris Semiconductor SCHS072B – Revised July 2003 Lamp Test (LT), Blanking (BL), and Latch Enable or Strobe inputs are provided to test the display, shut off or intensity-modulate it, and store or strobe a BCD code, respectively. Several different signals may be multiplexed and displayed when external multiplexing circuitry is used. The CD4511B types are supplied in 16-lead hermetic dual-in-line ceramic packages (F3A suffix), 16-lead dual-in-line plastic packages (E suffix), 16-lead small-outline packages (NSR suffix), and 16-lead thin shrink small-outline packages (PW and PWR suffixes). These devices are similar to the type MC14511. Copyright 2003, Texas Instruments Incorporated |
Số phần tương tự - CD4511BNSR |
|
Mô tả tương tự - CD4511BNSR |