công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADC124S021 bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
ADC124S021 bảng dữ liệu(HTML) 4 Page - Texas Instruments |
4 / 28 page ADC084S051 SNAS261F – NOVEMBER 2004 – REVISED MARCH 2013 www.ti.com ADC084S051 Converter Electrical Characteristics (1) The following specifications apply for VA = +2.7V to 5.25V, GND = 0V, fSCLK = 3.2 MHz to 8 MHz, fSAMPLE = 200 ksps to 500 ksps, CL = 50 pF, unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C. Limits Parameter Test Conditions Typical Units (2) STATIC CONVERTER CHARACTERISTICS Resolution with No Missing Codes 8 Bits +0.12 +0.4 LSB (max) INL Integral Non-Linearity −0.062 −0.3 LSB (min) DNL Differential Non-Linearity ±0.09 ±0.3 LSB (max) VOFF Offset Error +0.53 ±0.7 LSB (max) OEM Channel to Channel Offset Error Match +0.005 ±0.3 LSB (max) FSE Full-Scale Error +0.52 ±0.7 LSB (max) Channel to Channel Full-Scale Error FSEM +0.006 ±0.3 LSB (max) Match DYNAMIC CONVERTER CHARACTERISTICS VA = +2.7V to 5.25V SINAD Signal-to-Noise Plus Distortion Ratio 49.5 49.1 dB (min) fIN = 40.2 kHz, −0.02 dBFS VA = +2.7V to 5.25V SNR Signal-to-Noise Ratio 49.5 49.2 dB (min) fIN = 40.2 kHz, −0.02 dBFS VA = +2.7V to 5.25V THD Total Harmonic Distortion −76 −62 dB (max) fIN = 40.2 kHz, −0.02 dBFS VA = +2.7V to 5.25V SFDR Spurious-Free Dynamic Range 68 63 dB (min) fIN = 40.2 kHz, −0.02 dBFS ENOB Effective Number of Bits VA = +2.7V to 5.25V 7.93 7.9 Bits (min) VA = +2.7V to 5.25V Channel-to-Channel Crosstalk −73 dB fIN = 40.2 kHz Intermodulation Distortion, Second VA = 5.25V −78 dB Order Terms fa = 40.161 kHz, fb = 41.015 kHz IMD Intermodulation Distortion, Third Order VA = 5.25V −73 dB Terms fa = 40.161 kHz, fb = 41.015 kHz VA = +5V 11 MHz FPBW -3 dB Full Power Bandwidth VA = +3V 8 MHz ANALOG INPUT CHARACTERISTICS VIN Input Range 0 to VA V IDCL DC Leakage Current ±1 µA (max) Track Mode 33 pF CINA Input Capacitance Hold Mode 3 pF DIGITAL INPUT CHARACTERISTICS VA = +5.25V 2.4 V (min) VIH Input High Voltage VA = +3.6V 2.1 V (min) VIL Input Low Voltage 0.8 V (max) IIN Input Current VIN = 0V or VA ±10 µA (max) CIND Digital Input Capacitance 2 4 pF (max) (1) Min/max specification limits are specified by design, test, or statistical analysis. (2) Tested limits are ensured to TI's AOQL (Average Outgoing Quality Level). 4 Submit Documentation Feedback Copyright © 2004–2013, Texas Instruments Incorporated Product Folder Links: ADC084S051 |
Số phần tương tự - ADC124S021 |
|
Mô tả tương tự - ADC124S021 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |