công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC12D1600RFIUT bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC12D1600RFIUT
Giải thích chi tiết về linh kiện  ADC12D1600/1000RF 12-Bit, 3.2/2.0 GSPS RF Sampling ADC
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADC12D1600RFIUT bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADC12D1600RFIUT Datasheet HTML 2Page - Texas Instruments ADC12D1600RFIUT Datasheet HTML 3Page - Texas Instruments ADC12D1600RFIUT Datasheet HTML 4Page - Texas Instruments ADC12D1600RFIUT Datasheet HTML 5Page - Texas Instruments ADC12D1600RFIUT Datasheet HTML 6Page - Texas Instruments ADC12D1600RFIUT Datasheet HTML 7Page - Texas Instruments ADC12D1600RFIUT Datasheet HTML 8Page - Texas Instruments ADC12D1600RFIUT Datasheet HTML 9Page - Texas Instruments ADC12D1600RFIUT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
VA
AGND
VA
AGND
100
VA
AGND
VA
AGND
100
VBIAS
50k
50k
50k
VA
AGND
VA
AGND
50k
Control from VCMO
VCMO
100
ADC12D1000RF, ADC12D1600RF
SNAS519G – JULY 2011 – REVISED APRIL 2013
www.ti.com
2.4
Ball Descriptions and Equivalent Circuits
Table 2-1. Analog Front-End and Clock Balls
Ball No.
Name
Equivalent Circuit
Description
Differential signal I- and Q-inputs. In the Non-Dual
Edge Sampling (Non-DES) Mode, each I- and Q-
input is sampled and converted by its respective
channel with each positive transition of the CLK
input. In Non-ECM (Non-Extended Control Mode)
and DES Mode, both channels sample the I-input.
In Extended Control Mode (ECM), the Q-input
may optionally be selected for conversion in DES
Mode by the DEQ Bit (Addr: 0h, Bit 6).
Each I- and Q-channel input has an internal
common mode bias that is disabled when DC-
H1/J1
VinI+/-
coupled Mode is selected. Both inputs must be
N1/M1
VinQ+/-
either AC- or DC-coupled. The coupling mode is
selected by the VCMO Pin.
In Non-ECM, the full-scale range of these inputs is
determined by the FSR Pin; both I- and Q-
channels have the same full-scale input range. In
ECM, the full-scale input range of the I- and Q-
channel inputs may be independently set via the
Control Register (Addr: 3h and Addr: Bh). Note
that the high and low full-scale input range setting
in Non-ECM corresponds to the mid and minimum
full-scale input range in ECM.
The input offset may also be adjusted in ECM.
Differential Converter Sampling Clock. In the Non-
DES Mode, the analog inputs are sampled on the
positive transitions of this clock signal. In the DES
U2/V1
CLK+/-
Mode, the selected input is sampled on both
transitions of this clock. This clock must be AC-
coupled.
Differential DCLK Reset. A positive pulse on this
input is used to reset the DCLKI and DCLKQ
outputs of two or more ADC12D1600/1000RFs in
order to synchronize them with other
ADC12D1600/1000RFs in the system. DCLKI and
DCLKQ are always in phase with each other,
V2/W1
DCLK_RST+/-
unless one channel is powered down, and do not
require a pulse from DCLK_RST to become
synchronized. The pulse applied here must meet
timing relationships with respect to the CLK input.
Although supported, this feature has been
superseded by AutoSync.
6
Device Information
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: ADC12D1000RF ADC12D1600RF


Số phần tương tự - ADC12D1600RFIUT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12D1600RFIUT TI1-ADC12D1600RFIUT Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
ADC12D1600RFIUT/NOPB TI1-ADC12D1600RFIUT/NOPB Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
More results

Mô tả tương tự - ADC12D1600RFIUT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF Datasheet
2Mb / 67P
[Old version datasheet]   12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
National Semiconductor ...
ADC12D1000 NSC-ADC12D1000 Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
Texas Instruments
ADC12D800RFIUT TI1-ADC12D800RFIUT Datasheet
1Mb / 84P
[Old version datasheet]   12-Bit, 1.6/1.0 GSPS RF Sampling ADC
ADC12D1800RFIUT TI-ADC12D1800RFIUT Datasheet
1Mb / 78P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12D1800RF TI1-ADC12D1800RF Datasheet
2Mb / 68P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12D500RF TI1-ADC12D500RF Datasheet
2Mb / 74P
[Old version datasheet]   ADC12D800/500RF 12-Bit, 1.6/1.0 GSPS RF Sampling ADC
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com