công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM27403SQE bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện LM27403SQE
Giải thích chi tiết về linh kiện  Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection and Programmable Thermal Shutdown
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM27403SQE bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM27403SQE Datasheet HTML 3Page - Texas Instruments LM27403SQE Datasheet HTML 4Page - Texas Instruments LM27403SQE Datasheet HTML 5Page - Texas Instruments LM27403SQE Datasheet HTML 6Page - Texas Instruments LM27403SQE Datasheet HTML 7Page - Texas Instruments LM27403SQE Datasheet HTML 8Page - Texas Instruments LM27403SQE Datasheet HTML 9Page - Texas Instruments LM27403SQE Datasheet HTML 10Page - Texas Instruments LM27403SQE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
LM27403
www.ti.com
SNVS896 A – AUGUST 2013 – REVISED SEPTEMBER 2013
Table 1. PIN DESCRIPTIONS
PIN
I/O/P(1)
DESCRIPTION
NAME
NUMBER
High-side bootstrap connection. This pin is the high-side N-FET gate driver power supply. Connect a
CBOOT
18
P
100-nF ceramic capacitor between CBOOT and SW.
Compensation node output. This pin is an output voltage control-loop error amplifier output. COMP is
COMP
4
O
connected to the FB pin through a compensation network to ensure stability.
Current-sense negative input. This pin is the inverting input to the current-sense comparator. 9.9 µA of
CS–
24
I
nominal offset current at room temperature is provided to adjust the current limit setpoint.
CS+
23
I
Current-sense positive input. This pin is the non-inverting input to the current-sense comparator.
External temperature sense return. This pin is the return current path for the external NPN transistor
D–
10
I
configured as a thermal diode. This trace should be routed as a differential pair with the D+ trace back
to the LM27403 to avoid excessive coupling from external noise sources. Connect D– to GND.
External temperature sense. A 2N3904-type NPN transistor configured as a remote thermal diode with
the base and collector shorted should be connected to this pin to sense the inductor temperature. The
D+
9
I
sensed temperature is used to compensate for the inductor DCR drift over temperature and to
implement system-level thermal shutdown protection.
Precision UVLO/enable input. To implement a VIN UVLO function, connect UVLO/EN to the tap of a
voltage divider between VIN and GND. UVLO/EN is initially pulled up by an internal 1.8-µA pullup
current source. UVLO/EN has both a 165-mV voltage hysteresis and an 8.7-µA pullup current
UVLO/EN
7
I
hysteresis. Thus, when a rising UVLO/EN voltage exceeds the 1.15-V enable threshold, the internal
pullup current becomes 10.5 µA and the falling threshold voltage is 0.985 V. Therefore, the effective
total hysteresis can be customized to suit the specific application.
Exposed die attach pad. Connect this pad to the printed circuit board (PCB) ground plane using
EP
P
multiple thermal vias.
Frequency adjust input. The switching frequency is programmable between 200 kHz and 1.2 MHz by
FADJ
5
I
virtue of the size of resistor connected to this pin and GND.
Feedback input. This pin is a voltage-mode control-loop error amplifier inverting input to set the output
FB
3
I
voltage. In closed-loop (output in regulation) operation, FB is at 0.6 V ±1%.
Common ground connection. This pin provides the power and signal return connections for analog
GND
13
G
functions, including low-side MOSFET gate return, soft-start capacitor, OTP resistor, and frequency
adjust resistor.
HG
17
O
High-side MOSFET gate drive output. This pin is the high-side N-FET gate connection.
LG
15
O
Low-side MOSFET gate drive output. This pin is the low-side N-FET gate connection.
NC
19-22
G
No connection. Connect directly to GND.
Overtemperature protection (OTP) output. A resistor from this pin to GND sets the overtemperature
OTP
8
I
protection setpoint for the DC-DC power supply solution using the temperature sensed at a remotely-
connected thermal diode. Connect this pin to GND if the system level OTP function is not required.
Power Good monitor output. This open-drain output goes low during overcurrent, short-circuit, UVLO,
output overvoltage and undervoltage, overtemperature, or when the output is not regulated (such as an
PGOOD
11
O
output prebias). An external pullup resistor to VDD or to an external rail is required. Included is a 20-µs
deglitch filter. The PGOOD voltage should not exceed 5.5 V.
Negative remote sense input. This pin eliminates the voltage drop between GND and the local ground
RS
2
I
adjacent to the load. In particularly noisy environments, connect an RC filter between RS and GND.
Connect RS to GND at the IC if not used.
Soft-start or tracking input. This pin allows a predetermined startup rate to be defined with the use of a
SS/TRACK
1
I/O
capacitor to GND. A 3-µA current source charges the capacitor until the reference reaches 0.6 V.
SS/TRACK can also be controlled with an external voltage source for tracking applications.
SW
16
P
Power stage switch-node connection. This pin is the high-side N-FET gate driver return.
Synchronization input. This pin enables PLL synchronization to an external clock frequency. If a SYNC
SYNC
6
I
signal is not present, the switching frequency defaults to the frequency set by the FADJ pin. This pin
should be tied to GND if not used.
Bias supply rail. This pin is a sub-regulated 4.7-V internal and gate drive bias supply rail. VDD also
supplies the current to CBOOT to facilitate high-side switching. Decouple VDD to GND locally with a
VDD
14
P
10-µF ceramic capacitor. VDD should not be used to drive auxiliary system loads because of gate
drive loading possibility.
Input voltage rail. This input is used to provide the feedforward modulation for output voltage control
VIN
12
P
and for generating the internal bias supply voltage. Decouple VIN to GND locally with a 1-µF ceramic
capacitor. For better noise rejection, connect to the power stage input rail with an RC filter.
(1)
I=Input, O=Output, P=Power, G=Ground
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM27403


Số phần tương tự - LM27403SQE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM27403SQE/NOPB TI1-LM27403SQE/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection
More results

Mô tả tương tự - LM27403SQE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM27403 TI1-LM27403 Datasheet
1Mb / 49P
[Old version datasheet]   Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection
LM27403 TI-LM27403_15 Datasheet
1Mb / 54P
[Old version datasheet]   LM27403 Synchronous Buck Controller With Temperature-Compensated, Inductor-DCRBased Overcurrent Protection and Programmable Thermal Shutdown
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
   Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
logo
Texas Instruments
TLV705 TI1-TLV705_16 Datasheet
1Mb / 33P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
TLV702 TI1-TLV702_16 Datasheet
1Mb / 31P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
logo
SMSC Corporation
EMC2113 SMSC-EMC2113 Datasheet
1Mb / 85P
   RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
logo
Microchip Technology
EMC2113 MICROCHIP-EMC2113_13 Datasheet
1Mb / 88P
   RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC2102 SMSC-EMC2102 Datasheet
1Mb / 52P
   RPM-Based Fan Controller with HW Thermal Shutdown
logo
Microchip Technology
EMC2103 MICROCHIP-EMC2103 Datasheet
874Kb / 85P
   RPM-Based Fan Controller with Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC2103 SMSC-EMC2103 Datasheet
1Mb / 84P
   RPM-Based Fan Controller with HW Thermal Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com