công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTB10N40E bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MTB10N40E
Giải thích chi tiết về linh kiện  TMOS POWER FET 10 AMPERES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTB10N40E bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MTB10N40E Datasheet HTML 1Page - Motorola, Inc MTB10N40E Datasheet HTML 2Page - Motorola, Inc MTB10N40E Datasheet HTML 3Page - Motorola, Inc MTB10N40E Datasheet HTML 4Page - Motorola, Inc MTB10N40E Datasheet HTML 5Page - Motorola, Inc MTB10N40E Datasheet HTML 6Page - Motorola, Inc MTB10N40E Datasheet HTML 7Page - Motorola, Inc MTB10N40E Datasheet HTML 8Page - Motorola, Inc MTB10N40E Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
TMOS E-FET.
High Energy Power FET
D2PAK for Surface Mount
N–Channel Enhancement–Mode Silicon Gate
The D2PAK package has the capability of housing a larger die
than any existing surface mount package which allows it to be used
in applications that require the use of surface mount components
with higher power and lower RDS(on) capabilities. This high voltage
MOSFET uses an advanced termination scheme to provide
enhanced voltage–blocking capability without degrading perfor-
mance over time. In addition, this advanced TMOS E–FET is
designed to withstand high energy in the avalanche and commuta-
tion modes. The new energy efficient design also offers a
drain–to–source diode with a fast recovery time. Designed for high
voltage, high speed switching applications in power supplies,
converters and PWM motor controls, these devices are particularly
well suited for bridge circuits where diode speed and commutating
safe operating areas are critical and offer additional safety margin
against unexpected voltage transients.
• Robust High Voltage Termination
• Avalanche Energy Specified
• Source–to–Drain Diode Recovery Time Comparable to a Discrete
Fast Recovery Diode
• Diode is Characterized for Use in Bridge Circuits
• IDSS and VDS(on) Specified at Elevated Temperature
• Short Heatsink Tab Manufactured — Not Sheared
• Specially Designed Leadframe for Maximum Power Dissipation
• Available in 24 mm 13–inch/800 Unit Tape & Reel, Add T4
Suffix to Part Number
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
400
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
400
Vdc
Gate–to–Source Voltage — Continuous
VGS
±20
Vdc
Drain Current — Continuous
Drain Current — Continuous @ 100
°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
10
6.0
40
Amps
Apk
Total Power Dissipation
Derate above 25
°C
Total Power Dissipation @ TA = 25°C, when mounted with the minimum recommended pad size
PD
125
1.00
2.5
Watts
W/
°C
Watts
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 10 Vpk, IL = 10 Apk, L = 10 mH, RG = 25 Ω)
EAS
520
mJ
Thermal Resistance — Junction to Case
Thermal Resistance — Junction to Ambient
Thermal Resistance — Junction to Ambient, when mounted with the minimum recommended pad size
R
θJC
R
θJA
R
θJA
1.00
62.5
50
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
E–FET and Designer’s are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MTB10N40E/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1994
MTB10N40E
TMOS POWER FET
10 AMPERES
400 VOLTS
RDS(on) = 0.55 OHM
Motorola Preferred Device
CASE 418B–02, Style 2
D2PAK
D
S
G
®


Số phần tương tự - MTB10N40E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MTB10N40E ONSEMI-MTB10N40E Datasheet
282Kb / 11P
   High Energy Power FET
August, 2006 ??Rev. 1
logo
Inchange Semiconductor ...
MTB10N40E ISC-MTB10N40E Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
MTB10N40ET4G VBSEMI-MTB10N40ET4G Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results

Mô tả tương tự - MTB10N40E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MTB16N25E MOTOROLA-MTB16N25E Datasheet
259Kb / 10P
   TMOS POWER FET 16 AMPERES
MTB15N06E MOTOROLA-MTB15N06E Datasheet
231Kb / 10P
   TMOS POWER FET 15 AMPERES
MTB15N06V MOTOROLA-MTB15N06V Datasheet
274Kb / 10P
   TMOS POWER FET 15 AMPERES
MTB1306 MOTOROLA-MTB1306 Datasheet
176Kb / 8P
   TMOS POWER FET 75 AMPERES
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
   TMOS POWER FET 23 AMPERES 60 VOLTS
MTB33N10E MOTOROLA-MTB33N10E Datasheet
266Kb / 10P
   TMOS POWER FET 33 AMPERES 100 VOLTS
MTB4N80E MOTOROLA-MTB4N80E Datasheet
195Kb / 10P
   TMOS POWER FET 4.0 AMPERES 800 VOLTS
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
   TMOS POWER FET 60 AMPERES 60 VOLTS
MTD15N06V MOTOROLA-MTD15N06V Datasheet
218Kb / 10P
   TMOS POWER FET 15 AMPERES 60 VOLTS
MMFT2N25E MOTOROLA-MMFT2N25E Datasheet
139Kb / 6P
   TMOS POWER FET 2.0 AMPERES 250 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com