công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SL05T1 bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện SL05T1
Giải thích chi tiết về linh kiện  300 Watt SOT-23 Low Capacitance TVS for High Speed Line Protections
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SL05T1 bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  SL05T1 Datasheet HTML 1Page - ON Semiconductor SL05T1 Datasheet HTML 2Page - ON Semiconductor SL05T1 Datasheet HTML 3Page - ON Semiconductor SL05T1 Datasheet HTML 4Page - ON Semiconductor SL05T1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SL05T1 Series
http://onsemi.com
4
Applications Background
This new family of TVS devices (SL05T1 series) are
designed to protect sensitive electronics such as
communications systems, computers, and computer
peripherals against damage due to ESD conditions or
transient voltage conditions. Because of their low
capacitance value (less than 5 pF), they can be used in high
speed I/O data lines. Low capacitance is achieved by
integrating a compensating diode in series with the TVS
which is basically based in the below theoretical principle:
Capacitance in parallel: CT = C1+C2+....+Cn
Capacitance in series: 1/CT = (1/C1)+(1/C2)+....+(1/Cn)
The Figure 5 shows the integrated solution of the SL05T1
series device:
Figure 5.
COMPENSATING
DIODE
TVS
In the case that an over−voltage condition occurs in the I/O
line protected by the SL05T1 series device, the TVS is
reversed−biased while the compensation diode is
forward−biased so the resulting current due to the transient
voltage is drained to ground.
If protection in both polarities is required, an additional
device is connected in inverse−parallel with reference to the
first one, the Figure 6 illustrates the inverse−parallel
connection for bi−directional or unidirectional lines:
Figure 6.
3
2
1
3
2
1
An alternative solution to protect unidirectional lines, is to
connect a fast switching steering diode in parallel with the
SL05T1 series device. When the steering diode is
forward−biased, the TVS will avalanche and conduct in
reverse direction. It is important to note that by adding a
steering diode, the effective capacitance in the circuit will be
increased, therefore the impact of adding a steering diode
must be taken in consideration to establish whether the
incremental capacitance will affect the circuit functionality
or not. The Figure 7 shows the connection between the
steering diode and the SL05T1 series device:
Figure 7.
STEERING DIODE
SL05T1 DEVICE
Another typical application in which the SL05T1 series
device can be utilized, is to protect multiple I/O lines. The
protection in each of the I/O lines is achieved by connecting
two devices in inverse−parallel. The Figure 8 illustrates how
multiple I/O line protection is achieved:
Figure 8.
OUTPUT
INPUT
For optimizing the protection, it is recommended to use ground planes and short path lengths to minimize the PCB’s ground inductance.


Số phần tương tự - SL05T1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
SL05T1 ONSEMI-SL05T1 Datasheet
53Kb / 8P
   300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
May, 2002 ??Rev. 3
SL05T1 ONSEMI-SL05T1 Datasheet
60Kb / 5P
   300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
December, 2006 ??Rev. 5
SL05T1 ONSEMI-SL05T1 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
SL05T1G ONSEMI-SL05T1G Datasheet
60Kb / 5P
   300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
December, 2006 ??Rev. 5
SL05T1G ONSEMI-SL05T1G Datasheet
95Kb / 5P
   Capacitance TVS
October, 2016 ??Rev. 10
More results

Mô tả tương tự - SL05T1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
SL05T1 ONSEMI-SL05T1 Datasheet
53Kb / 8P
   300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
May, 2002 ??Rev. 3
SL05T1 ONSEMI-SL05T1_06 Datasheet
60Kb / 5P
   300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
December, 2006 ??Rev. 5
logo
Semtech Corporation
RCLAMP0534N SEMTECH-RCLAMP0534N Datasheet
142Kb / 7P
   Low Capacitance TVS for High-Speed Interfaces
logo
Protek Devices
SMDA03-6 PROTEC-SMDA03-6_11 Datasheet
512Kb / 6P
   300 WATT MULTI-LINE TVS ARRAY
DFN6-36 PROTEC-DFN6-36_11 Datasheet
511Kb / 6P
   300 watt Multi-line TVS ARRAY
SMDA03-6 PROTEC-SMDA03-6_12 Datasheet
513Kb / 6P
   300 WATT MULTI-LINE TVS ARRAY
SM16LC03 PROTEC-SM16LC03_11 Datasheet
887Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRY
PLCDA03 PROTEC-PLCDA03_12 Datasheet
886Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03C-6 PROTEC-PLCDA03C-6_12 Datasheet
917Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
SMDA03LC PROTEC-SMDA03LC_11 Datasheet
795Kb / 10P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com