công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADF7010BRUZ bảng dữ liệu(PDF) 2 Page - Analog Devices |
|
ADF7010BRUZ bảng dữ liệu(HTML) 2 Page - Analog Devices |
2 / 20 page REV. 0 –2– ADF7010–SPECIFICATIONS1 (VDD = 2.3 V to 3.6 V, GND = 0 V, TA = TMIN to TMAX, unless otherwise noted. Typical specifications are at VDD = 3 V, TA = 25 C.) Parameter Min Typ Max Unit RF CHARACTERISTICS Output Frequency Ranges U.S. ISM Band 902 928 MHz Phase Frequency Detector Frequency 3.625 20 MHz @ 928 MHz TRANSMISSION PARAMETERS Transmit Rate FSK 0.3 76.8 kbps ASK 0.3 9.6 kbps GFSK 0.3 76.8 kbps Frequency Shift Keying FSK Separation 2, 3 1 110 kHz, Using 3.625 MHz PFD 4.88 620 kHz, Using 20 MHz PFD Gaussian Filter t 0.5 Amplitude Shift Keying Depth 30 dB, Max Output Power 2 dBm On/Off Keying 40 dB Output Power Output Power Variation Max Power Setting 9 12 dBm, VDD = 3.6 V 11 dBm, VDD = 3.0 V 9.5 dBm, VDD = 2.3 V Programmable Step Size –16 dBm to +12 dBm 0.3125 dB LOGIC INPUTS VINH, Input High Voltage 0.7 VDD V VINL, Input Low Voltage 0.2 VDD V IINH/IINL, Input Current 1 mA CIN, Input Capacitance 10 pF Control Clock Input 50 MHz LOGIC OUTPUTS VOH, Output High Voltage DVDD – 0.4 V, IOH = 500 mA VOL, Output Low Voltage 0.4 V, IOL = 500 mA CLKOUT Rise/Fall Time 16 ns, FCLK = 4.8 MHz into 10 pF CLKOUT Mark: Space Ratio 50:50 POWER SUPPLIES Voltage Supply DVDD 2.3 3.6 V Transmit Current Consumption –20 dBm (0.01 mW) 12 mA –10 dBm (0.1 mW) 15 mA 0 dBm (1 mW) 20 mA +8 dBm (6.3 mW) 28 mA +12 dBm (16 mW) 40 mA Crystal Oscillator Block Current Consumption 190 mA Regulator Current Consumption 380 mA Power-Down Mode Low Power Sleep Mode 0.2 1 mA |
Số phần tương tự - ADF7010BRUZ |
|
Mô tả tương tự - ADF7010BRUZ |