công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8606ARMZ-REEL bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD8606ARMZ-REEL
Giải thích chi tiết về linh kiện  Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8606ARMZ-REEL bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD8606ARMZ-REEL Datasheet HTML 1Page - Analog Devices AD8606ARMZ-REEL Datasheet HTML 2Page - Analog Devices AD8606ARMZ-REEL Datasheet HTML 3Page - Analog Devices AD8606ARMZ-REEL Datasheet HTML 4Page - Analog Devices AD8606ARMZ-REEL Datasheet HTML 5Page - Analog Devices AD8606ARMZ-REEL Datasheet HTML 6Page - Analog Devices AD8606ARMZ-REEL Datasheet HTML 7Page - Analog Devices AD8606ARMZ-REEL Datasheet HTML 8Page - Analog Devices AD8606ARMZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Precision, Low Noise, CMOS, Rail-to-Rail,
Input/Output Operational Amplifiers
Data Sheet
AD8605/AD8606/AD8608
Rev. N
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2002–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low offset voltage: 65 μV maximum
Low input bias currents: 1 pA maximum
Low noise: 8 nV/√Hz
Wide bandwidth: 10 MHz
High open-loop gain: 1000 V/mV
Unity gain stable
Single-supply operation: 2.7 V to 5.5 V
5-ball WLCSP for single (AD8605) and 8-ball WLCSP for
dual (AD8606)
APPLICATIONS
Photodiode amplification
Battery-powered instrumentation
Multipole filters
Sensors
Barcode scanners
Audio
GENERAL DESCRIPTION
The AD8605, AD8606, and AD86081 are single, dual, and quad
rail-to-rail input and output, single-supply amplifiers. They
feature very low offset voltage, low input voltage and current
noise, and wide signal bandwidth. They use the Analog Devices,
Inc. patented DigiTrim® trimming technique, which achieves
superior precision without laser trimming.
The combination of low offsets, low noise, very low input bias
currents, and high speed makes these amplifiers useful in a
wide variety of applications. Filters, integrators, photodiode
amplifiers, and high impedance sensors all benefit from the
combination of performance features. Audio and other ac
applications benefit from the wide bandwidth and low
distortion. Applications for these amplifiers include optical
control loops, portable and loop-powered instrumentation,
and audio amplification for portable devices.
The AD8605, AD8606, and AD8608 are specified over the
extended industrial temperature range (−40°C to +125°C). The
AD8605 single is available in 5-lead SOT-23 and 5-ball WLCSP
packages. The AD8606 dual is available in an 8-lead MSOP, an
8-ball WLSCP, and a narrow SOIC surface-mounted package.
The AD8608 quad is available in a 14-lead TSSOP package and
a narrow 14-lead SOIC package. The 5-ball and 8-ball WLCSP
offer the smallest available footprint for any surface-mounted
operational amplifier. The WLCSP, SOT-23, MSOP, and TSSOP
versions are available in tape-and-reel only.
1 Protected by U.S. Patent No. 5,969,657.
PIN CONFIGURATIONS
1
2
3
5
4 –IN
+IN
V+
OUT
AD8605
TOP VIEW
(Not to Scale)
V–
TOP VIEW
(BALL SIDE DOWN)
BALL A1
CORNER
A1
A2
A3
B1
B3
C1
C2
C3
AD8606
+INA
V–
+INB
–INA
–INB
OUTA
V+
OUTB
Figure 1. 5-Lead SOT-23 (RJ Suffix)
Figure 2. 8-Ball WLCSP (CB Suffix)
AD8605 ONLY
OUT
V+
V–
+IN
–IN
1
3
5
4
2
TOP VIEW
(BUMP SIDE DOWN)
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
OUT A 1
2
3
4
5
6
7
14
13
12
11
10
9
8
AD8608
TOP VIEW
(Not to Scale)
Figure 3. 5-Ball WLCSP (CB Suffix)
Figure 4. 14-Lead SOIC_N (R Suffix)
–IN A
+IN A
V–
OUT B
–IN B
+IN B
V+
18
OUT A
45
AD8606
TOP VIEW
(Not to Scale)
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
–IN D
+IN D
V–
OUT D
–IN C
OUT C
+IN C
14
8
1
7
AD8608
TOP VIEW
(Not to Scale)
Figure 5. 8-Lead MSOP (RM Suffix),
8-Lead SOIC_N (R Suffix)
Figure 6. 14-Lead TSSOP (RU Suffix)


Số phần tương tự - AD8606ARMZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8606ARMZ-REEL AD-AD8606ARMZ-REEL Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
More results

Mô tả tương tự - AD8606ARMZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
   Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8603 AD-AD8603 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
logo
Rohm
BD728X-LB ROHM-BD728X-LB Datasheet
1Mb / 23P
   Low Noise Rail-to-Rail Input/Output High Speed CMOS Operational Amplifiers
03.Mar.2023 Rev.001
logo
Analog Devices
AD8613 AD-AD8613 Datasheet
333Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
REV. B
AD8613 AD-AD8613_16 Datasheet
291Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
AD8613 AD-AD8613_10 Datasheet
305Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com