công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PZTA92 bảng dữ liệu(PDF) 11 Page - Fairchild Semiconductor

tên linh kiện PZTA92
Giải thích chi tiết về linh kiện  PNP High Voltage Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PZTA92 bảng dữ liệu(HTML) 11 Page - Fairchild Semiconductor

Back Button PZTA92 Datasheet HTML 6Page - Fairchild Semiconductor PZTA92 Datasheet HTML 7Page - Fairchild Semiconductor PZTA92 Datasheet HTML 8Page - Fairchild Semiconductor PZTA92 Datasheet HTML 9Page - Fairchild Semiconductor PZTA92 Datasheet HTML 10Page - Fairchild Semiconductor PZTA92 Datasheet HTML 11Page - Fairchild Semiconductor PZTA92 Datasheet HTML 12Page - Fairchild Semiconductor PZTA92 Datasheet HTML 13Page - Fairchild Semiconductor PZTA92 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SOT-223 Packaging
Configuration: Figure 1.0
Components
Leader Tape
500mm minimum or
62 empty pockets
Trailer Tape
300mm minimum or
38 empty pockets
SOT-223 Tape Leader and Trailer
Configuration: Figure 2.0
Cover Tape
Carrier Tape
Note/Comments
Packaging Option
SOT-223 Packaging Information
Standard
(no flow code)
D84Z
Packaging type
Reel Size
TNR
13" Dia
TNR
7" Dia
Qty per Reel/Tube/Bag
2,500
500
Box Dimension (mm)
343x64x343
184x187x47
Max qty per Box
5,000
1,000
Weight per unit (gm)
0.1246
0.1246
Weight per Reel (kg)
0.7250
0.1532
SOT-223 Unit Orientation
F852
014
F852
014
F852
014
F852
014
F63TNR Label
343mm x 342mm x 64mm
Intermediate box for Standard
184mm x 184mm x 47mm
Pizza Box for D84Z Option
F63TNR Label
LOT: CBVK741B019
FSID: PN2222A
D/C1: D9842
QTY1:
SPEC REV:
SPEC:
QTY: 3000
D/C2:
QTY2:
CPN:
N/F: F
(F63TNR)3
F63TNR Label sample
F63TNR Label
Antistatic Cover Tape
Customized Label
Static Dissipative
Embossed Carrier Tape
Packaging Description:
SOT-223 parts are shipped in tape. The carrier tape is
made from a dissipative (carbon filled) polycarbonate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped with
2,500 units per 13" or 330cm diameter reel. The reels are
dark blue in color and is made of polystyrene plastic (anti-
static coated). Other option comes in 500 units per 7" or
177cm diameter reel. This and some other options are
further described in the Packaging Information table.
These full reels are individually barcode labeled and
placed inside a standard intermediate box (illustrated in
figure 1.0) made of recyclable corrugated brown paper.
One box contains two reels maximum. And these boxes
are placed inside a barcode labeled shipping box which
comes in different sizes depending on the number of parts
shipped.
SOT-223 Tape and Reel Data and Package Dimensions
September 1999, Rev. B


Số phần tương tự - PZTA92

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PZTA92 PHILIPS-PZTA92 Datasheet
43Kb / 8P
   PNP high-voltage transistor
1999 Apr 14
logo
First Silicon Co., Ltd
PZTA92 FS-PZTA92 Datasheet
335Kb / 3P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
PZTA92 SIEMENS-PZTA92 Datasheet
126Kb / 4P
   PNP Silicon High-Voltage Transistors
logo
SHIKUES Electronics
PZTA92 SKTECHNOLGY-PZTA92 Datasheet
733Kb / 4P
   High-Voltage PNP Transistor Surface Mount
logo
Infineon Technologies A...
PZTA92 INFINEON-PZTA92 Datasheet
120Kb / 4P
   PNP Silicon High Voltage Transistor
Dec-12-2001
More results

Mô tả tương tự - PZTA92

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Samsung semiconductor
KSA709 SAMSUNG-KSA709 Datasheet
78Kb / 2P
   PNP (HIGH VOLTAGE AMPLIFIER)
logo
Shenzhen Luguang Electr...
MMBTA92 LUGUANG-MMBTA92 Datasheet
647Kb / 3P
   PNP High Voltage Amplifier
logo
Fairchild Semiconductor
TN5415A FAIRCHILD-TN5415A Datasheet
25Kb / 2P
   PNP High Voltage Amplifier
logo
Galaxy Semi-Conductor H...
MMBTA93 BILIN-MMBTA93 Datasheet
185Kb / 4P
   PNP High Voltage Amplifier
logo
Shenzhen Luguang Electr...
MMBTA93 LUGUANG-MMBTA93 Datasheet
664Kb / 3P
   PNP High Voltage Amplifier
logo
Kwang Myoung I.S. CO.,L...
MMBTA92 KISEMICONDUCTOR-MMBTA92 Datasheet
7Mb / 4P
   PNP High Voltage Amplifier
logo
Galaxy Semi-Conductor H...
MMBTA92 BILIN-MMBTA92 Datasheet
188Kb / 4P
   PNP High Voltage Amplifier
MMBTA92 BILIN-MMBTA92_13 Datasheet
161Kb / 4P
   PNP High Voltage Amplifier
logo
Fairchild Semiconductor
TN5320A FAIRCHILD-TN5320A Datasheet
93Kb / 3P
   PNP High Voltage Amplifier
logo
Renesas Technology Corp
2SB1688 RENESAS-2SB1688 Datasheet
167Kb / 6P
   Silicon PNP Epitaxial High voltage amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com