công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1866R bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD1866R
Giải thích chi tiết về linh kiện  Single Supply Dual 16-Bit Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1866R bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD1866R Datasheet HTML 1Page - Analog Devices AD1866R Datasheet HTML 2Page - Analog Devices AD1866R Datasheet HTML 3Page - Analog Devices AD1866R Datasheet HTML 4Page - Analog Devices AD1866R Datasheet HTML 5Page - Analog Devices AD1866R Datasheet HTML 6Page - Analog Devices AD1866R Datasheet HTML 7Page - Analog Devices AD1866R Datasheet HTML 8Page - Analog Devices AD1866R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TOTAL HARMONIC DISTORTION + NOISE
Total harmonic distortion plus noise (THD+N) is defined as
the ratio of the square root of the sum of the squares of the am-
plitudes of the harmonics and noise to the amplitude of the fun-
damental input frequency. It is usually expressed in percent (%)
or decibels (dB).
D-RANGE DISTORTION (EIAJ SPECIFICATION)
D-Range distortion is the ratio of the amplitude of the signal at
an amplitude of –60 dB to the amplitude of the distortion plus
noise. In this case, an A-weight filter is used. The value speci-
fied for D-range performance is the ratio measured plus 60 dB.
SIGNAL-TO-NOISE RATIO
The signal-to-noise ratio is defined as the ratio of the amplitude
of the output when a full-scale output is present to the ampli-
tude of the output with no signal present. It is expressed in
decibels (dB) and measured using an A-weight filter.
GAIN LINEARITY
Gain linearity is a measure of the deviation of the actual output
amplitude from the ideal output amplitude. It is determined by
measuring the amplitude of the output signal as the amplitude
of that output signal is digitally reduced to a lower level. A per-
fect D/A converter exhibits no difference between the ideal and
actual amplitudes. Gain linearity is expressed in decibels (dB).
MIDSCALE ERROR
Midscale error, or bipolar zero error, is the deviation of the ac-
tual analog output from a voltage at the bias pin when the twos
complement input code representing midscale is loaded in the
DAC. Midscale error is expressed in mV.
FUNCTIONAL DESCRIPTION
The AD1866 is a complete, monolithic dual 16-bit digital audio
DAC which runs off a single +5 volt supply. As shown in the
block diagram, each channel contains a voltage reference, a
16-bit serial-to-parallel input register, a 16-bit input latch, a
16-bit DAC, and an output amplifier.
The voltage reference section provides a reference voltage and a
false ground voltage for each channel. The low noise bandgap
circuits produce reference voltages that are unaffected by
changes in temperature, time, and power supply.
The input registers are fabricated with CMOS logic gates.
These gates allow high switching speeds and low power con-
sumption, contributing to the fast digital timing, the low glitch
and low power dissipation of the AD1866.
LL
DL
CLK
DR
LR
DGND
VL
NRL
AGND
NRR
VS
1
2
3
4
5
6
7
8
9
10
12
13
14
15
11
16
AD1866
16-BIT
DAC
16-BIT
DAC
16-BIT
SERIAL
REGISTER
16-BIT
SERIAL
REGISTER
VBL
VOR
VS
VBR
V
REF
V
REF
VOL
AD1866 Functional Block Diagram
The 16-bit DAC uses a combination of segmentation and R-2R
architecture to achieve good integral and differential linearity.
The resistors which form the ladder structure are fabricated
with silicon-chromium thin film. Laser trimming of these resis-
tors further reduces linearity error, resulting in low output
distortion.
The output amplifier uses both MOS and bipolar devices and
incorporates an NPN class A output stage. It is designed to pro-
duce high slew rate, low noise, low distortion, and optimal fre-
quency response.
REV. 0
–5–
Definition of Specifications–AD1866


Số phần tương tự - AD1866R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1866R AD-AD1866R Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866R-REEL AD-AD1866R-REEL Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
More results

Mô tả tương tự - AD1866R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1866 AD-AD1866 Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866 AD-AD1866_15 Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1868 AD-AD1868 Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1856 AD-AD1856 Datasheet
870Kb / 8P
   16-BIT PCM Audio DAC
REV. B
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
   Dual 16-bit DAC
November 1985
logo
MOSA ELECTRONICS
MS6333 MOSA-MS6333_1 Datasheet
302Kb / 13P
   16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage
logo
Analog Devices
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336_1 Datasheet
743Kb / 21P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
MS6336 MOSA-MS6336 Datasheet
699Kb / 18P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com