công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PZTA42 bảng dữ liệu(PDF) 6 Page - Fairchild Semiconductor

tên linh kiện PZTA42
Giải thích chi tiết về linh kiện  NPN High Voltage Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PZTA42 bảng dữ liệu(HTML) 6 Page - Fairchild Semiconductor

Back Button PZTA42 Datasheet HTML 2Page - Fairchild Semiconductor PZTA42 Datasheet HTML 3Page - Fairchild Semiconductor PZTA42 Datasheet HTML 4Page - Fairchild Semiconductor PZTA42 Datasheet HTML 5Page - Fairchild Semiconductor PZTA42 Datasheet HTML 6Page - Fairchild Semiconductor PZTA42 Datasheet HTML 7Page - Fairchild Semiconductor PZTA42 Datasheet HTML 8Page - Fairchild Semiconductor PZTA42 Datasheet HTML 9Page - Fairchild Semiconductor PZTA42 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ITEM DESCRIPTION
Base of Package to Lead Bend
Component Height
Lead Clinch Height
Component Base Height
Component Alignment ( side/side )
Component Alignment ( front/back )
Component Pitch
Feed Hole Pitch
Hole Center to First Lead
Hole Center to Component Center
Lead Spread
Lead Thickness
Cut Lead Length
Taped Lead Length
Taped Lead Thickness
Carrier Tape Thickness
Carrier Tape Width
Hold - down Tape Width
Hold - down Tape position
Feed Hole Position
Sprocket Hole Diameter
Lead Spring Out
SYMBOL
b
Ha
HO
H1
Pd
Hd
P
PO
P1
P2
F1/F2
d
L
L1
t
t1
W
WO
W1
W2
DO
S
DIMENSION
0.098 (max)
0.928 (+/- 0.025)
0.630 (+/- 0.020)
0.748 (+/- 0.020)
0.040 (max)
0.031 (max)
0.500 (+/- 0.020)
0.500 (+/- 0.008)
0.150 (+0.009, -0.010)
0.247 (+/- 0.007)
0.104 (+/- 0 .010)
0.018 (+0.002, -0.003)
0.429 (max)
0.209 (+0.051, -0.052)
0.032 (+/- 0.006)
0.021 (+/- 0.006)
0.708 (+0.020, -0.019)
0.236 (+/- 0.012)
0.035 (max)
0.360 (+/- 0.025)
0.157 (+0.008, -0.007)
0.004 (max)
Note : All dimensions are in inches.
ITEM DESCRIPTION
SYSMBOL
MINIMUM
MAXIMUM
Reel Diameter
D1
13.975
14.025
Arbor Hole Diameter (Standard)
D2
1.160
1.200
(Small Hole)
D2
0.650
0.700
Core Diameter
D3
3.100
3.300
Hub Recess Inner Diameter
D4
2.700
3.100
Hub Recess Depth
W1
0.370
0.570
Flange to Flange Inner Width
W2
1.630
1.690
Hub to Hub Center Width
W3
2.090
Note: All dimensions are inches
TO-92 Tape and Reel Taping
Dimension Configuration: Figure 4.0
Ha
H1 HO
PO
P2
P1 F1
DO
P
Pd
b
d
L1
L
S
WO
W2
W
t
t1
Hd
W1
TO-92 Reel
Configuration: Figure 5.0
User Direction of Feed
SENSI TIVE DEVICES
ELECT ROSTATIC
D1
D3
Customized Label
W2
W1
W3
F63TNR Label
D4
D2
TO-92 Tape and Reel Data and Package Dimensions, continued
July 1999, Rev. A


Số phần tương tự - PZTA42

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Continental Device Indi...
PZTA42 CDIL-PZTA42 Datasheet
209Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Goodwork Semiconductor ...
PZTA42 GWSEMI-PZTA42 Datasheet
784Kb / 3P
   Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
PZTA42 SIEMENS-PZTA42 Datasheet
127Kb / 4P
   NPN Silicon High-Voltage Transistors
logo
GUANGDONG HOTTECH INDUS...
PZTA42 HOTTECH-PZTA42 Datasheet
188Kb / 2P
   Plastic-Encapsulate Transistors
More results

Mô tả tương tự - PZTA42

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kwang Myoung I.S. CO.,L...
MMBTA42 KISEMICONDUCTOR-MMBTA42 Datasheet
7Mb / 4P
   NPN High Voltage Amplifier
logo
Fairchild Semiconductor
TN6719A FAIRCHILD-TN6719A Datasheet
24Kb / 2P
   NPN High Voltage Amplifier
logo
Galaxy Semi-Conductor H...
MMBTA42 BILIN-MMBTA42 Datasheet
176Kb / 3P
   NPN High Voltage Amplifier
logo
Samsung semiconductor
KSC1009 SAMSUNG-KSC1009 Datasheet
70Kb / 2P
   NPN (HIGH VOLTAGE AMPLIFIER)
logo
Shenzhen Luguang Electr...
MMBTA42 LUGUANG-MMBTA42 Datasheet
663Kb / 3P
   NPN High Voltage Amplifier
logo
Galaxy Semi-Conductor H...
MMBTA43 BILIN-MMBTA43 Datasheet
219Kb / 3P
   NPN High Voltage Amplifier
logo
Fairchild Semiconductor
MPSA43 FAIRCHILD-MPSA43_02 Datasheet
28Kb / 3P
   NPN High Voltage Amplifier
logo
Galaxy Semi-Conductor H...
MMBTA43 BILIN-MMBTA43_13 Datasheet
188Kb / 3P
   NPN High Voltage Amplifier
MMBTA42 BILIN-MMBTA42_13 Datasheet
166Kb / 4P
   NPN High Voltage Amplifier
logo
Fairchild Semiconductor
MPSA43 FAIRCHILD-MPSA43 Datasheet
27Kb / 3P
   NPN High Voltage Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com