công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD711JR-REEL bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện AD711JR-REEL
Giải thích chi tiết về linh kiện  Precision, Low Cost, High Speed, BiFET Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD711JR-REEL bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button AD711JR-REEL Datasheet HTML 5Page - Analog Devices AD711JR-REEL Datasheet HTML 6Page - Analog Devices AD711JR-REEL Datasheet HTML 7Page - Analog Devices AD711JR-REEL Datasheet HTML 8Page - Analog Devices AD711JR-REEL Datasheet HTML 9Page - Analog Devices AD711JR-REEL Datasheet HTML 10Page - Analog Devices AD711JR-REEL Datasheet HTML 11Page - Analog Devices AD711JR-REEL Datasheet HTML 12Page - Analog Devices AD711JR-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. E
AD711
–9–
Figure 5a. Settling Characteristics 0 to +10 V Step
Upper Trace: Output of AD711 Under Test (5 V/Div)
Lower Trace: Amplified Error Voltage (0.01%/Div)
Figure 5b. Settling Characteristics 0 to –10 V Step
Upper Trace: Output of AD711 Under Test (5 V/Div)
Lower Trace: Amplified Error Voltage (0.01%/Div)
GUARDING
The low input bias current (15 pA) and low noise characteristics
of the AD711 BiFET op amp make it suitable for electrometer
applications such as photo diode preamplifiers and picoampere
5pF
AD3554
VERROR
5
+15V
5k
–15V
0.47 F
HP2835
TEXTRONIX 7A26
OSCILLOSCOPE
PREAMP
INPUT SELECTION
1M
20pF
0.1 F
AD711
+15V
–15V
0.1 F
VOUT
10pF
HP2835
10k
0.2-0.0pF
1.1k
10k
5-18pF
10k
200k
4.99k
4.99k
VIN
DATA
DYNAMICS
5109
(OR
EQUIVALENT
FLAT TOP
PULSE
GENERATOR)
0.47 F
205
Figure 6. Settling Time Test Circuit
current-to-voltage converters. The use of a guarding technique
such as that shown in Figure 7, in printed circuit board layout
and construction is critical to minimize leakage currents. The
guard ring is connected to a low impedance potential at the
same level as the inputs. High impedance signal lines should
not be extended for any unnecessary length on the printed
circuit board.
1
8
7
6
5
4
3
2
6
5
7
8
2
3
1
4
Figure 7. Board Layout for Guarding Inputs
D/A CONVERTER APPLICATIONS
The AD711 is an excellent output amplifier for CMOS DACs.
It can be used to perform both 2-quadrant and 4-quadrant
operation. The output impedance of a DAC using an inverted
R-2R ladder approaches R for codes containing many 1s, 3R
for codes containing a single 1, and for codes containing all
zero, the output impedance is infinite.
For example, the output resistance of the AD7545 will modu-
late between 11 k
W and 33 kW. Therefore, with the DAC’s
internal feedback resistance of 11 k
W, the noise gain will vary
from 2 to 4/3. This changing noise gain modulates the effect of
the input offset voltage of the amplifier, resulting in nonlinear
DAC amplifier performance.
The AD711K with guaranteed 500
mV offset voltage minimizes
this effect to achieve 12-bit performance.


Số phần tương tự - AD711JR-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD711JR-REEL AD-AD711JR-REEL Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711JR-REEL AD-AD711JR-REEL Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JR-REEL AD-AD711JR-REEL Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JR-REEL AD-AD711JR-REEL Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JR-REEL7 AD-AD711JR-REEL7 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
More results

Mô tả tương tự - AD711JR-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_02 Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD712 AD-AD712_06 Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712 AD-AD712 Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD713 AD-AD713 Datasheet
456Kb / 14P
   Quad Precision, Low Cost, High Speed, BiFET Op Amp
REV. C
AD712 AD-AD712_15 Datasheet
387Kb / 20P
   Precision, Low Cost, High Speed BiFET Dual Op Amp
Rev. H
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com