công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD524CD bảng dữ liệu(PDF) 3 Page - Analog Devices |
|
AD524CD bảng dữ liệu(HTML) 3 Page - Analog Devices |
3 / 28 page AD524 Rev. F | Page 3 of 28 SPECIFICATIONS @ VS = ±15 V, RL = 2 kΩ and TA = +25°C, unless otherwise noted. All min and max specifications are guaranteed. Specifications shown in boldface are tested on all production units at the final electrical test. Results from those tests are used to calculate outgoing quality levels. Table 1. AD524A AD524B Parameter Min Typ Max Min Typ Max Unit GAIN Gain Equation (External Resistor Gain Programming) % 20 1 000 , 40 ± ⎥ ⎦ ⎤ ⎢ ⎣ ⎡ + G R % 20 1 000 , 40 ± ⎥ ⎦ ⎤ ⎢ ⎣ ⎡ + G R Gain Range (Pin Programmable) 1 to 1000 1 to 1000 Gain Error1 G = 1 ±0.05 ±0.03 % G = 10 ±0.25 ±0.15 % G = 100 ±0.5 ±0.35 % G = 1000 ±2.0 ±1.0 % Nonlinearity G = 1 ±0.01 ±0.005 % G = 10, G = 100 ±0.01 ±0.005 % G = 1000 ±0.01 ±0.01 % Gain vs. Temperature G = 1 5 5 ppm/°C G = 10 15 10 ppm/°C G = 100 35 25 ppm/°C G = 1000 100 50 ppm/°C VOLTAGE OFFSET (May be Nulled) Input Offset Voltage 250 100 μV vs. Temperature 2 0.75 μV/°C Output Offset Voltage 5 3 mV vs. Temperature 100 50 μV Offset Referred to the Input vs. Supply G = 1 70 75 dB G = 10 85 95 dB G = 100 95 105 dB G = 1000 100 110 dB INPUT CURRENT Input Bias Current ±50 ±25 nA vs. Temperature ±100 ±100 pA/°C Input Offset Current ±35 ±15 nA vs. Temperature ±100 ±100 pA/°C |
Số phần tương tự - AD524CD |
|
Mô tả tương tự - AD524CD |