công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD536AJD bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD536AJD
Giải thích chi tiết về linh kiện  Integrated Circuit True RMS-to-DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD536AJD bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD536AJD Datasheet HTML 1Page - Analog Devices AD536AJD Datasheet HTML 2Page - Analog Devices AD536AJD Datasheet HTML 3Page - Analog Devices AD536AJD Datasheet HTML 4Page - Analog Devices AD536AJD Datasheet HTML 5Page - Analog Devices AD536AJD Datasheet HTML 6Page - Analog Devices AD536AJD Datasheet HTML 7Page - Analog Devices AD536AJD Datasheet HTML 8Page - Analog Devices AD536AJD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Data Sheet
AD536A
Rev. E | Page 3 of 16
SPECIFICATIONS
TA = +25°C and ±15 V dc, unless otherwise noted.
Table 1.
AD536AJ
AD536AK
AD536AS
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
TRANSFER FUNCTION
VOUT = √Avg(VIN)2
VOUT = √Avg(VIN)2
VOUT = √Avg(VIN)2
CONVERSION ACCURACY
Total Error, Internal Trim1
(See Figure 13)
±5 ± 0.5
±2 ± 0.2
±5 ± 0.5
mV± % ofrdg
vs. Temperature
TMIN to +70°C
±0.1 ± 0.01
±0.05 ± 0.005
±0.1 ± 0.005
mV ± % of rdg/°C
+70°C to +125°C
±0.3 ± 0.005
mV ± % of rdg/°C
vs. Supply Voltage
±0.1
±0.01
±0.1 ± 0.01
±0.1
±0.01
mV ± % of rdg/°C
dc Reversal Error
±0.2
±0.1
±0.2
mV± % ofrdg
Total Error, External Trim1
(See Figure 16)
±3 ± 0.3
±2 ± 0.1
±3 ± 0.3
mV± % ofrdg
ERROR VS. CREST FACTOR2
Crest Factor 1 to Crest Factor 2
Specified accuracy
Specified accuracy
Specified accuracy
Crest Factor = 3
−0.1
−0.1
−0.1
% of rdg
Crest Factor = 7
−1.0
−1.0
−1.0
% of rdg
FREQUENCY RESPONSE3
Bandwidth for 1% Additional
Error (0.09 dB)
VIN = 10 mV
5
5
5
kHz
VIN = 100 mV
45
45
45
kHz
VIN = 1 V
120
120
120
kHz
±3 dB Bandwidth
VIN = 10 mV
90
90
90
kHz
VIN = 100 mV
450
450
450
kHz
VIN = 1 V
2.3
2.3
2.3
MHz
AVERAGING TIME CONSTANT
(See Figure 19)
25
25
25
ms/µF
INPUT CHARACTERISTICS
Signal Range, ±15 V Supplies
Continuous RMS Level
0 to 7
0 to 7
0 to 7
V rms
Peak Transient Input
±20
±20
±20
V peak
Continuous RMS Level,
VS = ±5 V
0 to 2
0 to 2
0 to 2
V rms
Peak Transient Input,
VS = ±5 V
±7
±7
±7
V peak
Maximum Continuous
Nondestructive Input Level
(All Supply Voltages)
±25
±25
±25
V peak
Input Resistance
13.33
16.67
20
13.33
16.67
20
13.33
16.67
20
kΩ
Input Offset Voltage
0.8
±2
0.5
±1
0.8
±2
mV
OUTPUT CHARACTERISTICS
Offset Voltage, VIN = COM
(See Figure 13)
±1
±2
±0.5
±1
±2
mV
vs. Temperature
±0.1
±0.1
±0.2
mV/°C
vs. Supply Voltage
±0.1
±0.1
±0.2
mV/V
Voltage Swing, ±15 V Supplies
0 to +11
+12.5
0 to +11
+12.5
0 to +11 +12.5
V
± 5 V Supply
0 to +2
0 to +2
0 to +2
V
dB OUTPUT, 0 dB = 1 V rms
(See Figure 7)
Error, 7 mV < VIN < 7 V rms
±0.4
±0.6
±0.2
±0.3
±0.5
±0.6
dB
Scale Factor
−3
−3
−3
mV/dB
Scale Factor Temperature
Coefficient
−0.033
−0.033
−0.033
dB/°C
Uncompensated
+0.33
+0.33
+0.33
% of rdg/°C
IREF for 0 dB = 1 V rms
5
20
80
5
20
80
5
20
80
µA
IREF Range
1
100
1
100
1
100
µA


Số phần tương tự - AD536AJD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD536AJD AD-AD536AJD Datasheet
151Kb / 8P
   Integrated Circuit True RMS-to-DC Converter
REV. B
More results

Mô tả tương tự - AD536AJD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD536A AD-AD536A_15 Datasheet
419Kb / 15P
   Integrated Circuit True RMS-to-DC Converter
Rev. F
AD536A AD-AD536A Datasheet
151Kb / 8P
   Integrated Circuit True RMS-to-DC Converter
REV. B
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
   TRUE RMS TO DC CONVERTER
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
   True RMS-to-DC Converter
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
   LH0091 True RMS to DC Converter
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
   LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
   Low Level, True RMS-to-DC Converter
REV. B
AD636 AD-AD636_15 Datasheet
677Kb / 17P
   Low Level, True RMS-to-DC Converter
Rev. E
AD636 AD-AD636_13 Datasheet
444Kb / 16P
   Low Level, True RMS-to-DC Converter
REV. E
logo
Cyrustek corporation
ES636 CYRUSTEK-ES636 Datasheet
227Kb / 13P
   True RMS-to-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com