công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PZTA13 bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện PZTA13
Giải thích chi tiết về linh kiện  NPN Darlington Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PZTA13 bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  PZTA13 Datasheet HTML 1Page - Fairchild Semiconductor PZTA13 Datasheet HTML 2Page - Fairchild Semiconductor PZTA13 Datasheet HTML 3Page - Fairchild Semiconductor PZTA13 Datasheet HTML 4Page - Fairchild Semiconductor PZTA13 Datasheet HTML 5Page - Fairchild Semiconductor PZTA13 Datasheet HTML 6Page - Fairchild Semiconductor PZTA13 Datasheet HTML 7Page - Fairchild Semiconductor PZTA13 Datasheet HTML 8Page - Fairchild Semiconductor PZTA13 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
NPN Darlington Transistor
This device is designed for applications requiring extremely
high current gain at collector currents to 1.0 A. Sourced from
Process 05. See MPSA14 for characteristics.
MMBTA13
MPSA13
PZTA13
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCES
Collector-Emitter Voltage
30
V
VCBO
Collector-Base Voltage
30
V
VEBO
Emitter-Base Voltage
10
V
IC
Collector Current - Continuous
1.2
A
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Symbol
Characteristic
Max
Units
MPSA13
*MMBTA13
**PZTA13
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
350
2.8
1,000
8.0
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
357
125
°C/W
Thermal Characteristics
TA = 25°C unless otherwise noted
C
B
E
TO-92
C
B
E
SOT-23
Mark: 1M
B
C
C
SOT-223
E
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
**Device mounted on FR-4 PCB 36 mm X 18 mm X 1.5 mm; mounting pad for the collector lead min. 6 cm2.
ã
1997 Fairchild Semiconductor Corporation


Số phần tương tự - PZTA13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Siemens Semiconductor G...
PZTA13 SIEMENS-PZTA13 Datasheet
139Kb / 4P
   NPN Silicon Darlington Transistors
logo
Infineon Technologies A...
PZTA13 INFINEON-PZTA13 Datasheet
42Kb / 4P
   NPN Silicon Darlington Transistors
Nov-30-2001
More results

Mô tả tương tự - PZTA13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
   NPN DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
   NPN (DARLINGTON TRANSISTOR)
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
   Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
   NPN Darlington Transistor
logo
NXP Semiconductors
BC517 PHILIPS-BC517 Datasheet
43Kb / 8P
   NPN Darlington transistor
1999 Apr 23
logo
Fairchild Semiconductor
TN6725A FAIRCHILD-TN6725A Datasheet
26Kb / 2P
   NPN Darlington Transistor
logo
First Components Intern...
BC618 FCI-BC618 Datasheet
73Kb / 5P
   NPN Darlington Transistor
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
   NPN Darlington Transistor
MPSA14 FAIRCHILD-MPSA14_01 Datasheet
651Kb / 14P
   NPN Darlington Transistor
logo
Chenmko Enterprise Co. ...
CHBTA13PT CHENMKO-CHBTA13PT Datasheet
70Kb / 2P
   NPN Darlington Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com