công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7-1761614-5 bảng dữ liệu(PDF) 11 Page - Tyco Electronics

tên linh kiện 7-1761614-5
Giải thích chi tiết về linh kiện  STEP-Z Interconnection System
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

7-1761614-5 bảng dữ liệu(HTML) 11 Page - Tyco Electronics

Back Button 7-1761614-5 Datasheet HTML 7Page - Tyco Electronics 7-1761614-5 Datasheet HTML 8Page - Tyco Electronics 7-1761614-5 Datasheet HTML 9Page - Tyco Electronics 7-1761614-5 Datasheet HTML 10Page - Tyco Electronics 7-1761614-5 Datasheet HTML 11Page - Tyco Electronics 7-1761614-5 Datasheet HTML 12Page - Tyco Electronics 7-1761614-5 Datasheet HTML 13Page - Tyco Electronics 7-1761614-5 Datasheet HTML 14Page - Tyco Electronics 7-1761614-5 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
23
Catalog 65194
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Page_Head (Continued)
High Speed Fine Pitch Connectors
(MICTOR, MICTOR SB, Micro-Strip and STEP-Z
Interconnection Systems)
MICTOR Vertical Plugs (Continued)
11.00 [.430]
Stacking Height*
Related Product Data
Material and Finish — page 16
Performance Characteristics —
page 16
Mating Receptacles — pages 36-41
Technical Documents — page 81
* 11.00 [.430] stack height when
mated to vertical receptacle;
19.94 [.785] stack height when
mated to vertical receptacle
(extended height).
Recommended PC Board Layout
(Viewed from Connector Side)
Note: For standard applications, the orientation hole must be 2.39±0.05 [.094±.002]; For slip-fit applications,
the orientation hole must be 2.00±0.03 [.079±.001].
4 Spaces at
2.54 [.100]
= 10.16 [.400]
R 0.13 [.005]
or
0.13 [.005] x 45°
PC Board Hold Down Required
In This Area For Connectors
of 190 Positions and Larger.
Size, Shape & Location at
Customer’s Discretion.
8.72
[.343]
Max.
6.35
[.250]
0.64
[.025]
3.53
[.139]
10.79 ± 0.28
[.425 ± .011]
Ground Bus
18 Spaces at
0.64 ± 0.20 [.025 ± .008]
= 11.43 ± 0.20 [.450 ± .008]
D Spaces at
12.70 ± 0.20
[.500 ± .008] = E
F
1.27
[.050]
Position No. 1 Indicator
Standard Ground
Bus Leads
Orientation Hole
(See Note)
Position No. 1
Position No. 2
Pad
C Ref.
Ø 1.94
[.077]
10.64 ± 0.20
[.419 ± .008]
Ø 0.81 ± 0.05
[.032 ± .002]
Hole
0.43 ± 0.05
[.017 ± .002]
Contact
Housing
C
±
0.20
[± .008]
A
±
0.20
[± .008]
+ 0.00
– 0.05
+ .000
– .002
B
[
]
5.28 ± 0.03
[.208 ± .001]
Ref.


Số phần tương tự - 7-1761614-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
7-171826-0 MACOM-7-171826-0 Datasheet
72Kb / 1P
   POST HEADER ASSY
7-171826-2 MACOM-7-171826-2 Datasheet
72Kb / 1P
   POST HEADER ASSY AMP EI SERIES CONNECTOR
7-171826-2 MACOM-7-171826-2 Datasheet
72Kb / 1P
   POST HEADER ASSY
7-173977-0 MACOM-7-173977-0 Datasheet
54Kb / 1P
   MT REC HOUSING ASSY CAMP CT CONNECTOR 2mm PITCH
7-173977-1 MACOM-7-173977-1 Datasheet
54Kb / 1P
   MT REC HOUSING ASSY CAMP CT CONNECTOR 2mm PITCH
More results

Mô tả tương tự - 7-1761614-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
logo
Tyco Electronics
539630-1 MACOM-539630-1 Datasheet
3Mb / 40P
   SOLARLOK Photovoltaic Interconnection System
logo
List of Unclassifed Man...
SMS9H1 ETC2-SMS9H1 Datasheet
508Kb / 8P
   TRIM TRIO INTERCONNECTION SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com