công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7-1462039-0 bảng dữ liệu(PDF) 4 Page - Tyco Electronics |
|
7-1462039-0 bảng dữ liệu(HTML) 4 Page - Tyco Electronics |
4 / 6 page 07-2013, Rev. 0713 www.te.com © 2013 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 4 AXICOM Signal Relays IM Relay (Continued) Packing 108-98001 Rev. M All specifications subject to change. Consult Tyco Electronics for latest specifications. 26 of 28 AXICOMÊSignalÊRelays IM Relay Packing Dimensions in mm Reel Dimension Tube for THT version 50 relays per tube 1,000 relays per box Tape and reel for SMT version 1,000 relays per reel 1,000 or 5,000 relays per box Tube for THT version 50 relays per tube, 1000 relays per box 108-98001 Rev. M All specifications subject to change. Consult Tyco Electronics for latest specifications. 26 of 28 AXICOMÊSignalÊRelays IM Relay Packing Dimensions in mm Reel Dimension Tube for THT version 50 relays per tube 1,000 relays per box Tape and reel for SMT version 1,000 relays per reel 1,000 or 5,000 relays per box Tape and reel for SMT version 1000 relays per reel, 1000 or 5000 relays per box Reel dimensions 108-98001 Rev. M All specifications subject to change. Consult Tyco Electronics for latest specifications. 26 of 28 AXICOMÊSignalÊRelays IM Relay Packing Dimensions in mm Reel Dimension Tube for THT version 50 relays per tube 1,000 relays per box Tape and reel for SMT version 1,000 relays per reel 1,000 or 5,000 relays per box 108-98001 Rev. M All specifications subject to change. Consult Tyco Electronics for latest specifications. 26 of 28 AXICOMÊSignalÊRelays IM Relay Packing Dimensions in mm Reel Dimension Tube for THT version 50 relays per tube 1,000 relays per box Tape and reel for SMT version 1,000 relays per reel 1,000 or 5,000 relays per box Product code structure Typical product code IM 03 G R Type IM Signal Relays IM Series Contact arrangement Blank 2 form C, 2 CO Coil Coil code: please refer to coil versions table Performance type Blank Standard version C High dielectric version D High current version P High contact stability version Terminals T THT - standard J SMT - J-leg N THT - narrow version G SMT - gull wing Packing S Tube R Reel |
Số phần tương tự - 7-1462039-0 |
|
Mô tả tương tự - 7-1462039-0 |