công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4-1462037-5 bảng dữ liệu(PDF) 5 Page - Tyco Electronics |
|
4-1462037-5 bảng dữ liệu(HTML) 5 Page - Tyco Electronics |
5 / 6 page 07-2013, Rev. 0713 www.te.com © 2013 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 5 AXICOM Signal Relays Product code Arrangement Perf. type Coil Coil type Coil Terminals Part number IM00GR 2 form C, Standard 1.5VDC Monostable Standard SMT gull wing 3-1462037-7 IM00JR 2 CO SMT J-leg 3-1462037-9 IM00NS contacts THT narrow 1-1462038-0 IM01GR 3VDC SMT gull wing 1462037-1 IM01JR SMT J-leg 4-1462037-0 IM01NS THT narrow 1-1462038-1 IM01TS THT standard 1462037-4 IM02GR 4.5VDC SMT gull wing 1462037-9 IM02JR SMT J-leg 1-1462037-1 IM02NS THT narrow 1-1462038-2 IM03GR 5VDC SMT gull wing 1-1462037-4 IM03JR SMT J-leg 1-1462037-6 IM03NS THT narrow 1-1462038-3 IM03TS THT standard 1-1462037-8 IM04GR 6VDC SMT gull wing 4-1462037-2 IM04JR SMT J-leg 4-1462037-4 IM04NS THT narrow 1-1462038-4 IM05GR 9VDC SMT gull wing 3-1462037-4 IM05JR SMT J-leg 4-1462037-5 IM05NS THT narrow 1-1462038-5 IM05TS THT standard 2-1462037-2 IM06GR 12VDC SMT gull wing 2-1462037-3 IM06JR SMT J-leg 4-1462037-6 IM06NS THT narrow 1-1462038-6 IM07GR 24VDC SMT gull wing 4-1462037-7 IM07JR SMT J-leg 4-1462037-8 IM07NS THT narrow 1-1462038-7 IM08GR 2.4VDC SMT gull wing 6-1462039-3 IM11GR 3VDC High sens. 9-1462038-5 IM12GR 4.5VDC 1462039-3 IM13GR 5VDC 1462039-4 IM16GR 12VDC 1462039-5 IM17GR 24VDC 1462039-6 IM17TS THT standard 4-1462039-6 IM21GR 3VDC Ultra SMT gull wing 2-1462039-6 IM21TS high THT standard 1-1462039-5 IM22GR 4.5VDC sensitive SMT gull wing 2-1462039-7 IM22TS THT standard 2-1462039-8 IM23GR 5VDC SMT gull wing 2-1462039-9 IM23TS THT standard 3-1462039-0 IM26GR 12VDC SMT gull wing 3-1462039-1 IM26TS THT standard 3-1462039-2 IM40GR 1.5VDC Bistable Standard SMT gull wing 5-1462037-1 IM40JR SMT J-leg 5-1462037-2 IM40NS THT narrow 1-1462038-8 IM40TS THT standard 5-1462037-0 IM41GR 3VDC SMT gull wing 5-1462037-4 IM41JR SMT J-leg 5-1462037-5 IM41NS THT narrow 1-1462038-9 IM41TS THT standard 5-1462037-3 IM42GR 4.5VDC SMT gull wing 3-1462037-1 IM42JR SMT J-leg 5-1462037-7 IM42NS THT narrow 2-1462038-0 IM42TS THT standard 5-1462037-6 IM43GR 5VDC SMT gull wing 5-1462037-9 IM43JR SMT J-leg 6-1462037-0 IM43NS THT narrow 2-1462038-1 IM43TS THT standard 5-1462037-8 IM44GR 6VDC SMT gull wing 6-1462037-2 IM44JR SMT J-leg 6-1462037-3 IM44NS THT narrow 2-1462038-2 IM44TS THT standard 6-1462037-1 IM45GR 9VDC SMT gull wing 6-1462037-4 IM45JR SMT J-leg 6-1462037-5 IM45NS THT narrow 2-1462038-3 IM46GR 12VDC SMT gull wing 6-1462037-7 IM46JR SMT J-leg 6-1462037-8 IM46NS THT narrow 2-1462038-4 IM46TS THT standard 6-1462037-6 IM47GR 24VDC SMT gull wing 7-1462037-0 IM47JR SMT J-leg 7-1462037-1 IM47NS THT narrow 2-1462038-5 IM47TS THT standard 6-1462037-9 IM48GR 2.4VDC SMT gull wing 1462039-8 Signal Relays IM Relay (Continued) |
Số phần tương tự - 4-1462037-5 |
|
Mô tả tương tự - 4-1462037-5 |