công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
5-103979-9 bảng dữ liệu(PDF) 10 Page - Tyco Electronics |
|
5-103979-9 bảng dữ liệu(HTML) 10 Page - Tyco Electronics |
10 / 32 page 232 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 MTE Receptacle Assemblies—Guide Ribs, Single-Row, .100 [2.54] Centerline AMPMODU Interconnection System 5 Preassembled housings in strip form are available in positions 2 thru 12. For ease of handling, positions 2 thru 5 are recommended when using the Tyco Electronics Manual Pistol Grip Tool. Material and Finish Housing — Black thermoplastic, 94V-0 rated Contacts — Phosphor Bronze, plated as follows: Plating A — Duplex plated .000030 [0.00076] gold on contact area, .000050 [0.00127] min. tin in crimp area, with entire contact underplated .000050 [0.00127] nickel Plating B — Duplex plated .000015 [0.00038] gold on contact area, .000050 [0.00127] min. tin in crimp area, with entire contact underplated .000050 [0.00127] nickel Plating C — .000100 [0.00254] tin over .000050 [0.00127] nickel on entire contact Note: Insulation displacement contacts accept an insulation diameter of .030 [0.76] min. to .054 [1.37] max. with an insula- tion wall thickness of .015 [0.38] max. Mating post length for preloaded housings is .200 [5.08] min., .250 [6.35] max. Related Product Data Coupling Shrouds used with — Single-Row — page 240 Double-Row — page 241 Mateable AMPMODU Products (with Receptacle Assemblies Installed in Single-Row Coupling Shrouds) — Pin Assemblies (Polarized/ Latching) — pages 236, 237 Pin Assemblies with Guide Ribs (installed in Panel Mount Pin Shroud) — pages 238, 239, 242 Headers (Polarized/Latching) — pages 244-252 Mateable AMPMODU Products (with Receptacle Assemblies Installed in Double-Row Coupling Shrouds) — Headers, Shrouded, Double-Row (.318 [8.08] mating post length, .150 [3.81] end dimension) — pages 119-121, 124, 125, 128, 129, 131-133 Receptacle Contacts (See Note 1) Position No. 1 Indicator (Farside) 1.120 [28.45] .600 [15.24] .098 [2.49] .100 [2.54] Typ B Typ. A .520 [13.21] Interchangeable Crimp Contacts— (Short Point) — page 253 Application Tooling — page 273 Performance Specifications — page 225 Technical Documents — pages 277, 278 Product Specification 108-25034 Application Specification 114-25026 |
Số phần tương tự - 5-103979-9 |
|
Mô tả tương tự - 5-103979-9 |