công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

8-147720-8 bảng dữ liệu(PDF) 7 Page - Tyco Electronics

tên linh kiện 8-147720-8
Giải thích chi tiết về linh kiện  Mod IV Receptacle Assemblies
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

8-147720-8 bảng dữ liệu(HTML) 7 Page - Tyco Electronics

Back Button 8-147720-8 Datasheet HTML 3Page - Tyco Electronics 8-147720-8 Datasheet HTML 4Page - Tyco Electronics 8-147720-8 Datasheet HTML 5Page - Tyco Electronics 8-147720-8 Datasheet HTML 6Page - Tyco Electronics 8-147720-8 Datasheet HTML 7Page - Tyco Electronics 8-147720-8 Datasheet HTML 8Page - Tyco Electronics 8-147720-8 Datasheet HTML 9Page - Tyco Electronics 8-147720-8 Datasheet HTML 10Page - Tyco Electronics 8-147720-8 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 98 page
background image
187
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Mod IV Receptacle Assemblies, Single-Row, Surface Mount,
.100 [2.54] Centerline with Compliant Pin Hold Downs
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Surface Mount, Single-Row,
Dual Entry with Compliant
Pin Holddowns
Material and Finish
Housing — Glass-filled thermoplastic,
black, 94V-0 rated
Contacts — Phosphor bronze, plated
as follows:
Plating A — Duplex .000030
[0.00076] gold on contact area,
.000150-.000300 [0.00381-0.00762]
matte tin on solder area all over .000050
[0.00127] nickel
Plating B — Duplex .000010
[0.000254] gold on contact area,
.000150-.000300 [0.00381-0.00762]
matte tin on solder area all over .000050
[0.00127] nickel
Plating C — .000150-.000300
[0.00381-0.00762] matte tin on solder
leads, all over .000050 [0.00127] nickel
Related Product Data
Mateable Headers —
Refer to Mating Post Selection Guide —
page 90
Performance Specifications —
page 186
.265
[6.73]
Typ.
.038
[0.97]
.020
[0.51]
.030 0.76
.025 [0.64 ]
Typ.
.140
[3.56]
.100
[2.54]
Typ.
.107
[2.72]
(Localized Gold
Plate Area)
.208
[5.28]
Max.
(Depressed)
.148
[3.77]
Point of
Contact
D
C
A
D
B
C
P.C. Board
.069
[1.75]
.090
[2.28]
Typ.
.060
[1.52]
Min.
.100
[2.54]
.040±.003
[1.02±0.08]
Dia. Typ.
(For bottom
entry or pass
thru applica-
tions)
.042±.003
[1.07±0.08]
Dia.
.075
[1.91]
.110
[2.79]
.228
[5.78]
Recommended PC Board Pad Pattern
(.008 [0.20] thick stencil)
Packaged in Tubes
Packaged in Tape & Reel
No. of
Dimensions
Contact Plating/ Part Nos.
Contact Plating/ Part Nos.
Pos.
AB
C
D
Plating A
Plating B
Plating C
Plating A
Plating B
Plating C
3
.500 [12.70]
.200
[5.08]
See note 3
.400 [10.16]
5-147744-1
5-147743-1
5-147742-1
5-147724-1
5-147730-1
5-147731-1
4
.600 [15.24]
.300
[7.62]
See note 3
.500 [12.70]
5-147744-2
5-147743-2
5-147742-2
5-147724-2
5-147730-2
5-147731-2
5
.700 [17.78]
.400 [10.16]
See note 3
.600 [15.24]
5-147744-3
5-147743-3
5-147742-3
5-147724-3
5-147730-3
5-147731-3
6
.800 [20.32]
.500 [12.70]
See note 3
.700 [17.78]
5-147744-4
5-147743-4
5-147742-4
5-147724-4
5-147730-4
5-147731-4
7
.900 [22.86]
.600 [15.24]
See note 3
.800 [20.32]
5-147744-5
5-147743-5
5-147742-5
5-147724-5
5-147730-5
5-147731-5
8
1.000 [25.40]
.700 [17.78]
See note 3
.900 [22.86]
5-147744-6
5-147743-6
5-147742-6
5-147724-6
5-147730-6
5-147731-6
9
1.100 [27.94]
.800 [20.32]
See note 3
1.000 [25.40]
5-147744-7
5-147743-7
5-147742-7
5-147724-7
5-147730-7
5-147731-7
10
1.200 [30.48]
.900 [22.86]
See note 3
1.100 [27.94]
5-147744-8
5-147743-8
5-147742-8
5-147724-8
5-147730-8
5-147731-8
11
1.300 [33.02]
1.000 [25.40]
See note 3
1.200 [30.48]
5-147744-9
5-147743-9
5-147742-9
5-147724-9
5-147730-9
5-147731-9
12
1.400 [35.56]
1.100 [27.94]
See note 3
1.300 [33.02]
6-147744-0
6-147743-0
6-147742-0
6-147724-0
6-147730-0
6-147731-0
13
1.500 [38.10]
1.200 [30.48]
See note 3
1.400 [35.56]
6-147744-1
6-147743-1
6-147742-1
6-147724-1
6-147730-1
6-147731-1
14
1.600 [40.64]
1.300 [33.02]
See note 3
1.500 [38.10]
6-147744-2
6-147743-2
6-147742-2
6-147724-2
6-147730-2
6-147731-2
15
1.700 [43.18]
1.400 [35.56]
See note 3
1.600 [40.64]
6-147744-3
6-147743-3
6-147742-3
6-147724-3
6-147730-3
6-147731-3
16
1.800 [45.72]
1.500 [38.10]
See note 3
1.700 [43.18]
6-147744-4
6-147743-4
6-147742-4
6-147724-4
6-147730-4
6-147731-4
17
1.900 [48.26]
1.600 [40.64]
See note 3
1.800 [45.72]
6-147744-5
6-147743-5
6-147742-5
6-147724-5
6-147730-5
6-147731-5
18
2.000 [50.80]
1.700 [43.18]
See note 3
1.900 [48.26]
6-147744-6
6-147743-6
6-147742-6
6-147724-6
6-147730-6
6-147731-6
19
2.100 [53.34]
1.800 [45.72]
See note 3
2.000 [50.80]
6-147744-7
6-147743-7
6-147742-7
6-147724-7
6-147730-7
6-147731-7
20
2.200 [55.88]
1.900 [48.26]
See note 3
2.100 [53.34]
6-147744-8
6-147743-8
6-147742-8
6-147724-8
6-147730-8
6-147731-8
30
3.200 [81.28]
2.900 [73.66]
See note 3
3.100 [78.74]
7-147744-8
7-147743-8
7-147742-8
7-147724-8
7-147730-8
7-147731-8
40
4.300 [109.22]
4.100 [104.14]
2.100 [53.34] 4.200 [106.68]
8-147744-8
8-147743-8
8-147742-8
8-147724-8
8-147730-8
8-147731-8
Notes: 1. Tyco Electronics recommends mating gold or duplex plated headers with duplex plated receptacle assemblies.
2. To obtain the minimum mating post length, add .020 [0.51] (not including the post lead in chamfer) to the maximum point-of-contact dimension, and
.062 [1.57] for recommended board thickness if used in bottom entry application
3. No center hold down.
.042±.003
[1.07±0.08]
Dia.
.042±.003
[1.07±0.08]
Dia.
Standoffs
Typ.


Số phần tương tự - 8-147720-8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
8-147720-8 MACOM-8-147720-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
8-147720-8 MACOM-8-147720-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
8-147720-8 MACOM-8-147720-8 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
8-147720-8 MACOM-8-147720-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
8-147720-8 MACOM-8-147720-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
More results

Mô tả tương tự - 8-147720-8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
1-86177-4 MACOM-1-86177-4 Datasheet
109Kb / 1P
   MOD IV CRIMP SNAP-IN CONNECTOR
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
1-87456-1 MACOM-1-87456-1 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com