công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3-111196-4 bảng dữ liệu(PDF) 47 Page - Tyco Electronics

tên linh kiện 3-111196-4
Giải thích chi tiết về linh kiện  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

3-111196-4 bảng dữ liệu(HTML) 47 Page - Tyco Electronics

Back Button 3-111196-4 Datasheet HTML 43Page - Tyco Electronics 3-111196-4 Datasheet HTML 44Page - Tyco Electronics 3-111196-4 Datasheet HTML 45Page - Tyco Electronics 3-111196-4 Datasheet HTML 46Page - Tyco Electronics 3-111196-4 Datasheet HTML 47Page - Tyco Electronics 3-111196-4 Datasheet HTML 48Page - Tyco Electronics 3-111196-4 Datasheet HTML 49Page - Tyco Electronics 3-111196-4 Datasheet HTML 50Page - Tyco Electronics 3-111196-4 Datasheet HTML 51Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 100 page
background image
47
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Note: All part numbers are RoHS compliant.
EUROLATCH Receptacles, 64-Position
(Three-Row Housings, Two Rows Loaded)
Housing Assembly with
Cover (Preassembled)
Material and Finish
Housing and Cover — UL 94V-0
rated thermoplastic, black
Contacts — Phosphor bronze, duplex
plated 0.00076 [.000030] gold on
post/pin mating end, 0.00254-0.00508
[.000100-.000200] tin on termination
end, with entire contact underplated
0.00127 [.000050] nickel.
Related Product Data
Mateable Pin Connectors —
Eurocard Type C and Type R—
Selection Guide 82650,
See Catalog 82721
Ribbon Cable —
Part Number 2-57040-2 or
Part Number 2-57034-5 (64 conductor)
Application Tooling — pages 70-74
Technical Documents
Product Specifications
108-46003 EUROLATCH Receptacles
DIN 41612
IEC 603-2
Instruction Sheet
408-9156
I
Recognized under the
Component Program
of the Underwriters
Laboratories, Inc.
UL File No. E28476
I
Certified by the
Canadian Standards
Association,
File No. LR 7189
R
R
Row A
78.74
[3.100]
84.89
[3.342]
89.92
[3.54]
94.74
[3.730]
3.48
[.137]
10.49
[.413]
8.46
[.333]
8.46
[.333]
Row B
Row C
6.35
[.250]
18.57
[.731]
84.66
[3.333]
10.95
[.431]
14.43
[.568]
2.54
[.100]
1.27
[.050]
Cover
Housing
Assembly
Terminated
2.79 Dia.
[.110]
Dia.
(2 Holes)
Contact
Receptacle
Rows
Kit No.
Loaded
(Preassembled)
A and C
746603-4
METRIC
Dimensions are
millimeters over inches


Số phần tương tự - 3-111196-4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
3-111196-4 MACOM-3-111196-4 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
3-111196-4 MACOM-3-111196-4 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
3-111196-4 MACOM-3-111196-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Mô tả tương tự - 3-111196-4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com