công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3-111196-4 bảng dữ liệu(PDF) 81 Page - Tyco Electronics

tên linh kiện 3-111196-4
Giải thích chi tiết về linh kiện  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

3-111196-4 bảng dữ liệu(HTML) 81 Page - Tyco Electronics

Back Button 3-111196-4 Datasheet HTML 77Page - Tyco Electronics 3-111196-4 Datasheet HTML 78Page - Tyco Electronics 3-111196-4 Datasheet HTML 79Page - Tyco Electronics 3-111196-4 Datasheet HTML 80Page - Tyco Electronics 3-111196-4 Datasheet HTML 81Page - Tyco Electronics 3-111196-4 Datasheet HTML 82Page - Tyco Electronics 3-111196-4 Datasheet HTML 83Page - Tyco Electronics 3-111196-4 Datasheet HTML 84Page - Tyco Electronics 3-111196-4 Datasheet HTML 85Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 100 page
background image
81
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Note: All part numbers are RoHS compliant.
Material and Finish
Housing — Glass-filled PBT,
UL 94V-0 rated, black
Posts — Brass or phosphor bronze,
plated as follows:
Plating — Duplex plated, gold flash
over palladium-nickel, .000030
[0.00076] min. total on mating surfaces,
.000100 [0.00254] min. tin on solder
area, with entire post underplated
.000050 [0.00127] min. nickel
or .000030 [0.00076] min. gold on
mating surfaces, .000100 [0.00254]
min. tin on solder area, with entire post
underplated .000050 [0.00127] min.
nickel
Related Product Data
Electrical Characteristics —
page 75
Mateable Connectors —
Novo Receptacles and Female
Socket Connectors, 609, 622 and
636 Series — pages 48-55
Right-Angle PCB Mount
.025 [0.64] Square Post
(Mating End)
Part Numbers
No. of
Dimensions
Pin Header with Short Latches
Pin Header with Long Latches
Pos.
AB
(Mates with Receptacles
(Mates with Receptacles
without Strain Relief)
with Strain Relief)
10
.800
.400
1761609-3
1761607-3
20.32
10.16
14
1.000
.600
1761609-5
1761607-5
25.40
15.24
16
1.100
.700
1761609-6
1761607-6
27.94
17.78
20
1.300
.900
1761609-7
1761607-7
33.02
22.86
26
1.600
1.200
1761609-9
1761607-9
40.64
30.48
34
2.000
1.600
1-1761609-1
1-1761607-1
50.80
40.64
40
2.300
1.900
1-1761609-3
1-1761607-3
58.42
48.26
50
2.800
2.400
1-1761609-5
1-1761607-5
71.12
60.96
60
3.300
2.900
1-1761609-6
1-1761607-6
83.82
73.66
B
A
U
U
.362
[9.19]
.254 ± .006
[6.45 ± 0.15]
.025 ± .001
[0.64 ± 0.03]
.025 ± .001
[0.64 ± 0.03]
.030
[0.76]
.100
[2.54]
.404 ± .006
[10.26 ± 0.15]
Ø .035 ± .003
[0.89 ± 0.08]
Position #1 Indicator
Latch
Housing
Post
Max.
.888 ± .012
[22.56 ± 0.30]
For Long
Eject Latch
.728 ± .012
[18.49 ± 0.30]
For Short
Eject Latch
.100
[2.54]
.100
[2.54]
.100
[2.54]
Recommended PC Board Layout
Section U-U
Ø .031
[0.79]
.237 ± .007
[6.02 ± 0.18]
.102 ± .010
[2.59 ± 0.25]
Latching
Height
.575
[14.61]
.427
[10.85]
Short
Long
Pin 1
Pin 2
IDC Low Profile Ejection Style Pin Headers with Die Cast Ejection Latches,
Military and Center Polarized, .100 x .100 [2.54 x 2.54] Centerlines (Continued)


Số phần tương tự - 3-111196-4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
3-111196-4 MACOM-3-111196-4 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
3-111196-4 MACOM-3-111196-4 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
3-111196-4 MACOM-3-111196-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Mô tả tương tự - 3-111196-4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com