công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3-111196-4 bảng dữ liệu(PDF) 74 Page - Tyco Electronics

tên linh kiện 3-111196-4
Giải thích chi tiết về linh kiện  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

3-111196-4 bảng dữ liệu(HTML) 74 Page - Tyco Electronics

Back Button 3-111196-4 Datasheet HTML 70Page - Tyco Electronics 3-111196-4 Datasheet HTML 71Page - Tyco Electronics 3-111196-4 Datasheet HTML 72Page - Tyco Electronics 3-111196-4 Datasheet HTML 73Page - Tyco Electronics 3-111196-4 Datasheet HTML 74Page - Tyco Electronics 3-111196-4 Datasheet HTML 75Page - Tyco Electronics 3-111196-4 Datasheet HTML 76Page - Tyco Electronics 3-111196-4 Datasheet HTML 77Page - Tyco Electronics 3-111196-4 Datasheet HTML 78Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 100 page
background image
74
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Application Tooling
Manual Arbor Frame
Assembly,
Part No. 91085-2
Pneumatic Auto-Cycle
Unit, Part No. 91112-3
Hand Tool Kit—Part No. 768340-1
Terminating kit for .050 [1.27] centerline ribbon cable with
28 or 26 AWG [0.08 or 0.15 mm2] stranded or solid, or
30 AWG [0.05 mm2] solid conductors. Includes commercial
grade hand tool with ratchet control for complete termination
cycle, base assembly, bench-mount, tooling sets for stan-
dard and Novo receptacles, card edge connectors and D-
Sub HDF low-profile connectors, and a carrying case.
Bench frame for applying a
variety of IDC connectors,
including AMPMODU MT
and CHAMP. Features
adjustable ram and handle,
and a slide base. Tooling is
mounted to the ram and into
the tracks of the base plate.
Basically an air-powered
version of Manual Arbor
Frame Assembly 91085-2.
Features adjustable ram
and cycle time, and auto-
matic cycling when the
lower assembly is slid into
the frame to the rear of the
base plate. Includes a
guard around the frame
opening.
Pneumatic Foot Pedal Unit
Part No. 91112-2
Foot pedal indicates cycle—
features adjustable ram and
cycle time.
Tooling Instruction Sheets
408-7777—Manual Arbor Frame
Assembly
408-6732—Pneumatic Auto-Cycle
Assembly
408-9828—Hand Tool Kit 768340-1
for Connector-Specific Kits


Số phần tương tự - 3-111196-4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
3-111196-4 MACOM-3-111196-4 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
3-111196-4 MACOM-3-111196-4 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
3-111196-4 MACOM-3-111196-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Mô tả tương tự - 3-111196-4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com