công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3-111196-2 bảng dữ liệu(PDF) 16 Page - Tyco Electronics

tên linh kiện 3-111196-2
Giải thích chi tiết về linh kiện  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

3-111196-2 bảng dữ liệu(HTML) 16 Page - Tyco Electronics

Back Button 3-111196-2 Datasheet HTML 12Page - Tyco Electronics 3-111196-2 Datasheet HTML 13Page - Tyco Electronics 3-111196-2 Datasheet HTML 14Page - Tyco Electronics 3-111196-2 Datasheet HTML 15Page - Tyco Electronics 3-111196-2 Datasheet HTML 16Page - Tyco Electronics 3-111196-2 Datasheet HTML 17Page - Tyco Electronics 3-111196-2 Datasheet HTML 18Page - Tyco Electronics 3-111196-2 Datasheet HTML 19Page - Tyco Electronics 3-111196-2 Datasheet HTML 20Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 100 page
background image
16
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
2.0 mm [.079] Receptacle Connectors
Ribbon Cable Interconnect Solutions
METRIC
Dimensions are
millimeters over inches
Product Facts
I
True hard metric 2.0 x 2.0
[.079 x .079] mating grid for
1.0 [.039] pitch ribbon cable
I
Wide selection of
configurations, 8-50
positions
I
Insulation displacement
(IDC), beryllium copper
contacts, duplex plated
gold-over-nickel
I
Top/bottom single beam
contact orientation
I
UL 94V-0 rated thermo-
plastic components
I
Assemblies are furnished
preassembled with
termination covers
I
Optional polarization
I
Optional strain relief
available
I
Connector assemblies
packaged for ease of
handling and protection
I
Recognized under the
Component Program
of the Underwriters
Laboratories, Inc.
UL File No. E28476
I
Certified by the
Canadian Standards
Association,
File No. LR 7189
Performance Data
Durability — 150 cycles
Termination Resistance —
25 milliohms max.
Mating Force —
1.67 N max. per contact
Unmating Force —
0.14 N min. per contact
Operating Temperature —
-65°C to +105°C
Technical Documents
Product Specification
108-1372
Application Specification
114-40038
R
R
The 2.0 [.079] receptacle
connector family features
contacts on a true 2.0 x 2.0
[.079 x .079] mating grid
for 1.0 [.039] pitch 28 AWG
ribbon cable. A variety of
configurations are available
from 8 through 50 positions.
This small, compact
connector is finding wide
acceptance throughout the
electronic industry, particu-
larly in the smaller laptop
and notebook type comput-
ers with 63.5 [2.5] drives.
Other areas of application
include point-of-sale termi-
nals, fax machines, photo-
copiers, printers, consumer
electronics, and other com-
puter peripheral equipment.
These receptacles feature
insulation displacement
contacts (IDC) with a
top/bottom single-beam
contact orientation.
Contacts are beryllium
copper, duplex plated
0.00076 [.000030] gold
in the mating area and
0.00254 [.000100] min.
tin on termination end, all
over 0.00127 [.000050]
nickel underplating. Contact
mating area is 1.54 [.061]
from the face of the housing
and they accept 0.50mm
[.0197] round or square
posts.
Housings are made of
UL 94V-0 rated polyester
with optional center bar
polarization. Complete
assemblies are furnished
preassembled with termina-
tion covers. The complete
assembly presents a com-
pact design only 5.2 [.203]
wide over the termination
cover by 4 [.157] deep by
4 [.157] wide mating end.
Terminated height is 8.48
[.334]. Optional strain relief
available. Assemblies are
packaged for ease of
handling and protection.


Số phần tương tự - 3-111196-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
3-111196-2 MACOM-3-111196-2 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
3-111196-2 MACOM-3-111196-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
3-111196-2 MACOM-3-111196-2 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Mô tả tương tự - 3-111196-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com