công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4562 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM4562
Giải thích chi tiết về linh kiện  LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM4562 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM4562 Datasheet HTML 1Page - Texas Instruments LM4562 Datasheet HTML 2Page - Texas Instruments LM4562 Datasheet HTML 3Page - Texas Instruments LM4562 Datasheet HTML 4Page - Texas Instruments LM4562 Datasheet HTML 5Page - Texas Instruments LM4562 Datasheet HTML 6Page - Texas Instruments LM4562 Datasheet HTML 7Page - Texas Instruments LM4562 Datasheet HTML 8Page - Texas Instruments LM4562 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
LM4562
www.ti.com
SNAS326J – AUGUST 2006 – REVISED APRIL 2013
LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
Check for Samples: LM4562
1
FEATURES
DESCRIPTION
The LM4562 is part of the ultra-low distortion, low-
2
Easily Drives 600
Ω Loads
noise, high-slew-rate operational amplifier series
Optimized for Superior Audio Signal Fidelity
optimized and fully specified for high-performance,
Output Short Circuit Protection
high-fidelity
applications.
Combining
advanced
leading-edge process technology with state-of-the-art
PSRR and CMRR Exceed 120dB (Typ)
circuit
design,
the
LM4562
audio
operational
SOIC, PDIP, and TO-99 Packages
amplifiers deliver superior audio signal amplification
for outstanding audio performance. The LM4562
APPLICATIONS
combines
extremely
low
voltage
noise
density
(2.7nV/
√Hz) with vanishingly low THD+N (0.00003%)
Ultra High-Quality Audio Amplification
to
easily
satisfy
the
most
demanding
audio
High-Fidelity Preamplifiers
applications. To ensure that the most challenging
High-Fidelity Multimedia
loads are driven without compromise, the LM4562
has a high slew rate of ±20V/
μs and an output current
State-of-the-Art Phono Pre Amps
capability of ±26mA. Further, dynamic range is
High-Performance Professional Audio
maximized by an output stage that drives 2k
Ω loads
High-Fidelity Equalization and Crossover
to within 1V of either power supply voltage and to
Networks
within 1.4V when driving 600
Ω loads.
High-Performance Line Drivers
The LM4562's outstanding CMRR (120dB), PSRR
High-Performance Line Receivers
(120dB), and VOS (0.1mV) give the amplifier excellent
operational amplifier DC performance.
High-Fidelity Active Filters
The LM4562 has a wide supply range of ±2.5V to
KEY SPECIFICATIONS
±17V. Over this supply range the LM4562’s input
circuitry
maintains
excellent
common-mode
and
Power Supply Voltage Range: ±2.5V to ± 17V
power supply rejection, as well as maintaining its low
THD+N (AV = 1, VOUT = 3VRMS, fIN = 1kHz)
input bias current. The LM4562 is unity gain stable.
RL = 2kΩ: 0.00003% (typ)
This
Audio
Operational
Amplifier
achieves
outstanding AC performance while driving complex
RL = 600Ω: 0.00003% (typ)
loads with values as high as 100pF.
Input Noise Density: 2.7nV/
√Hz (typ)
The LM4562 is available in an 8-lead narrow body
Slew Rate: ±20V/
μs (typ)
SOIC, an 8-lead PDIP, and an 8-lead TO-99.
Gain Bandwidth Product: 55MHz (typ)
Demonstration
boards
are
available
for
each
Open Loop Gain (RL = 600Ω): 140dB (typ)
package.
Input Bias Current: 10nA (typ)
Input Offset Voltage: 0.1mV (typ)
DC Gain Linearity Error: 0.000009%
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM4562

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4562 NSC-LM4562 Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562 TI1-LM4562 Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LM4562HA NSC-LM4562HA Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562HA/NOPB TI1-LM4562HA/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
LM4562HANOPB TI1-LM4562HANOPB Datasheet
1Mb / 42P
[Old version datasheet]   Dual High-Performance, High-Fidelity Audio Operational Amplifier
More results

Mô tả tương tự - LM4562

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM4562 TI1-LM4562 Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
LM4562 TI1-LM4562_14 Datasheet
1Mb / 42P
[Old version datasheet]   Dual High-Performance, High-Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LM4562 NSC-LM4562 Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49720 TI1-LME49720_14 Datasheet
1Mb / 40P
[Old version datasheet]   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49860 TI1-LME49860_14 Datasheet
1Mb / 40P
[Old version datasheet]   44V Dual High Performance, High Fidelity Audio Operational Amplifier
LME49720 TI-LME49720 Datasheet
1Mb / 36P
[Old version datasheet]   LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49725 NSC-LME49725 Datasheet
1Mb / 24P
   PowerWise Dual High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com