công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2733XMFX bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LM2733XMFX
Giải thích chi tiết về linh kiện  LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM2733XMFX bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM2733XMFX Datasheet HTML 1Page - Texas Instruments LM2733XMFX Datasheet HTML 2Page - Texas Instruments LM2733XMFX Datasheet HTML 3Page - Texas Instruments LM2733XMFX Datasheet HTML 4Page - Texas Instruments LM2733XMFX Datasheet HTML 5Page - Texas Instruments LM2733XMFX Datasheet HTML 6Page - Texas Instruments LM2733XMFX Datasheet HTML 7Page - Texas Instruments LM2733XMFX Datasheet HTML 8Page - Texas Instruments LM2733XMFX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM2733
³;´
SW
FB
GND
VIN
SHDN
U1
R3
51K
SHDN
GND
5 VIN
C1
2.2PF
R2
13.3K
CF
120pF
D1
MBR0530
R1/205K
L1/10PH
C2
4.7PF
20V
OUT
170mA
(TYP)
LM2733
³;´
SW
FB
GND
VIN
SHDN
U1
R3
51K
SHDN
GND
5 VIN
C1
2.2PF
R2
13.3K
CF
220pF
D1
MBR0520
R1/117K
L1/10PH
C2
4.7PF
12V
OUT
330mA
(TYP)
LM2733
www.ti.com
SNVS209E – NOVEMBER 2002 – REVISED APRIL 2013
LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
Check for Samples: LM2733
1
FEATURES
DESCRIPTION
The LM2733 switching regulators are current-mode
2
40V DMOS FET Switch
boost converters operating fixed frequency of 1.6
1.6 MHz (“X”), 0.6 MHz (“Y”) Switching
MHz (“X” option) and 600 kHz (“Y” option).
Frequency
The use of SOT-23 package, made possible by the
Low RDS(ON) DMOS FET
minimal power loss of the internal 1A switch, and use
Switch Current up to 1A
of small inductors and capacitors result in the
industry's highest power density. The 40V internal
Wide Input Voltage Range (2.7V–14V)
switch makes these solutions perfect for boosting to
Low Shutdown Current (<1 µA)
voltages of 16V or greater.
5-Lead SOT-23 Package
These parts have a logic-level shutdown pin that can
Uses Tiny Capacitors and Inductors
be used to reduce quiescent current and extend
Cycle-by-Cycle Current Limiting
battery life.
Internally Compensated
Protection is provided through cycle-by-cycle current
limiting and thermal shutdown. Internal compensation
APPLICATIONS
simplifies design and reduces component count.
White LED Current Source
Table 1. Switch Frequency
PDA’s and Palm-Top Computers
X
Y
Digital Cameras
1.6 MHz
0.6 MHz
Portable Phones and Games
Local Boost Regulator
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM2733XMFX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2733XMFX NSC-LM2733XMFX Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
LM2733XMFX NSC-LM2733XMFX Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2733XMFX/NOPB TI-LM2733XMFX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]    0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
More results

Mô tả tương tự - LM2733XMFX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731 TI1-LM2731_14 Datasheet
1Mb / 22P
[Old version datasheet]   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731XMF_NOPB TI1-LM2731XMF_NOPB Datasheet
667Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI-LM2731_15 Datasheet
1Mb / 29P
[Old version datasheet]    0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
LM2731YMFX TI-LM2731YMFX Datasheet
629Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM2733 NSC-LM2733 Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
logo
Texas Instruments
LM2733 TI-LM2733_15 Datasheet
1Mb / 26P
[Old version datasheet]    0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com