công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2733 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM2733
Giải thích chi tiết về linh kiện  LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM2733 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM2733 Datasheet HTML 2Page - Texas Instruments LM2733 Datasheet HTML 3Page - Texas Instruments LM2733 Datasheet HTML 4Page - Texas Instruments LM2733 Datasheet HTML 5Page - Texas Instruments LM2733 Datasheet HTML 6Page - Texas Instruments LM2733 Datasheet HTML 7Page - Texas Instruments LM2733 Datasheet HTML 8Page - Texas Instruments LM2733 Datasheet HTML 9Page - Texas Instruments LM2733 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
0
50
100
150
200
LOAD CURRENT (mA)
0
10
20
30
40
50
60
70
80
90
VIN=10V
0
50
100
150
200
0
10
20
30
40
50
60
70
80
90
100
VIN = 10V
LOAD CURRENT (mA)
0
50
100
150
200
250
300 350
0
10
20
30
40
50
60
70
80
90
100
VIN = 10V
VIN = 5V
LOAD CURRENT (mA)
0
100
200
300
400
500
600 700
0
10
20
30
40
50
60
70
80
90
100
VIN = 10V
VIN = 5V
VIN = 3.3V
LOAD CURRENT (mA)
0
50
100 150 200 250
300 350 400
0
10
20
30
40
50
60
70
80
90
100
VIN = 10V
VIN = 5V
LOAD CURRENT (mA)
LM2733
SNVS209E – NOVEMBER 2002 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: VIN = 5V, SHDN pin is tied to VIN.
Efficiency vs Load Current (VOUT = 20V) - "X"
Efficiency vs Load Current (VOUT = 25V) - "X"
Figure 14.
Figure 15.
Efficiency vs Load Current (VOUT = 30V) - "X"
Efficiency vs Load Current (VOUT = 35V) - "X"
Figure 16.
Figure 17.
Efficiency vs Load Current (VOUT = 40V) - "X"
Efficiency vs Load (VOUT = 15V) - "Y"
Figure 18.
Figure 19.
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2733


Số phần tương tự - LM2733

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2733 NSC-LM2733 Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
LM2733 NSC-LM2733 Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2733 TI-LM2733 Datasheet
1Mb / 22P
[Old version datasheet]   40V DMOS FET Switch, 1.6 MHz (?쏼??, 0.6 MHz (?쏽?? Switching Frequency
LM2733 TI-LM2733 Datasheet
1Mb / 26P
[Old version datasheet]    0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM2733XMF NSC-LM2733XMF Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
More results

Mô tả tương tự - LM2733

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731 TI1-LM2731_14 Datasheet
1Mb / 22P
[Old version datasheet]   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731XMF_NOPB TI1-LM2731XMF_NOPB Datasheet
667Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI-LM2731_15 Datasheet
1Mb / 29P
[Old version datasheet]    0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
LM2731YMFX TI-LM2731YMFX Datasheet
629Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM2733 NSC-LM2733 Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
logo
Texas Instruments
LM2733 TI-LM2733_15 Datasheet
1Mb / 26P
[Old version datasheet]    0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com