công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAZH686K006LBSB0000 bảng dữ liệu(PDF) 4 Page - AVX Corporation

tên linh kiện TAZH686K006LBSB0000
Giải thích chi tiết về linh kiện  TAZ Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVX [AVX Corporation]
Trang chủ  http://www.avx.com
Logo AVX - AVX Corporation

TAZH686K006LBSB0000 bảng dữ liệu(HTML) 4 Page - AVX Corporation

  TAZH686K006LBSB0000 Datasheet HTML 1Page - AVX Corporation TAZH686K006LBSB0000 Datasheet HTML 2Page - AVX Corporation TAZH686K006LBSB0000 Datasheet HTML 3Page - AVX Corporation TAZH686K006LBSB0000 Datasheet HTML 4Page - AVX Corporation TAZH686K006LBSB0000 Datasheet HTML 5Page - AVX Corporation TAZH686K006LBSB0000 Datasheet HTML 6Page - AVX Corporation TAZH686K006LBSB0000 Datasheet HTML 7Page - AVX Corporation TAZH686K006LBSB0000 Datasheet HTML 8Page - AVX Corporation TAZH686K006LBSB0000 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
10
JUNE 2013
TAZ Series
CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
Parametric Specifications by Rating per MIL-PRF-55365/4
Typical Ripple Data by Rating
Cap
DC Rated
ESR @
DCL max
DF Max
Power
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
@ 120Hz
Voltage
100kHz
+25ºC
+85ºC
+125ºC
+25ºC
+(85/125)ºC
-55ºC
Dissipation
Ripple
Ripple
Ripple
Ripple
Ripple
Ripple
CWR09 P/N
AVX MIL & COTS-Plus p/n
AVX SRC9000 P/N
Case
μF
V
Ohms
(μA)
(μA)
(μA)
(%)
(%)
(%)
W
AAA
V
V
V
@ 25ºC
@ +85ºC
@ +25ºC
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
CWR09M^224*@+ TAZ A 224 * 035 C # @ 0 ^ ++ TAZ A 224 * 035 C L @ 9 ^ ++
A
0.22
35
18
1
10
12
6
8
8
0.050
0.05
0.05
0.02
0.95
0.85
0.38
CWR09M^474*@+ TAZ B 474 * 035 C # @ 0 ^ ++ TAZ B 474 * 035 C L @ 9 ^ ++
B
0.47
35
10
1
10
12
6
8
8
0.070
0.08
0.08
0.03
0.84
0.75
0.33
CWR09M^684*@+ TAZ C 684 * 035 C # @ 0 ^ ++ TAZ C 684 * 035 C L @ 9 ^ ++
C
0.68
35
8
1
10
12
6
8
8
0.075
0.10
0.09
0.04
0.77
0.70
0.31
CWR09M^105*@+ TAZ D 105 * 035 C # @ 0 ^ ++ TAZ D 105 * 035 C L @ 9 ^ ++
D
1
35
6.5
1
10
12
6
8
8
0.080
0.11
0.10
0.04
0.72
0.65
0.29
CWR09M^155*@+
TAZ E 155 * 035 C # @ 0 ^ ++ TAZ E 155 * 035 C L @ 9 ^ ++
E
1.5
35
4.5
1
10
12
6
8
8
0.090
0.14
0.13
0.06
0.64
0.57
0.25
CWR09M^335*@+
TAZ F 335 * 035 C # @ 0 ^ ++ TAZ F 335 * 035 C L @ 9 ^ ++
F
3.3
35
2.5
1
10
12
6
8
8
0.100
0.20
0.18
0.08
0.50
0.45
0.20
CWR09M^475*@+ TAZ G 475 * 035 C # @ 0 ^ ++ TAZ G 475 * 035 C L @ 9 ^ ++
G
4.7
35
1.5
2
20
24
6
8
8
0.125
0.29
0.26
0.12
0.43
0.39
0.17
CWR09M^685*@+ TAZ H 685 * 035 C # @ 0 ^ ++ TAZ H 685 * 035 C L @ 9 ^ ++
H
6.8
35
1.3
3
30
36
6
8
8
0.150
0.34
0.31
0.14
0.44
0.40
0.18
CWR09N^104*@+
TAZ A 104 * 050 C # @ 0 ^ ++ TAZ A 104 * 050 C L @ 9 ^ ++
A
0.1
50
22
1
10
12
6
8
8
0.050
0.05
0.04
0.02
1.05
0.94
0.42
CWR09N^154*@+
TAZ A 154 * 050 C # @ 0 ^ ++ TAZ A 154 * 050 C L @ 9 ^ ++
A
0.15
50
17
1
10
12
6
8
8
0.050
0.05
0.05
0.02
0.92
0.83
0.37
CWR09N^224*@+
TAZ B 224 * 050 C # @ 0 ^ ++ TAZ B 224 * 050 C L @ 9 ^ ++
B
0.22
50
14
1
10
12
6
8
8
0.070
0.07
0.06
0.03
0.99
0.89
0.40
CWR09N^334*@+
TAZ B 334 * 050 C # @ 0 ^ ++ TAZ B 334 * 050 C L @ 9 ^ ++
B
0.33
50
12
1
10
12
6
8
8
0.070
0.08
0.07
0.03
0.92
0.82
0.37
CWR09N^474*@+
TAZ C 474 * 050 C # @ 0 ^ ++ TAZ C 474 * 050 C L @ 9 ^ ++
C
0.47
50
8
1
10
12
6
8
8
0.075
0.10
0.09
0.04
0.77
0.70
0.31
CWR09N^684*@+
TAZ D 684 * 050 C # @ 0 ^ ++ TAZ D 684 * 050 C L @ 9 ^ ++
D
0.68
50
7
1
10
12
6
8
8
0.080
0.11
0.10
0.04
0.75
0.67
0.30
CWR09N^105*@+
TAZ E 105 * 050 C # @ 0 ^ ++ TAZ E 105 * 050 C L @ 9 ^ ++
E
1
50
6
1
10
12
6
8
8
0.090
0.12
0.11
0.05
0.73
0.66
0.29
CWR09N^155*@+
TAZ F 155 * 050 C # @ 0 ^ ++ TAZ F 155 * 050 C L @ 9 ^ ++
F
1.5
50
4
1
10
12
6
8
8
0.100
0.16
0.14
0.06
0.63
0.57
0.25
CWR09N^225*@+
TAZ F 225 * 050 C # @ 0 ^ ++ TAZ F 225 * 050 C L @ 9 ^ ++
F
2.2
50
2.5
2
20
24
6
8
8
0.100
0.20
0.18
0.08
0.50
0.45
0.20
CWR09N^335*@+ TAZ G 335 * 050 C # @ 0 ^ ++ TAZ G 335 * 050 C L @ 9 ^ ++
G
3.3
50
2
2
20
24
6
8
8
0.125
0.25
0.23
0.10
0.50
0.45
0.20
CWR09N^475*@+
TAZ H 475 * 050 C # @ 0 ^ ++ TAZ H 475 * 050 C L @ 9 ^ ++
H
4.7
50
1.5
3
30
36
6
8
8
0.150
0.32
0.28
0.13
0.47
0.43
0.19
RATING & PART NUMBER REFERENCE
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Số phần tương tự - TAZH686K006LBSB0000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVX Corporation
TAZH107004C AVX-TAZH107004C Datasheet
895Kb / 51P
   Introduction AVX Tantalum
More results

Mô tả tương tự - TAZH686K006LBSB0000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ferroxcube Internationa...
CSV-RM4-1S-6P-TAZ FERROXCUBE-CSV-RM4-1S-6P-TAZ Datasheet
63Kb / 1P
   CSV-RM4-1S-6P-TAZ
logo
AVX Corporation
CWR19FC107KBGB AVX-CWR19FC107KBGB Datasheet
303Kb / 14P
   TAZ Series CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com