công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAZH686K004LBSB0000 bảng dữ liệu(PDF) 7 Page - AVX Corporation

tên linh kiện TAZH686K004LBSB0000
Giải thích chi tiết về linh kiện  TAZ Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVX [AVX Corporation]
Trang chủ  http://www.avx.com
Logo AVX - AVX Corporation

TAZH686K004LBSB0000 bảng dữ liệu(HTML) 7 Page - AVX Corporation

Back Button TAZH686K004LBSB0000 Datasheet HTML 3Page - AVX Corporation TAZH686K004LBSB0000 Datasheet HTML 4Page - AVX Corporation TAZH686K004LBSB0000 Datasheet HTML 5Page - AVX Corporation TAZH686K004LBSB0000 Datasheet HTML 6Page - AVX Corporation TAZH686K004LBSB0000 Datasheet HTML 7Page - AVX Corporation TAZH686K004LBSB0000 Datasheet HTML 8Page - AVX Corporation TAZH686K004LBSB0000 Datasheet HTML 9Page - AVX Corporation TAZH686K004LBSB0000 Datasheet HTML 10Page - AVX Corporation TAZH686K004LBSB0000 Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
JUNE 2013
13
TAZ Series
CWR19 - MIL-PRF-55365/11 Established Reliability, COTS-Plus & Space Level
Parametric Specifications by Rating per MIL-PRF-55365/11
Typical Ripple Data by Rating
Cap
DC Rated
ESR @
DCL max
DF Max
Power
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
@ 120Hz
Voltage
100kHz
+25ºC
+85ºC
+125ºC
+25ºC
+(85/125)ºC
-55ºC
Dissipation
Ripple
Ripple
Ripple
Ripple
Ripple
Ripple
CWR19 P/N
AVX MIL & COTS-Plus P/N
AVX SRC9000 P/N
Case
μF
V
Ohms
(μA)
(μA)
(μA)
(%)
(%)
(%)
W
AAA
V
V
V
@ 25ºC
@ +85ºC
@ +25ºC
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
CWR19C^335*@A+
TAZ A 335 * 004 C # @ 0 ^ ++ TAZ A 335 * 004 C L @ 9 ^ ++
A
3.3
4
12
1
10
12
6
8
8
0.050
0.06
0.06
0.03
0.77
0.70
0.31
CWR19C^475*@A+
TAZ A 475 * 004 C # @ 0 ^ ++ TAZ A 475 * 004 C L @ 9 ^ ++
A
4.7
4
12
1
10
12
6
8
8
0.050
0.06
0.06
0.03
0.77
0.70
0.31
CWR19C^685*@A+
TAZ A 685 * 004 C # @ 0 ^ ++ TAZ A 685 * 004 C L @ 9 ^ ++
A
6.8
4
12
1
10
12
6
8
8
0.050
0.06
0.06
0.03
0.77
0.70
0.31
CWR19C^106*@B+
TAZ B 106 * 004 C # @ 0 ^ ++ TAZ B 106 * 004 C L @ 9 ^ ++
B
10
4
8
1
10
12
8
10
10
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR19C^156*@B+
TAZ B 156 * 004 C # @ 0 ^ ++ TAZ B 156 * 004 C L @ 9 ^ ++
B
15
4
8
1
10
12
8
10
10
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR19C^226*@B+
TAZ B 226 * 004 C # @ 0 ^ ++ TAZ B 226 * 004 C L @ 9 ^ ++
B
22
4
8
1
10
12
8
10
10
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR19C^226*@D+
TAZ D 226 * 004 C # @ 0 ^ ++ TAZ D 226 * 004 C L @ 9 ^ ++
D
22
4
4
1
10
12
8
10
12
0.080
0.14
0.13
0.06
0.57
0.51
0.23
CWR19C^336*@D+
TAZ D 336 * 004 C # @ 0 ^ ++ TAZ D 336 * 004 C L @ 9 ^ ++
D
33
4
4
2
20
24
8
10
12
0.080
0.14
0.13
0.06
0.57
0.51
0.23
CWR19C^336*@E+
TAZ E 336 * 004 C # @ 0 ^ ++ TAZ E 336 * 004 C L @ 9 ^ ++
E
33
4
3
2
20
24
8
10
12
0.090
0.17
0.16
0.07
0.52
0.47
0.21
CWR19C^476*@E+
TAZ E 476 * 004 C # @ 0 ^ ++ TAZ E 476 * 004 C L @ 9 ^ ++
E
47
4
3
2
20
24
8
10
12
0.090
0.17
0.16
0.07
0.52
0.47
0.21
CWR19C^686*@E+
TAZ E 686 * 004 C # @ 0 ^ ++ TAZ E 686 * 004 C L @ 9 ^ ++
E
68
4
3
3
30
36
8
10
12
0.090
0.17
0.16
0.07
0.52
0.47
0.21
CWR19C^107*@F+
TAZ F 107 * 004 C # @ 0 ^ ++ TAZ F 107 * 004 C L @ 9 ^ ++
F
100
4
2
4
40
48
10
12
12
0.100
0.22
0.20
0.09
0.45
0.40
0.18
CWR19C^157*@G+
TAZ G 157 * 004 C # @ 0 ^ ++ TAZ G 157 * 004 C L @ 9 ^ ++
G
150
4
1
6
60
72
10
12
12
0.125
0.35
0.32
0.14
0.35
0.32
0.14
CWR19C^227*@H+
TAZ H 227 * 004 C # @ 0 ^ ++ TAZ H 227 * 004 C L @ 9 ^ ++
H
220
4
1
8
80
96
10
12
12
0.150
0.39
0.35
0.15
0.39
0.35
0.15
CWR19C^337*@H+
TAZ H 337 * 004 C # @ 0 ^ ++ TAZ H 337 * 004 C L @ 9 ^ ++
H
330
4
0.9
10
100
120
10
12
12
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19D^335*@A+
TAZ A 335 * 006 C # @ 0 ^ ++ TAZ A 335 * 006 C L @ 9 ^ ++
A
3.3
6
12
1
10
12
6
8
8
0.050
0.06
0.06
0.03
0.77
0.70
0.31
CWR19D^475*@A+
TAZ A 475 * 006 C # @ 0 ^ ++ TAZ A 475 * 006 C L @ 9 ^ ++
A
4.7
6
12
1
10
12
6
8
8
0.050
0.06
0.06
0.03
0.77
0.70
0.31
CWR19D^685*@B+
TAZ B 685 * 006 C # @ 0 ^ ++ TAZ B 685 * 006 C L @ 9 ^ ++
B
6.8
6
8
1
10
12
6
8
8
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR19D^106*@B+
TAZ B 106 * 006 C # @ 0 ^ ++ TAZ B 106 * 006 C L @ 9 ^ ++
B
10
6
8
1
10
12
6
8
8
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR19D^156*@B+
TAZ B 156 * 006 C # @ 0 ^ ++ TAZ B 156 * 006 C L @ 9 ^ ++
B
15
6
8
1
10
12
8
10
10
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR19D^156*@D+
TAZ D 156 * 006 C # @ 0 ^ ++ TAZ D 156 * 006 C L @ 9 ^ ++
D
15
6
5
1
10
12
8
10
12
0.080
0.13
0.11
0.05
0.63
0.57
0.25
CWR19D^226*@D+
TAZ D 226 * 006 C # @ 0 ^ ++ TAZ D 226 * 006 C L @ 9 ^ ++
D
22
6
5
1
10
12
6
8
8
0.080
0.13
0.11
0.05
0.63
0.57
0.25
CWR19D^156*@E+
TAZ E 156 * 006 C # @ 0 ^ ++ TAZ E 156 * 006 C L @ 9 ^ ++
E
15
6
3
1
10
12
8
10
12
0.090
0.17
0.16
0.07
0.52
0.47
0.21
CWR19D^226*@E+
TAZ E 226 * 006 C # @ 0 ^ ++ TAZ E 226 * 006 C L @ 9 ^ ++
E
22
6
3.5
2
20
24
8
10
12
0.090
0.16
0.14
0.06
0.56
0.51
0.22
CWR19D^336*@E+
TAZ E 336 * 006 C # @ 0 ^ ++ TAZ E 336 * 006 C L @ 9 ^ ++
E
33
6
3.5
2
20
24
6
8
8
0.090
0.16
0.14
0.06
0.56
0.51
0.22
CWR19D^476*@F+
TAZ F 476 * 006 C # @ 0 ^ ++ TAZ F 476 * 006 C L @ 9 ^ ++
F
47
6
3.5
3
30
36
8
10
12
0.100
0.17
0.15
0.07
0.59
0.53
0.24
CWR19D^686*@F+
TAZ F 686 * 006 C # @ 0 ^ ++ TAZ F 686 * 006 C L @ 9 ^ ++
F
68
6
1.5
4
40
48
10
12
12
0.100
0.26
0.23
0.10
0.39
0.35
0.15
CWR19D^686*@G+
TAZ G 686 * 006 C # @ 0 ^ ++ TAZ G 686 * 006 C L @ 9 ^ ++
G
68
6
1
4
40
48
10
12
12
0.125
0.35
0.32
0.14
0.35
0.32
0.14
CWR19D^107*@G+
TAZ G 107 * 006 C # @ 0 ^ ++ TAZ G 107 * 006 C L @ 9 ^ ++
G
100
6
1.1
6
60
72
10
12
12
0.125
0.34
0.30
0.13
0.37
0.33
0.15
CWR19D^157*@G+
TAZ G 157 * 006 C # @ 0 ^ ++ TAZ G 157 * 006 C L @ 9 ^ ++
G
150
6
1.1
10
100
120
10
12
12
0.125
0.34
0.30
0.13
0.37
0.33
0.15
CWR19D^227*@H+
TAZ H 227 * 006 C # @ 0 ^ ++ TAZ H 227 * 006 C L @ 9 ^ ++
H
220
6
0.9
10
100
120
10
12
12
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19D^337*@H+
TAZ H 337 * 006 C # @ 0 ^ ++ TAZ H 337 * 006 C L @ 9 ^ ++
H
330
6
0.9
20
200
240
10
12
12
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19F^225*@A+
TAZ A 225 * 010 C # @ 0 ^ ++ TAZ A 225 * 010 C L @ 9 ^ ++
A
2.2
10
12
1
10
12
6
8
8
0.050
0.06
0.06
0.03
0.77
0.70
0.31
CWR19F^335*@A+
TAZ A 335 * 010 C # @ 0 ^ ++ TAZ A 335 * 010 C L @ 9 ^ ++
A
3.3
10
12
1
10
12
6
8
8
0.050
0.06
0.06
0.03
0.77
0.70
0.31
CWR19F^475*@B+
TAZ B 475 * 010 C # @ 0 ^ ++ TAZ B 475 * 010 C L @ 9 ^ ++
B
4.7
10
8
1
10
12
6
8
8
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR19F^685*@B+
TAZ B 685 * 010 C # @ 0 ^ ++ TAZ B 685 * 010 C L @ 9 ^ ++
B
6.8
10
8
1
10
12
6
8
8
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR19F^106*@B+
TAZ B 106 * 010 C # @ 0 ^ ++ TAZ B 106 * 010 C L @ 9 ^ ++
B
10
10
8
1
10
12
8
10
10
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR19F^475*@C+
TAZ C 475 * 010 C # @ 0 ^ ++ TAZ C 475 * 010 C L @ 9 ^ ++
C
4.7
10
5.5
1
10
12
6
8
8
0.075
0.12
0.11
0.05
0.64
0.58
0.26
CWR19F^685*@C+
TAZ C 685 * 010 C # @ 0 ^ ++ TAZ C 685 * 010 C L @ 9 ^ ++
C
6.8
10
5.5
1
10
12
6
8
8
0.075
0.12
0.11
0.05
0.64
0.58
0.26
CWR19F^106*@C+
TAZ C 106 * 010 C # @ 0 ^ ++ TAZ C 106 * 010 C L @ 9 ^ ++
C
10
10
5.5
1
10
12
6
8
8
0.075
0.12
0.11
0.05
0.64
0.58
0.26
CWR19F^685*@D+
TAZ D 685 * 010 C # @ 0 ^ ++ TAZ D 685 * 010 C L @ 9 ^ ++
D
6.8
10
5
1
10
12
6
8
8
0.080
0.13
0.11
0.05
0.63
0.57
0.25
CWR19F^106*@D+
TAZ D 106 * 010 C # @ 0 ^ ++ TAZ D 106 * 010 C L @ 9 ^ ++
D
10
10
4
1
10
12
6
8
8
0.080
0.14
0.13
0.06
0.57
0.51
0.23
CWR19F^156*@D+
TAZ D 156 * 010 C # @ 0 ^ ++ TAZ D 156 * 010 C L @ 9 ^ ++
D
15
10
5
2
20
24
6
8
8
0.080
0.13
0.11
0.05
0.63
0.57
0.25
CWR19F^106*@E+
TAZ E 106 * 010 C # @ 0 ^ ++ TAZ E 106 * 010 C L @ 9 ^ ++
E
10
10
3.5
1
10
12
6
8
8
0.090
0.16
0.14
0.06
0.56
0.51
0.22
CWR19F^156*@E+
TAZ E 156 * 010 C # @ 0 ^ ++ TAZ E 156 * 010 C L @ 9 ^ ++
E
15
10
3
2
20
24
8
10
10
0.090
0.17
0.16
0.07
0.52
0.47
0.21
CWR19F^226*@E+
TAZ E 226 * 010 C # @ 0 ^ ++ TAZ E 226 * 010 C L @ 9 ^ ++
E
22
10
2
3
30
36
8
10
10
0.090
0.21
0.19
0.08
0.42
0.38
0.17
CWR19F^336*@F+
TAZ F 336 * 010 C # @ 0 ^ ++ TAZ F 336 * 010 C L @ 9 ^ ++
F
33
10
1.5
3
30
36
8
10
10
0.100
0.26
0.23
0.10
0.39
0.35
0.15
CWR19F^476*@F+
TAZ F 476 * 010 C # @ 0 ^ ++ TAZ F 476 * 010 C L @ 9 ^ ++
F
47
10
1.5
4
40
48
10
12
12
0.100
0.26
0.23
0.10
0.39
0.35
0.15
CWR19F^476*@G+
TAZ G 476 * 010 C # @ 0 ^ ++ TAZ G 476 * 010 C L @ 9 ^ ++
G
47
10
1
4
40
48
10
12
12
0.125
0.35
0.32
0.14
0.35
0.32
0.14
CWR19F^686*@G+
TAZ G 686 * 010 C # @ 0 ^ ++ TAZ G 686 * 010 C L @ 9 ^ ++
G
68
10
1.1
6
60
72
10
12
12
0.125
0.34
0.30
0.13
0.37
0.33
0.15
CWR19F^107*@G+
TAZ G 107 * 010 C # @ 0 ^ ++ TAZ G 107 * 010 C L @ 9 ^ ++
G
100
10
1.1
10
100
120
10
12
12
0.125
0.34
0.30
0.13
0.37
0.33
0.15
CWR19F^107*@H+
TAZ H 107 * 010 C # @ 0 ^ ++ TAZ H 107 * 010 C L @ 9 ^ ++
H
100
10
0.9
10
100
120
10
12
12
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19F^157*@H+
TAZ H 157 * 010 C # @ 0 ^ ++ TAZ H 157 * 010 C L @ 9 ^ ++
H
150
10
0.9
15
150
180
10
12
12
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19F^227*@H+
TAZ H 227 * 010 C # @ 0 ^ ++ TAZ H 227 * 010 C L @ 9 ^ ++
H
220
10
0.9
20
200
240
10
12
12
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19F^157*@X+
TAZ X 157 * 010 C # @ 0 ^ ++ TAZ X 157 * 010 C L @ 9 ^ ++
X
150
10
0.9
15
150
180
10
12
12
0.200
0.47
0.42
0.19
0.42
0.38
0.17
RATING & PART NUMBER REFERENCE
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Số phần tương tự - TAZH686K004LBSB0000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVX Corporation
TAZH107004C AVX-TAZH107004C Datasheet
895Kb / 51P
   Introduction AVX Tantalum
More results

Mô tả tương tự - TAZH686K004LBSB0000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ferroxcube Internationa...
CSV-RM4-1S-6P-TAZ FERROXCUBE-CSV-RM4-1S-6P-TAZ Datasheet
63Kb / 1P
   CSV-RM4-1S-6P-TAZ
logo
AVX Corporation
CWR19FC107KBGB AVX-CWR19FC107KBGB Datasheet
303Kb / 14P
   TAZ Series CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com