công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAZH686K006LRSBTH00 bảng dữ liệu(PDF) 5 Page - AVX Corporation |
|
TAZH686K006LRSBTH00 bảng dữ liệu(HTML) 5 Page - AVX Corporation |
5 / 15 page JUNE 2013 ■ 11 An extended range of capacitor ratings beyond CWR09 that is fully qualified to MIL-PRF- 55365/11, this series represents the most flexible of surface mount form factors, offering nine case sizes (the original A through H of CWR09) and adds the new X case size. The molded body / compliant termination construction ensures no TCE mismatch with any substrate. This construction is compatible with a wide range of SMT board assembly processes including wave or reflow solder, conductive epoxy or compression bonding techniques. The parts also carry full polarity and capacitance / voltage marking. The four smaller cases are characterized by their low profile construction, with the A case being the world’s smallest molded military tantalum chip. The series is qualified to MIL-PRF-55365 Weibull “B”, “C”, “D” and “T” levels, with all surge options (“A”, “B” & “C”) available. For Space Level applications, AVX SRC 9000 qualification is recommended (see ratings table for part number availability). There are four termination finishes available: solder plated, fused solder plated, hot solder dipped and gold plated (these are “H”, “K”, “C” and “B” termination, respectively, per MIL-PRF- 55365). In addition, the molding compound has been selected to meet the requirements of UL94V-0 (Flame Retardancy) and outgassing requirements of NASA SP-R-0022A. The TAZ “X” case size components are considered to be MSL 3 in accordance with J-STD-020. MARKING (White marking on black body) Polarity Stripe (+) Capacitance Code Rated Voltage CASE DIMENSIONS: millimeters (inches) Case Length (L) Width (W) Height (H) Term. Length (A) Typical Code ±0.38 (0.015) ±0.38 (0.015) ±0.38 (0.015) Term. Width (W1) +0.25/-0.13 S min Weight (g) (+0.010/-0.005) A 2.54 (0.100) 1.27 (0.050) 1.27 (0.050) 1.27±0.13 0.76 (0.030) 0.38 (0.015) 0.016 (0.050±0.005) B 3.81 (0.150) 1.27 (0.050) 1.27 (0.050) 1.27±0.13 0.76 (0.030) 1.65 (0.065) 0.025 (0.050±0.005) C 5.08 (0.200) 1.27 (0.050) 1.27 (0.050) 1.27±0.13 0.76 (0.030) 2.92 (0.115) 0.035 (0.050±0.005) D 3.81 (0.150) 2.54 (0.100) 1.27 (0.050) 2.41+0.13/-0.25 0.76 (0.030) 1.65 (0.065) 0.045 (0.095+0.005/-0.010) E 5.08 (0.200) 2.54 (0.100) 1.27 (0.050) 2.41+0.13/-0.25 0.76 (0.030) 2.92 (0.115) 0.065 (0.095+0.005/-0.010) F 5.59 (0.220) 3.43 (0.135) 1.78 (0.070) 3.30±0.13 0.76 (0.030) 3.43 (0.135) 0.125 (0.130±0.005) G 6.73 (0.265) 2.79 (0.110) 2.79 (0.110) 2.67±0.13 1.27 (0.050) 3.56 (0.140) 0.205 (0.105±0.005) H 7.24 (0.285) 3.81 (0.150) 2.79 (0.110) 3.68+0.13/-0.51 1.27 (0.050) 4.06 (0.160) 0.035 (0.145+0.005/-0.020) X 6.93 Max 5.41 Max 2.74 Max 3.05±0.13 1.19 (0.047) N/A 0.420 (0.273) (0.213) (0.108) (0.120±0.005) TAZ Series CWR19 - MIL-PRF-55365/11 Established Reliability, COTS-Plus & Space Level Capacitance Rated voltage DC (V R) at 85ºC μF Code 4V (C) 6V (D) 10V (F) 15V (H) 20V (J) 25V (K) 35V (M) 0.10 104 0.15 154 0.22 224 0.33 334 A 0.47 474 A 0.68 684 A 1.0 105 A A B 1.5 155 A B 2.2 225 A A B D 3.3 335 A A A B D E 4.7 475 A A B/C B/C/D E 6.8 685 A B B/C/D D/E E F G 10 106 B B B/C/D/E D/E E/F H 15 156 B B/D/E D/E E/F F G 22 226 B/D D/E E F G G/H 33 336 D/E E F F/G H H 47 476 E F F/G G/H H/X 68 686 E F/G G G/H 100 107 F G G/H H 150 157 G G H/X 220 227 H H H 330 337 H H CWR19-MIL-PRF 55365/11 CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE (LETTER DENOTES CASE SIZE) |
Số phần tương tự - TAZH686K006LRSBTH00 |
|
Mô tả tương tự - TAZH686K006LRSBTH00 |