công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74HCT4851-Q100 bảng dữ liệu(PDF) 10 Page - NXP Semiconductors |
|
74HCT4851-Q100 bảng dữ liệu(HTML) 10 Page - NXP Semiconductors |
10 / 21 page 74HC_HCT4851_Q100 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 1 — 2 August 2012 10 of 21 NXP Semiconductors 74HC4851-Q100; 74HCT4851-Q100 8-channel analog multiplexer/demultiplexer with injection-current effect control 11. Dynamic characteristics Table 9. Dynamic characteristics At recommended operating conditions; voltages are referenced to GND (ground 0 V); for load circuit see Figure 14. Symbol Parameter Conditions 25 C 40 C to +85 C 40 C to +125 C Unit Min Typ Max Min Max Min Max 74HC4851-Q100 tpd propagation delay Z, Yn to Yn, Z; see Figure 10 [1] VCC = 2.0 V - 10.0 25 - 29 - 32 ns VCC = 3.0 V - 6.0 15.5 - 17.5 - 19.5 ns VCC = 3.3 V - 5.0 14.5 - 16.5 - 18.5 ns VCC = 4.5 V - 4.0 11.5 - 12.5 - 13.5 ns VCC = 6.0 V - 3.0 10 - 11 - 12 ns Sn to Z, Yn; see Figure 11 [1] VCC = 2.0 V - 18.0 32 - 35 - 40 ns VCC = 3.0 V - 9.5 17.5 - 20 - 23 ns VCC = 3.3 V - 8.5 16.5 - 19 - 22 ns VCC = 4.5 V - 6.5 13 - 15 - 17 ns VCC = 6.0 V - 5.0 12.5 - 14.5 - 16.5 ns ten enable time E to Z, Yn; see Figure 12 [2] VCC = 2.0 V - - 95 - 105 - 115 ns VCC = 3.0 V - - 90 - 100 - 110 ns VCC = 3.3 V - - 85 - 95 - 105 ns VCC = 4.5 V - - 80 - 90 - 100 ns VCC = 6.0 V - - 78 - 80 - 80 ns tdis disable time E to Z, Yn; see Figure 12 [3] VCC = 2.0 V - - 99 - 105 - 115 ns VCC = 3.0 V - - 90 - 100 - 110 ns VCC = 3.3 V - - 85 - 95 - 105 ns VCC = 4.5 V - - 80 - 90 - 100 ns VCC = 6.0 V - - 78 - 80 - 80 ns CPD power dissipation capacitance per channel; see Figure 12 [4] VCC = 3.3 V - 28 - - - - - pF VCC = 5.0 V - 33 - - - - - pF |
Số phần tương tự - 74HCT4851-Q100 |
|
Mô tả tương tự - 74HCT4851-Q100 |