công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LD-445-1000MG bảng dữ liệu(PDF) 1 Page - Roithner LaserTechnik GmbH

tên linh kiện LD-445-1000MG
Giải thích chi tiết về linh kiện  Multi Transverse Mode Peak Wavelength: 445 nm Optical Ouput Power: 1W Package:5.6 mm, dismounted
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROITHNER [Roithner LaserTechnik GmbH]
Trang chủ  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LD-445-1000MG bảng dữ liệu(HTML) 1 Page - Roithner LaserTechnik GmbH

  LD-445-1000MG Datasheet HTML 1Page - Roithner LaserTechnik GmbH LD-445-1000MG Datasheet HTML 2Page - Roithner LaserTechnik GmbH LD-445-1000MG Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
02.09.2011
LD-445-1000MG
1 of 3
LD-445-1000MG
TECHNICAL DATA
Blue Laser Diode
Features
• Multi Transverse Mode
• Peak Wavelength: 445 nm
• Optical Ouput Power: 1W
• Package: 5.6 mm, dismounted
Electrical Connection
Pin Configuration
Bottom View
m-type
PIN
Function
1
LD Anode
2
n.c
3
LD Cathode
Absolute Maximum Ratings (TC=25°C)
Item
Symbol
Value
Unit
LD Reverse Voltage
VR (LD)
4.5
V
LD Forward Current
IF
1.4
A
Operating Case Temperature
TC
0 … +35
°C
Storage Temperature
Tstg
-30 … +70
°C
Specifications (TC=25°C, IOP=1.05A)
Item
Symbol
Min.
Typ.
Max.
Unit
Optical Specifications
Optical Output Power (CW)
PO
0.9
1.00
1.10
W
Dominant Wavelength
λD
442
445
448
nm
ΘII
5
12
25
deg
Beam Divergence Full Angle (1/e²)
Θ
30
40
50
deg
Emission Point Accuracy
Δθ
-5
Δθ
5
deg
Electrical Specifications
Threshold Current
Ith
150
-
200
mA
Operating Current
Iop
-
1.05
-
A
Operating Voltage
Vop
4.0
-
6.0
V
Slope Efficiency
η
0.8
-
1.8
W/A
*The above specifications are for reference purpose only and subjected to change without prior notice.


Số phần tương tự - LD-445-1000MG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Roithner LaserTechnik G...
LD-405-200 ROITHNER-LD-405-200 Datasheet
809Kb / 4P
   Peak Wavelength: 405nm Optical Ouput Power: 200mW Multi Transverse Mode Package:5.6 mm, without Photodiode
logo
Axiomtek Co., Ltd.
LD-420 AXIOMTEK-LD-420 Datasheet
126Kb / 1P
   42 Industrial Open Frame LCD Monitor
logo
Roithner LaserTechnik G...
LD-450-100SG ROITHNER-LD-450-100SG Datasheet
731Kb / 3P
   Royal Blue Laser Diode 450 nm, 100mW sihgle Transverse Mode Structure: GaN
LD-450-1400MG ROITHNER-LD-450-1400MG Datasheet
814Kb / 4P
   blue laser diode
LD-450-1600MG ROITHNER-LD-450-1600MG Datasheet
977Kb / 4P
   blue laser diode
More results

Mô tả tương tự - LD-445-1000MG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Roithner LaserTechnik G...
LD-405-200 ROITHNER-LD-405-200 Datasheet
809Kb / 4P
   Peak Wavelength: 405nm Optical Ouput Power: 200mW Multi Transverse Mode Package:5.6 mm, without Photodiode
LD1430-C003 ROITHNER-LD1430-C003 Datasheet
332Kb / 4P
   Lasing Mode Structure: single mode Peak Wavelength : typ. 1430 nm Optical Ouput Power: 3 mW, CW Package: 5.6 mm, flat window
ADL-63302TL ROITHNER-ADL-63302TL Datasheet
344Kb / 3P
   AlGaAlP laser diode Peak Wavelength 638nm Single Transverse/Longitudinal Mode Optical Ouput Power 30mW
LD1490-C010 ROITHNER-LD1490-C010 Datasheet
403Kb / 3P
   Lasing Mode: single longitudinal mode Peak Wavelength : typ. 1490 nm Optiacl Ouput Power: 10 mW, CW Package: 5.6 mm, flat window
LDM-0980-002W-35 ROITHNER-LDM-0980-002W-35 Datasheet
155Kb / 4P
   Lasing Mode Structure: multi mode Peak Wavelength : typ. 980 nm Optical Ouput Power: 2 W Package: TO-3, without Photodiode
LD1550-C500 ROITHNER-LD1550-C500 Datasheet
372Kb / 3P
   Lasing Mode Structure: multi mode Peak Wavelength : typ. 1560 nm Optical Ouput Power: 500 mW, CW Package: 9.0 mm, flat window MPD available on request
LD635-C220 ROITHNER-LD635-C220 Datasheet
156Kb / 2P
   Lasing Mode Structure: multi mode Peack Wavelength: typ. 633 nm Optical Ouput Power: 220 mW, CW Package: 9.0 mm, flat window
LD690-C350 ROITHNER-LD690-C350 Datasheet
156Kb / 2P
   Lasing Mode Structure: multi mode Peck Wavelength : typ. 690nm Optical Ouput Power: 350 mW, CW Package: 9.0 mm, flat window
APG2C1-395 ROITHNER-APG2C1-395 Datasheet
324Kb / 4P
   Structure: InGaN Peak Wavelength: 395 nm Optical Output Power: typ. 55 mWLife Time: > 10.000 hours
logo
Sharp Corporation
LT031MD SHARP-LT031MD Datasheet
85Kb / 2P
   HIGH POWER(MAXIMUM OPTICAL POWER OUTPUT:10MW) / SINGLE TRANSVERSE MODE
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com