công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FGB30N6S2D bảng dữ liệu(PDF) 5 Page - Fairchild Semiconductor

tên linh kiện FGB30N6S2D
Giải thích chi tiết về linh kiện  600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGB30N6S2D bảng dữ liệu(HTML) 5 Page - Fairchild Semiconductor

  FGB30N6S2D Datasheet HTML 1Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 2Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 3Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 4Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 5Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 6Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 7Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 8Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©2001 Fairchild Semiconductor Corporation
FGH30N6S2D / FGP30N6S2D / FGB30NS2D Rev. A
Figure 13. Transfer Characteristic
Figure 14. Gate Charge
Figure 15. Total Switching Loss vs Case
Temperature
Figure 16. Total Switching Loss vs Gate
Resistance
Figure 17. Capacitance vs Collector to Emitter
Voltage
Figure 18. Collector to Emitter On-State Voltage vs
Gate to Emitter Voltage
Typical Performance Curves (Continued)
0
25
50
79
16
75
150
5
125
100
175
6
8
10
11
12
13
14
15
PULSE DURATION = 250
µs
DUTY CYCLE < 0.5%, VCE = 10V
TJ = -55
oC
TJ = 125
oC
VGE , GATE TO EMITTER VOLTAGE (V)
TJ = 25
oC
QG, GATE CHARGE (nC)
2
10
0
6
4
8
12
2
6
10
12
0
14
16
14
16
18
24
48
20
IG(REF) = 1mA, RL = 25Ω, TJ = 25
oC
VCE = 200V
VCE = 400V
VCE = 600V
22
ICE = 6A
0
0.6
50
75
100
TC, CASE TEMPERATURE (
oC)
0.8
125
25
1.2
1.0
ICE = 24A
ICE = 12A
0.4
0.2
RG = 10Ω, L = 500mH, VCE = 390V, VGE = 15V
ETOTAL = EON2 + EOFF
150
0.1
10
100
RG, GATE RESISTANCE (Ω)
1.0
1000
10
1
ETOTAL = EON2 + EOFF
TJ = 125
oC, L = 500
µH, V
CE = 390V, VGE = 15V
ICE = 24A
ICE = 12A
ICE = 6A
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
CRES
0
1020
3040
50
0.0
0.4
1.2
1.4
0.8
COES
CIES
60
70
80
90
100
0.2
0.6
1.0
FREQUENCY = 1MHz
1.5
2.0
2.5
3.0
3.5
6
7
8
9
10
11
12
13
14
15
16
VGE, GATE TO EMITTER VOLTAGE (V)
ICE = 12A
DUTY CYCLE < 0.5%
PULSE DURATION = 250
µs, T
J = 25
oC
ICE = 6A
ICE = 24A


Số phần tương tự - FGB30N6S2D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FGB30N6S2D FAIRCHILD-FGB30N6S2D Datasheet
281Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
More results

Mô tả tương tự - FGB30N6S2D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FGK60N6S2D FAIRCHILD-FGK60N6S2D Datasheet
185Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH40N6S2D FAIRCHILD-FGH40N6S2D Datasheet
208Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH20N6S2D FAIRCHILD-FGH20N6S2D Datasheet
232Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH30N6S2D FAIRCHILD-FGH30N6S2D Datasheet
281Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH50N6S2D FAIRCHILD-FGH50N6S2D Datasheet
195Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGP20N6S2D FAIRCHILD-FGP20N6S2D Datasheet
231Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com