công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM1813MWX7F bảng dữ liệu(PDF) 8 Page - STMicroelectronics

tên linh kiện STM1813MWX7F
Giải thích chi tiết về linh kiện  Low power reset circuit
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1813MWX7F bảng dữ liệu(HTML) 8 Page - STMicroelectronics

Back Button STM1813MWX7F Datasheet HTML 4Page - STMicroelectronics STM1813MWX7F Datasheet HTML 5Page - STMicroelectronics STM1813MWX7F Datasheet HTML 6Page - STMicroelectronics STM1813MWX7F Datasheet HTML 7Page - STMicroelectronics STM1813MWX7F Datasheet HTML 8Page - STMicroelectronics STM1813MWX7F Datasheet HTML 9Page - STMicroelectronics STM1813MWX7F Datasheet HTML 10Page - STMicroelectronics STM1813MWX7F Datasheet HTML 11Page - STMicroelectronics STM1813MWX7F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Description
STM1810/1811/1812/1813/1815/1816/1817/1818
8/25
Doc ID11464 Rev 8
1.2.3
Active-high RST output (push-pull)
Pulses high when VCC drops below VRST, and stays high as long as VCC is below the reset
threshold. It remains high for trec after VCC rises above the reset threshold.
1.2.4
Active-low RST output (open-drain with internal 5.5 k
Ω pull-up) with
manual reset detect
Pulses low when VCC drops below VRST, or RST is externally pulled low for at least 1.5 µs.
It remains low for tPBRST after VCC rises above the reset threshold, or after the external
manual reset is released (see Figure 9). RST output has an internal 5.5 k
Ω pull-up resistor.
1.2.5
VCC
Supply voltage and input for VRST comparator.
1.2.6
VSS
Ground, is the reference for the power supply. It must be connected to the system ground.
Table 3.
STM1810/STM1815
Pin
Name
Function
1RST
Active-low reset output (push-pull)
2VCC
Supply voltage and input for reset threshold monitor
3VSS
Ground
Table 4.
STM1811/STM1816
Pin
Name
Function
1RST
Active-low reset output (open-drain, with internal 5.5 k
Ω pull-up resistor)
2VCC
Supply voltage and input for reset threshold monitor
3VSS
Ground
Table 5.
STM1812/STM1817
Pin
Name
Function
1
RST
Active-high reset output (push-pull)
2VCC
Supply voltage and input for reset threshold monitor
3VSS
Ground
Table 6.
STM1813/STM1818
Pin
Name
Function
1RST
Active-low reset output (open-drain, with internal 5.5 k
Ω pull-up) with push-
button/manual reset detect
2VCC
Supply voltage and input for reset threshold monitor
3VSS
Ground


Số phần tương tự - STM1813MWX7F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM1813MWX7F STMICROELECTRONICS-STM1813MWX7F Datasheet
321Kb / 20P
   Low Power Reset Circuit
More results

Mô tả tương tự - STM1813MWX7F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM1810 STMICROELECTRONICS-STM1810_07 Datasheet
261Kb / 25P
   Low power reset circuit
STM1810 STMICROELECTRONICS-STM1810 Datasheet
321Kb / 20P
   Low Power Reset Circuit
logo
Shenzhen Huazhimei Semi...
HM803 HMSEMI-HM803 Datasheet
818Kb / 11P
   Low-power microprocessor power monitoring reset circuit
logo
National Semiconductor ...
LP3470 NSC-LP3470 Datasheet
568Kb / 8P
   Tiny Power On Reset Circuit
logo
STMicroelectronics
STM809 STMICROELECTRONICS-STM809 Datasheet
255Kb / 18P
   Reset Circuit
logo
SG Micro Corp
SGM800 SGMICRO-SGM800_17 Datasheet
922Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
logo
STMicroelectronics
STM809 STMICROELECTRONICS-STM809_10 Datasheet
424Kb / 21P
   Reset circuit
logo
SG Micro Corp
SGM804 SGMICRO-SGM804_17 Datasheet
856Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
logo
STMicroelectronics
STM1001 STMICROELECTRONICS-STM1001 Datasheet
185Kb / 13P
   Reset Circuit
November 2004
STM1001 STMICROELECTRONICS-STM1001_05 Datasheet
243Kb / 14P
   Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com