công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM1813LWX7F bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện STM1813LWX7F
Giải thích chi tiết về linh kiện  Low power reset circuit
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1813LWX7F bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button STM1813LWX7F Datasheet HTML 5Page - STMicroelectronics STM1813LWX7F Datasheet HTML 6Page - STMicroelectronics STM1813LWX7F Datasheet HTML 7Page - STMicroelectronics STM1813LWX7F Datasheet HTML 8Page - STMicroelectronics STM1813LWX7F Datasheet HTML 9Page - STMicroelectronics STM1813LWX7F Datasheet HTML 10Page - STMicroelectronics STM1813LWX7F Datasheet HTML 11Page - STMicroelectronics STM1813LWX7F Datasheet HTML 12Page - STMicroelectronics STM1813LWX7F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
STM1810/1811/1812/1813/1815/1816/1817/1818
Operation
Doc ID11464 Rev 8
9/25
2
Operation
2.1
Reset output
The STM181x asserts a reset signal to the microcontroller (MCU) whenever VCC goes
below the reset threshold (VRST), and is guaranteed valid down to VCC = 1.0 V (0 °C to
105 °C). A microcontroller’s (MCU) reset input starts the MCU in a known state. The
STM1810 - STM1813/ STM1815 - STM1818 low power reset circuits assert reset to prevent
code-execution errors during power-up, power-down, and brownout conditions (Figure 7).
During power-up, once VCC exceeds the reset threshold an internal timer keeps RST low for
the reset time-out period, trec. After this interval, RST returns high.
If VCC drops below the reset threshold, RST goes low. Each time RST is asserted, it stays
low for at least the reset time-out period. Any time VCC goes below the reset threshold, the
internal timer clears. The reset timer starts when VCC returns above the reset threshold.
Reset trec is also triggered by an externally initiated rising edge on the RST pin
(STM1813/STM1818), following a low signal of 1.5 µs minimum duration.
2.2
Push-button detect reset (STM1813/1818)
Many systems require push-button reset capability (Figure 8), allowing the user or external
logic circuitry to initiate reset. On the STM1813/STM1818, a logic low on RST held for
greater than 1.5 µs asserts a reset. RST deasserts following a 100 ms minimum reset time-
out delay (trec). A manual reset input shorter than 1.5 µs may release RST without the
100 ms minimum reset time-out delay. To facilitate use with mechanical switches, the
STM1813/STM1818 contain internal debounce circuitry. A debounced waveform is shown in
Figure 9 The RST output has an internal 5.5 k
Ω pull-up resistor.
2.3
Interfacing to bidirectional microcontrollers (MCU’s)
As the RST output on the STM1811/STM1816 is open-drain, these devices interface easily
with MCU’s that have bidirectional reset pins. Connecting the µP supervisor’s reset (RST)
output directly to the microcontroller’s reset (RST) pin allows either device to assert reset
(Figure 10). No external pull-up resistor is required, as it is within the STM1811/STM1816.
2.4
Negative going VCC transients
The STM181x are relatively immune to negative-going VCC transients (glitches). Figure 19
shows typical transient duration versus reset comparator overdrive (for which the STM181x
will NOT generate a reset pulse). The graph was generated using a negative pulse applied
to VCC, starting at 0.5 V above the actual reset threshold and ending below it by the
magnitude indicated (comparator overdrive). The graph indicates the maximum pulse width
a negative VCC transient can have without causing a reset pulse. As the magnitude of the
transient increases (further below the threshold), the maximum allowable pulse width
decreases. Any combination of duration and overdrive which lies under the curve will NOT
generate a reset signal. Typically, a VCC transient that goes 100 mV below the reset
threshold and lasts 20 µs or less will not cause a reset pulse. A 0.1 µF bypass capacitor
mounted as close as possible to the VCC pin provides additional transient immunity.


Số phần tương tự - STM1813LWX7F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM1813LWX7F STMICROELECTRONICS-STM1813LWX7F Datasheet
321Kb / 20P
   Low Power Reset Circuit
More results

Mô tả tương tự - STM1813LWX7F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM1810 STMICROELECTRONICS-STM1810_07 Datasheet
261Kb / 25P
   Low power reset circuit
STM1810 STMICROELECTRONICS-STM1810 Datasheet
321Kb / 20P
   Low Power Reset Circuit
logo
Shenzhen Huazhimei Semi...
HM803 HMSEMI-HM803 Datasheet
818Kb / 11P
   Low-power microprocessor power monitoring reset circuit
logo
National Semiconductor ...
LP3470 NSC-LP3470 Datasheet
568Kb / 8P
   Tiny Power On Reset Circuit
logo
STMicroelectronics
STM809 STMICROELECTRONICS-STM809 Datasheet
255Kb / 18P
   Reset Circuit
logo
SG Micro Corp
SGM800 SGMICRO-SGM800_17 Datasheet
922Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
logo
STMicroelectronics
STM809 STMICROELECTRONICS-STM809_10 Datasheet
424Kb / 21P
   Reset circuit
logo
SG Micro Corp
SGM804 SGMICRO-SGM804_17 Datasheet
856Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
logo
STMicroelectronics
STM1001 STMICROELECTRONICS-STM1001 Datasheet
185Kb / 13P
   Reset Circuit
November 2004
STM1001 STMICROELECTRONICS-STM1001_05 Datasheet
243Kb / 14P
   Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com