công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CA17711-118 bảng dữ liệu(PDF) 1 Page - ITT Industries |
|
CA17711-118 bảng dữ liệu(HTML) 1 Page - ITT Industries |
1 / 34 page A-72 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change A ITT Cannon is the foremost manufac- turer of MS and MS type connectors with the widest range of connector styles, sizes and variations in the industry. These connectors utilize the finest materials, which, along with precision manufacturing and rigid quality control, assure ITT Cannon customers of the finest quality con- nectors. The MS A & B product line has environmentally safe green and black zinc alloy plating. The Black zinc plating is RoHS complaint. The plating is a high quality, uniform fin- ish. The contact, which are preloaded in the insulator, have been redesigned such that the solder cups remain in the proper orientation and will not rotate during wiring termina- tion. The contacts are machined for strength and durability and plated with silver. The Cannon MS A&B design meets the performance requirements of the MIL-C-5015. The product is available in all the popular sizes and configurations available in Class A (solid end bell) and Class B (split end bell) versions. Applications: • Industrial Controls • Test Equipment • Traffic Signals • Bus Systems • High strength aluminum alloy connector • High strength plastic insulators • Environmentally safe shell finishes • Protected against corrosion • High quality plating finish • Threaded coupling • Product is tooled and available in 50 insert patterns • Machined contacts • Low cost • UL recognized Temperature Range: –55°C to 125°C (-67°F to 257°F) Current Rating: 13 A to 150 A* Durability: 500 mating cycles min. Wire Accommodation: 0 to 20 AWG* No. of Contacts: 2 to 48 Termination: Solder *Depending on contact size. h si n iF la ir e t a M n o it p ir c s e D Green Zinc Standard, Black Zinc (RoHS), OD CAD y o ll A m u n i m u l A ll e h S — ci t s a l P d r a H r o t a l u s n I r e v li S y o ll A r e p p o C r o s s a r B t c a t n o C ELECTRICAL SERVICE DATA Test current ratings of contacts and allowable voltage drop under test con- ditions when assembled as in service are shown below. Maximum total cur- rent to be carried per connector is the same as the allowable in wire bundles as specified in MIL-W-5088. Contact Test Current Potential Drop Size (amps) (millivolts) 16 13 49 12 23 42 846 28 480 23 0 150 21 HIGH POTENTIAL TEST VOLTAGE MS connectors show no evidence of breakdown with the test voltage given below is applied between the two closest contacts and between the shell and the contacts closest to the shell for a period of one minute. Test Air Creepage MS Voltage Suggested* Spacing Distance Service (RMS) Operating Voltages Nom. Nom. Rating 60 cps DC AC (rms) (inches) (inches) Inst. 1000 250 200 1/16 A 2000 700 500 1/16 1/8 D 2800 1250 900 1/8 3/16 E 3500 1750 1250 3/16 1/4 B 4500 2450 1750 1/4 5/16 C 7000 4200 3000 5/16 1 *As indicated in previous MS Specification and to be used by designer only as a guide. CA /MS A&B Product Features and Benefits Performance Specifications Materials and Finishes ca_A1-A163.qxd:Layout 1 2/9/11 7:49 PM Page 72 |
Số phần tương tự - CA17711-118 |
|
Mô tả tương tự - CA17711-118 |