công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA17711-22 bảng dữ liệu(PDF) 4 Page - ITT Industries

tên linh kiện CA17711-22
Giải thích chi tiết về linh kiện  ITT Cannon is the foremost manufac-turer of MS and MS type connectors with the widest range of connector styles
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

CA17711-22 bảng dữ liệu(HTML) 4 Page - ITT Industries

  CA17711-22 Datasheet HTML 1Page - ITT Industries CA17711-22 Datasheet HTML 2Page - ITT Industries CA17711-22 Datasheet HTML 3Page - ITT Industries CA17711-22 Datasheet HTML 4Page - ITT Industries CA17711-22 Datasheet HTML 5Page - ITT Industries CA17711-22 Datasheet HTML 6Page - ITT Industries CA17711-22 Datasheet HTML 7Page - ITT Industries CA17711-22 Datasheet HTML 8Page - ITT Industries CA17711-22 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
A-75
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
* 10SL is available in the following configurations only: 3100, 3101, 3102,
pin contacts only and 3106 and 3108 socket contacts only
CA /MS A&B
Contact Cavity Arrangements
10SL-3
10SL-4
12S-3
14S-1
14S-2
14S-5
14S-6
14S-7
14S-9
16-9
16-10
16-11
A
Service
Rating
AA
A
A
A
A
A
A
Inst.
Inst.
Inst.
A
A
A (B,C,F,G)
Inst. (all others)
D
Inst.
A
A
A
DA
AD
D
D
A
A
A
A
A (C-F)
D (A,B,G,F)
DA
A
D
A
D
D (H)
A (all others)
A
D (G)
A (all others)
AA
AA
A
Inst.
AA
A
A
3 - #16
2 - #16
2 - #16
3 - #16
4 - #16
5 - #16
6 - #16
3 - #16
2 - #16
2 - #16 (B, D)
3 - #12
2 - #12
2 - #12 (A, C)
16S-1
16S-8
18-1
18-4
18-5
18-8
18-9
18-10
18-11
18-12
7 - #16
5 - #16
10 - #16
4 - #16
1 - #16 (A)
7 - #16 (A-G) 5 - #16 (B, C, E-G)
4 - #12
5 - #12
6 - #16
2 - #12 (B, C)
1 - #12 (H)
2 - #12 (A, D)
18-20
18-22
20-3
20-4
20-7
20-19
20-27
20-29
20-33
5 - #16
3 - #16
3 - #12
4 - #12
8 - #16
3 - #8
14 - #16
17 - #16
11 - #16
22-2
22-14
22-19
22-23
22-28
24-2
24-10
24-20
3 - #8
19 - #16
14 - #16
8 - #12
7 - #12
7 - #12
7 - #8
9 - #16 (A-D, G-L)
2 - #12 (E, F)
24-28
28-10
28-11
28-12
28-15
28-16
28-21
24 - #16
3 - #12 (A, F, G)
18 - #16 (A-I, N-X)
26 - #16
35 - #16
20 - #16
37 - #16
2 - #8 (B, E)
4 - #12 (J-M)
2 - #4 (C, D)
0
1
-
6
3
8
-
6
3
7
-
6
3
5
-
6
3
6
1
#
-
8
4
)
z
-
Z
,
X
-
A
(
6
1
#
-
6
4
)
s
-
a
,
Z
-
A
(
6
1
#
-
0
4
0
#
-
4
)
Y
(
2
1
#
-
1
)
z
-t
(
2
1
#
-
7
**
ca_A1-A163.qxd:Layout 1
2/9/11
7:49 PM
Page 75


Số phần tương tự - CA17711-22

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
CA17 MACOM-CA17 Datasheet
360Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
CA17 MA-COM-CA17 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1000 MHz
CA17 MA-COM-CA17 Datasheet
636Kb / 3P
   Cascadable Amplifier
logo
Ledil, Inc.
CA17117 LEDIL-CA17117 Datasheet
2Mb / 5P
   ~15째 50째 oval beam
CA17280 LEDIL-CA17280 Datasheet
9Mb / 4P
   ~15째 spot beam. Assembly with black holder
More results

Mô tả tương tự - CA17711-22

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ITT Industries
DENG9P-P1 ITT-DENG9P-P1 Datasheet
10Mb / 302P
   The ITT Cannon D Subminiature Family of connectors has grown to include a wide variety of styles
logo
List of Unclassifed Man...
DPXAMA-26-33S ETC2-DPXAMA-26-33S Datasheet
2Mb / 120P
   ITT Electronic Components is a division of the multinational ITT Corporation a $7.5billion dollar global enterprise.
logo
ITT Industries
KPT02E22-36PW ITT-KPT02E22-36PW Datasheet
326Kb / 31P
   The miniature circular connectors series KPT and KPSE from ITT Cannon are Manufactured acc
logo
List of Unclassifed Man...
5638A ETC2-5638A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
5649A ETC2-5649A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
logo
Shenzhen Huazhimei Semi...
HM8022B HMSEMI-HM8022B Datasheet
573Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8023 HMSEMI-HM8023 Datasheet
471Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8021A HMSEMI-HM8021A Datasheet
514Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8022A HMSEMI-HM8022A Datasheet
455Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8024 HMSEMI-HM8024 Datasheet
570Kb / 7P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com