công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML2004 bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện ML2004
Giải thích chi tiết về linh kiện  Logarithmic Gain/Attenuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML2004 bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  ML2004 Datasheet HTML 1Page - Fairchild Semiconductor ML2004 Datasheet HTML 2Page - Fairchild Semiconductor ML2004 Datasheet HTML 3Page - Fairchild Semiconductor ML2004 Datasheet HTML 4Page - Fairchild Semiconductor ML2004 Datasheet HTML 5Page - Fairchild Semiconductor ML2004 Datasheet HTML 6Page - Fairchild Semiconductor ML2004 Datasheet HTML 7Page - Fairchild Semiconductor ML2004 Datasheet HTML 8Page - Fairchild Semiconductor ML2004 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.fairchildsemi.com
REV. 1.1.1 3/19/01
Features
• Low noise: 0 dBrnc max with +24dB gain
• Low harmonic distortion: -60dB max
• Gain range: –24 to +24dB
• Resolution: 0.1dB steps
• Flat frequency response:
±0.05dB from .3–4 kHz
±0.10dB from .1-20 kHz
• Low supply current 4mA max from ±5V supplies
• TTL/CMOS compatible digital interface
• ML2003 has pin selectable serial or parallel interface;
ML2004 serial interface only
General Description
The ML2003 and ML2004 are digitally controlled logarith-
mic gain/attenuators with a range of –24 to +24 dB in 0.1 dB
steps.
The gain settings are selected by a 9-bit digital word.
The ML2003 digital interface is either parallel or serial.
The ML2004 is packaged in a 14-pin DIP with a serial
interface only.
Absolute gain accuracy is 0.05dB max over supply tolerance
of ±10% and temperature range.
These CMOS logarithmic gain/attenuators are designed for a
wide variety of applications in telecom, audio, sonar, or gen-
eral purpose function generation. One specific intended
application is analog telephone lines.
Block Diagram
Pin Connections
VOUT
VIN
VCC
PDN
A GND
VSS
GND
+
16
16
C0
C1
F0
F2
9
C2
C3
F1
F3
F2
(SCK)
C2
(LATI)
ATTEN/
GAIN
C1
(SID)
C0
(LATO)
F0
(SOD)
C3
(LATI)C2
(SID)C1
C0 (LATO)
NC
PDN
F3
F2 (SCK)
VOUT
VSS
A GND
NC
NC
(LATO)C0
PDN
F3
(SCK)F2
F1
GND
1
4
5
6
7
8
18
17
16
15
14
120 19
2
3
11 12 13
10
9
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
ATTEN/GAIN
ML2003
18-PIN DIP
20-Pin PCC
ML2003
TOP VIEW
TOP VIEW
VCC
VOUT
VSS
A GND
VIN
NC
F0 (SOD)
SER/PAR
COURSE
DECODER/MODE SELECTOR
9-BIT LATCH &
SHIFT REGISTER
RESISTORS/
SWITCHES
NOTE: SERIAL MODE FUNCTIONS INDICATED BY PARENTHESES.
RESISTORS/
SWITCHES
+
FINE
+
BUFFER
SER/PAR
LATI
SID
LATO
PDN
NC
SCK
GND
1
2
3
4
5
6
7
14
13
12
11
10
9
8
ML2004
14-PIN DIP
TOP VIEW
VCC
VOUT
VSS
A GND
VIN
NC
SOD
ML2003, ML2004
Logarithmic Gain/Attenuator


Số phần tương tự - ML2004

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Linear Corporatio...
ML2004CP MICRO-LINEAR-ML2004CP Datasheet
2Mb / 12P
   Logarithmic Gain/Attenuator
ML2004IP MICRO-LINEAR-ML2004IP Datasheet
2Mb / 12P
   Logarithmic Gain/Attenuator
More results

Mô tả tương tự - ML2004

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Linear Corporatio...
ML2003 MICRO-LINEAR-ML2003 Datasheet
2Mb / 12P
   Logarithmic Gain/Attenuator
ML2008 MICRO-LINEAR-ML2008 Datasheet
155Kb / 11P
   關P Compatible Logarithmic Gain/Attenuator
logo
Intersil Corporation
AN49.0 INTERSIL-AN49.0 Datasheet
155Kb / 2P
   Digital Audio Amplifier Gain Control using Logarithmic
logo
Dallas Semiconductor
DS1800 DALLAS-DS1800 Datasheet
428Kb / 14P
   Dual Inverting Log Gain/Attenuator
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
logo
Analog Devices
HMC948LP3E AD-HMC948LP3E Datasheet
654Kb / 8P
   LOGARITHMIC DETECTOR
logo
Texas Instruments
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
logo
Analog Devices
HMC1094 AD-HMC1094 Datasheet
563Kb / 14P
   Logarithmic Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com