công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML2035CP bảng dữ liệu(PDF) 3 Page - Fairchild Semiconductor

tên linh kiện ML2035CP
Giải thích chi tiết về linh kiện  Serial Input Programmable Sine Wave Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML2035CP bảng dữ liệu(HTML) 3 Page - Fairchild Semiconductor

  ML2035CP Datasheet HTML 1Page - Fairchild Semiconductor ML2035CP Datasheet HTML 2Page - Fairchild Semiconductor ML2035CP Datasheet HTML 3Page - Fairchild Semiconductor ML2035CP Datasheet HTML 4Page - Fairchild Semiconductor ML2035CP Datasheet HTML 5Page - Fairchild Semiconductor ML2035CP Datasheet HTML 6Page - Fairchild Semiconductor ML2035CP Datasheet HTML 7Page - Fairchild Semiconductor ML2035CP Datasheet HTML 8Page - Fairchild Semiconductor ML2035CP Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ML2035
REV. 1.0 10/10/2000
3
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = 4.5V to 5.5V, VSS = -4.5V to -5.5V, CLK IN = 12.352MHz, CL = 100pF, RL = 1kΩ,
TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
HD
Harmonic Distortion
20Hz to 5kHz
-45
dB
(2nd and 3rd Harmonic)
5kHz to 25kHz
-40
dB
SND
Signal to Noise + Distortion
200Hz to 3.4kHz,
-45
dB
fOUT BW = 20Hz to 4kHz
20Hz to 25kHz,
-40
dB
fOUT BW = 20 Hz to 75kHz
VGN
Gain Error
20Hz < fOUT < 5kHz
±0.15
dB
5kHz < fOUT < 25kHz
±0.3
dB
ICN
Idle Channel Noise
Power Down Mode, Cmsg Weighted
-20
0
dBrnc
Power Down Mode, 1kHz
50
nV/ Hz
PSRR
Power Supply Rejection Ratio
200mVP-P, 0 - 10kHz
VCC
-40
dB
Sine, Measured on VOUT
VSS
-40
dB
VOS
VOUT Offset Voltage
±75
mV
VP-P
Peak-to-Peak Output Voltage
±VCC/2
V
OSCILLATOR
VIL CLK
CLK IN Input Low Voltage
1.5
V
VIH CLK
CLK IN Input High Voltage
3.5
V
IIL CLK
CLK IN Input Low Current
-250
µA
IIH CLK
CLK IN Input High Current
250
µA
CIN CLK
CLK IN Input Capacitance
12
pF
tCKI
CLK IN On/Off Period
tR = tF = 10ns, 2.5V Midpoint
30
ns
LOGIC (LATI, SID, SCK)
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
IIL
Input Low Current
VIN = 0V
-1
µA
IIH
Input High Current
VIN = VCC
1
µA
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
VCC ............................................................................................. 6.5V
VSS ............................................................................................ -6.5V
VOUT ................................................... VSS - 0.3V to VCC + 0.3V
Voltage on any other pin ........ GND - 0.3V to VCC + 0.3V
Input Current ........................................................
±25mA
Junction Temperature ............................................. 150ºC
Storage Temperature Range ...................... –65ºC to 150ºC
Lead Temperature (Soldering, 10 sec) ..................... 260ºC
Thermal Resistance (
θJA)..................................... 110ºC/W
OPERATING CONDITIONS
Temperature Range
ML2035CP ................................................. 0ºC to 70ºC
ML2035IP ............................................... -40ºC to 85ºC
VCC Range ................................................... 4.5V to 5.5V
VSS Range ..................................................-4.5V to -5.5V


Số phần tương tự - ML2035CP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Linear Corporatio...
ML2035CP MICRO-LINEAR-ML2035CP Datasheet
207Kb / 9P
   Serial Input Programmable Sine Wave Generator
More results

Mô tả tương tự - ML2035CP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Linear Corporatio...
ML2035 MICRO-LINEAR-ML2035 Datasheet
207Kb / 9P
   Serial Input Programmable Sine Wave Generator
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Fairchild Semiconductor
ML2036 FAIRCHILD-ML2036 Datasheet
97Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Micro Linear Corporatio...
ML2037 MICRO-LINEAR-ML2037 Datasheet
208Kb / 10P
   500kHz, Serial Input, Programmable Sine Wave Generator with Digital Gain Control
logo
List of Unclassifed Man...
3003 ETC2-3003 Datasheet
493Kb / 1P
   10 MHz Sine/Square Wave Generator
logo
B&K Precision Corporati...
3003 BK-3003 Datasheet
493Kb / 1P
   10 MHz Sine/Square Wave Generator
logo
Analog Devices
3B42 AD-3B42 Datasheet
357Kb / 8P
   Isolated AC Sine Wave Input
REV. 0
3B44 AD-3B44_15 Datasheet
357Kb / 8P
   Isolated AC Sine Wave Input
REV. 0
3B42 AD-3B42_15 Datasheet
357Kb / 8P
   Isolated AC Sine Wave Input
REV. 0
3B43 AD-3B43_15 Datasheet
357Kb / 8P
   Isolated AC Sine Wave Input
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com