công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML2021 bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện ML2021
Giải thích chi tiết về linh kiện  Telephone Line Equalizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML2021 bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  ML2021 Datasheet HTML 1Page - Fairchild Semiconductor ML2021 Datasheet HTML 2Page - Fairchild Semiconductor ML2021 Datasheet HTML 3Page - Fairchild Semiconductor ML2021 Datasheet HTML 4Page - Fairchild Semiconductor ML2021 Datasheet HTML 5Page - Fairchild Semiconductor ML2021 Datasheet HTML 6Page - Fairchild Semiconductor ML2021 Datasheet HTML 7Page - Fairchild Semiconductor ML2021 Datasheet HTML 8Page - Fairchild Semiconductor ML2021 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.fairchildsemi.com
REV. 1.1.1 3/19/01
Features
• Slope, height, and bandwidth adjustable
• Optimized group delays (500 Hz to 6.4 kHz)
• On chip anti-alias filter
• Bypass mode
• Low supply current 6 mA typical from ±5V supplies
• TTL / CMOS compatible interface
• Double buffered data latch
• Selectable master clock 1.544 or 1.536 MHz
• Synchronous or asynchronous data loading capability
• Compatible with ML2003 and ML2004 logarithmic
gain/attenuator
General Description
The ML2021 is a monolithic analog line equalizer for tele-
phone applications. The ML2021 consists of a switched
capacitor filter that realizes a family of frequency response
curves optimized for telephone line equalization while mini-
mizing group delay.
The ML2021 consists of a continuous anti-aliasing filter,
three programmable switched capacitor equalization filters,
an output smoothing filter, a 600
Ω driver, and a digital
section for the serial interface.
The equalization filters adjust the slope, height, and band-
width of the frequency response. The desired frequency
response is programmed by a digital 14-bit serial input data
stream.
Block Diagram
Pin Connections
CLKSEL
AGND
CLKSEL
SID
NC
LATO
SCK
NC
SOD
CLK
CLKSEL
SID
NC
LATO
SCK
NC
SOD
CLK
VCC
VCC
PDN
PDN
VOUT
AGND
AGND
VIN
VSS
VSS
VIN
VOUT
LATI
LATI
NC
NC
GND
GND
TOP VIEW
TOP VIEW
1
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLK
CLOCK
GENERATOR
SMOOTHING
FILTER
MUX
ANTIALIAS
LO PASS
SLOPE
SECTION
HEIGHT
SECTION
BANDPASS
SECTION
VCC
VIN
PDN
LATI
SID
VOUT
GND
SOD
SCK
LATO
1
54
4
14
14-BIT LATCH
14-BIT SHIFT REGISTER
VSS
ML2021
16-PIN DIP
ML2021
18-PIN SOIC
ML2021
Telephone Line Equalizer


Số phần tương tự - ML2021

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Linear Corporatio...
ML2021 MICRO-LINEAR-ML2021 Datasheet
613Kb / 12P
   TELEPHONE LINE EQUALIZER
ML2021CP MICRO-LINEAR-ML2021CP Datasheet
613Kb / 12P
   TELEPHONE LINE EQUALIZER
ML2021CS MICRO-LINEAR-ML2021CS Datasheet
613Kb / 12P
   TELEPHONE LINE EQUALIZER
ML2021IP MICRO-LINEAR-ML2021IP Datasheet
613Kb / 12P
   TELEPHONE LINE EQUALIZER
ML2021IS MICRO-LINEAR-ML2021IS Datasheet
613Kb / 12P
   TELEPHONE LINE EQUALIZER
More results

Mô tả tương tự - ML2021

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Linear Corporatio...
ML2020 MICRO-LINEAR-ML2020 Datasheet
616Kb / 12P
   TELEPHONE LINE EQUALIZER
ML2021 MICRO-LINEAR-ML2021 Datasheet
613Kb / 12P
   TELEPHONE LINE EQUALIZER
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
   TELEPHONE LINE INTERFACE
logo
Adam Technologies, Inc.
MTJC-88-XB ADAM-TECH-MTJC-88-XB Datasheet
97Kb / 1P
   TELEPHONE JACK COUPLER TELEPHONE LINE CORD COUPLER
logo
Supertex, Inc
HT19 SUTEX-HT19_14 Datasheet
444Kb / 4P
   Electronic Telephone Line Switch
HT18 SUTEX-HT18_07 Datasheet
369Kb / 4P
   Electronic Telephone Line Switch
HT18 SUTEX-HT18 Datasheet
76Kb / 3P
   Electronic Telephone Line Switch
HT18 SUTEX-HT18_14 Datasheet
443Kb / 4P
   Electronic Telephone Line Switch
logo
NXP Semiconductors
UBA1706 PHILIPS-UBA1706 Datasheet
197Kb / 28P
   Cordless telephone line interface
1999 Jun 04
logo
List of Unclassifed Man...
XE0020 ETC-XE0020 Datasheet
26Kb / 6P
   Telephone Line Interface with Active Line Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com